Part Number Hot Search : 
SD758 SI2308DS LTC3856 7WG74 KIA7225S OP705C 150JE 1205E
Product Description
Full Text Search
 

To Download HPL0603-1NO-E02 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 HPL, TFL series, high-precision, thin-film chip inductors.
These 0805, 0402 and 0201 size chip inductors are adjustment free due to their tight tolerance. Additionally, this part also offers a high self-resonance frequency of 1 GHz and high Q value and a very excellent rated current.
SPECIFICATIONS Mechanical
P L T Dimension (Inch Size) L W P T HPL0603 (0201) 0.60 0.30 0.07 0.28 0.05 0.05 0.05 0.05 HPL1005 (0402) TFL0510 1.00 0.50 0.15 0.40 0.10 0.10 0.10 0.10 TFL0816 (0603) 1.60 0.80 0.30 0.45 0.10 0.10 0.20 0.10
(unit : mm)
W
Electrical
HPL1005 E 24 inductance range (nH) 1.0 9.1 10 39 0.1nH, 0.2nH 2% inductance tolerance Q value (at 300MHz) 20 15 15 13 35 25 25 20 Q value (at 800MHz) typ. 50 30 30 25 Q value (at 1.5GHz) typ. Self resonance Frequency(GHz) 7.0 4.0 10 6.0 3.5 3.5 DC resistance( ) 0.8 1.5 0.1 0.8 0.01 0.4 0.5 0.8 Rated Current(A) 0.2 0.15 0.5 0.2 1.8 0.34 0.3 0.24 10,000pcs/reel Package Measured at 500MHz in case of HPL0603, at 300MHz in case of HPL1005
Type inductance value
HPL0603 E 24 1.0 5.6 6.2 27 0.1nH, 0.2nH 2% 8 10 10 14 16 14 17 18 20 18 25
TFL0510 TFL0816 inductance value E 24 E 12 inductance range (nH) 1.0 1.2 1.3 2.2 2.4 3.9 4.3 9.1 10 16 18 39 1.0 4.7 5.6 8.2 10 27 33 68 82 100 0.1nH, 0.2nH 0.2nH 2% 3% 0.2nH 2% 2% inductance tolerance 10 *10 20 15 15 *15 *10 Q value (at 300MHz) 21 34 30 30 25 25 15 Q value (at 800MHz) typ. 25 25 20 20 **20 38 35 35 30 ** Q value (at 1.5GHz) typ. Self resonance Frequency(GHz) 7.0 5.5 4.0 4.0 2.0 1.5 6.0 5.0 5.0 4.0 4.0 2.0 1.5 1.0 1.0 DC resistance( ) 0.1 0.15 0.20 0.20 0.40 0.60 1.50 1.50 2.55 2.55 4.00 0.10 0.25 0.50 1.0 2.0 2.0 4.5 6.0 8.5 Rated Current(A) 0.93 0.60 0.58 0.42 0.34 0.21 0.21 0.16 0.16 0.12 1.0 0.6 0.40 0.3 0.2 0.2 0.14 0.12 0.1 1.2 10,000pcs/reel 5,000pcs/reel Package * Measured at 200MHz in case of 33,36,39nH(TFL0510) and 33-100nH(TFL0816) ** No measuring in case of 33,36,39nH(TFL0510) and 33-100nH(TFL0816)
Type
PART NUMBER
HPL 0603 - 1NO (-E02)
(ME6 TFL0510 0.1nH, E02 HPL series in superior tolerance) Inductance value Dimensions Part Code
susumu group catalog


▲Up To Search▲   

 
Price & Availability of HPL0603-1NO-E02

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X