|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
HER801G - HER808G 8.0 AMPS. Glass Passivated High Efficient Rectifiers R-6 Features Glass passivated chip junction. High efficiency, Low VF High current capability High reliability High surge current capability For use in low voltage, high frequency inventor, free wheeling, and polarity protection application. Mechanical Data Case: Molded plastic Epoxy: UL 94V0 rate flame retardant Lead: Pure tin plated, lead free, solderable per MIL-STD-202, Method 208 guaranteed Polarity: Color band denotes cathode High temperature soldering guaranteed: o 260 C/10 seconds/.375",(9.5mm) lead lengths at 5 lbs., (2.3kg) tension Mounting position: Any Weight: 1.65 grams Dimensions in inches and (millimeters) Maximum Ratings and Electrical Characteristics Rating at 25 oC ambient temperature unless otherwise specified. Single phase, half wave, 60 Hz, resistive or inductive load. For capacitive load, derate current by 20% Type Number Maximum Recurrent Peak Reverse Voltage Maximum RMS Voltage Maximum DC Blocking Voltage Maximum Average Forward Rectified Current .375 (9.5mm) Lead Length o @TA = 55 C Peak Forward Surge Current, 8.3 ms Single Half Sine-wave Superimposed on Rated Load (JEDEC method ) Maximum Instantaneous Forward Voltage @ 8.0A Maximum DC Reverse Current @TA=25 oC at Rated DC Blocking Voltage @ TA=125 oC Maximum Reverse Recovery Time ( Note 1 ) Typical Junction Capacitance Operating Temperature Range ( Note 2 ) Symbol HER HER HER HER HER HER HER HER VRRM VRMS VDC I(AV) IFSM VF IR 1.0 50 35 50 801G 802G 803G 804G 805G 806G 807G 808G Units V V V A 100 200 300 400 600 800 1000 70 140 210 280 420 560 700 100 200 300 400 600 800 1000 8.0 150 1.3 10 400 50 100 -65 to +150 -65 to +150 80 65 1.7 A V uA uA nS pF o C o C Trr Cj TJ Storage Temperature Range TSTG 1. Reverse Recovery Test Conditions: IF=0.5A, IR=1.0A, IRR=0.25A Notes: 2. Measured at 1 MHz and Applied Reverse Voltage of 4.0 V D.C. Version: A06 RATINGS AND CHARACTERISTIC CURVES (HER801G THRU HER808G) FIG.1- MAXIMUM FORWARD CURRENT DERATING CURVE 9.0 FIG.2- TYPICAL REVERSE CHARACTERISTICS 1000 AVERAGE FORWARD CURRENT. (A) 7.5 6.0 4.5 INSTANTANEOUS REVERSE CURRENT. ( A) Single Phase Half Wave 60Hz Resistive or Inductive Load 0.375" (9.5mm) Lead Length 100 Tj=125 0C 10 Tj=75 0C 3.0 1.5 1 Tj=25 0C 0 0 25 50 75 100 O 125 150 175 CASE TEMPERATURE. ( C) FIG.3- MAXIMUM NON-REPETITIVE FORWARD SURGE CURRENT 225 0.1 PEAK FORWARD SURGE CURRENT. (A) 200 175 150 125 100 75 50 8.3ms Single Half Sine Wave JEDEC Method 0.01 0 20 40 60 80 100 120 140 PERCENT OF RATED PEAK REVERSE VOLTAGE. (%) FIG.5- TYPICAL FORWARD CHARACTERISTICS 100 25 0 1 10 50 100 1000 NUMBER OF CYCLES AT 60Hz INSTANTANEOUS FORWARD CURRENT. (A) 10 HE FIG.4- TYPICAL JUNCTION CAPACITANCE 175 150 R8 05 G JUNCTION CAPACITANCE.(pF) 125 100 1 HER801G-HER804G HE HE R8 01 G~ HE 75 50 25 R8 R8 05 06G G ~H ER 808 G 0.1 HER806G-HER808G 0 0.1 0.5 1 2 5 10 20 50 100 200 500 800 REVERSE VOLTAGE. (V) 0.01 0 0.2 0.4 0.6 0.8 1.0 1.2 1.4 FORWARD VOLTAGE. (V) FIG.6- REVERSE RECOVERY TIME CHARACTERISTIC AND TEST CIRCUIT DIAGRAM 50 NONINDUCTIVE 10 NONINDUCTIVE +0.5A DUT (-) PULSE GENERATOR (NOTE 2) NON INDUCTIVE OSCILLOSCOPE (NOTE 1) (+) 0 -0.25A trr (+) 50Vdc (approx) (-) NOTES: 1. Rise Time=7ns max. Input Impedance= 1 megohm 22pf 2. Rise Time=10ns max. Sourse Impedance= 50 ohms -1.0A 1cm SET TIME BASE FOR 5/ 10ns/ cm Version: A06 |
Price & Availability of HER807G |