Part Number Hot Search : 
00214 AP1501 M471B527 ASI10517 XR1016CP P0102AL U324A50 LP2951C
Product Description
Full Text Search
 

To Download HD74LV1GW97A Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 HD74LV1GW97A
Configurable Multiple-Function Gate
REJ03D0083-0300 Rev.3.00 May 19, 2006
Description
The HD74LV1GW97A has configurable multiple-function gate in a 6 pin package. The Output state is determined by eight patterns of 3-bit input. The user can choose the logic functions AND, NAND, OR, NOR, INVERTER, Non- Invert Buffer, Data Selector. Low voltage and high-speed operation is suitable for the battery powered products (e.g., notebook computers), and the low power consumption extends the battery life.
Features
* The basic gate function is lined up as Renesas uni logic series. * Supplied on emboss taping for high-speed automatic mounting. * Supply voltage range : 1.65 to 5.5 V Operating temperature range : -40 to +85C * All inputs VIH (Max.) = 5.5 V (@VCC = 0 V to 5.5 V) All outputs VO (Max.) = 5.5 V (@VCC = 0 V) * Output current 6 mA (@VCC = 3.0 V to 3.6 V), 12 mA (@VCC = 4.5 V to 5.5 V) * All the logical input has hysteresis voltage for the slow transition. * Ordering Information
Part Name Package Type Package Code (Previous Code) PTSP0006JA-A (CMPAK-6V) Package Abbreviation CM Taping Abbreviation (Quantity) E (3,000 pcs / Reel)
HD74LV1GW97ACME CMPAK-6 pin
Outline and Article Indication
* HD74LV1GW97A
Index band Marking
W2
CMPAK-6
= Control code
Rev.3.00, May 19, 2006 page 1 of 8
HD74LV1GW97A
Function Table
IN2 L L L L H H H H H : High level L : Low level Inputs IN1 L L H H L L H H IN0 L H L H L H L H Output Y L L H H L H L H
Pin Arrangement
IN1
1
6
IN2
GND
2
5
VCC
IN0
3
4
Y
(Top view)
Logic Diagram
IN0
Y IN1
IN2
Rev.3.00, May 19, 2006 page 2 of 8
HD74LV1GW97A
Function Selection Table
Logic Function 2 to 1 data Selector 2-inputs AND 2-inputs OR with one input inverted 2-inputs NAND with one input inverted 2-inputs AND with one input inverted 2-inputs NOR with one input inverted 2-inputs OR Inverter Non-Inverter Buffer Figure No. 1 2 3 3 4 4 5 6 7
Logic Configurations
VCC
A/B A B
A Y B
1 (IN1)
(IN2) 6
A/B
2 (GND) (VCC) 5 3 (IN0) (Y) 4
Y
Figure 1. 2 to 1 Data Selecter VCC VCC
1 (IN1) (IN2) 6
A B A B
1 (IN1)
(IN2) 6
A
Y
2 (GND) (VCC) 5
A B A B
A
Y
2 (GND) (VCC) 5
Y B
Y
3 (IN0)
(Y) 4
Y
B
3 (IN0)
(Y) 4
Y
Figure 2. 2-inputs AND Gate VCC
Figure 3. 2-inputs OR Gate with A input inverted VCC
A B A B
B Y
1 (IN1)
(IN2) 6
A
A B A B
Y Y
B
1 (IN1)
(IN2) 6
A
2 (GND) (VCC) 5
2 (GND) (VCC) 5 3 (IN0) (Y) 4
Y
3 (IN0)
(Y) 4
Y
Y
Figure 4. 2-inputs AND Gate with A input inverted VCC
Figure 5. 2-inputs OR Gate VCC
1 (IN1)
(IN2) 6
A A Y Y
A
1 (IN1)
(IN2) 6
A
Y
2 (GND) (VCC) 5 3 (IN0) (Y) 4
2 (GND) (VCC) 5 3 (IN0) (Y) 4
Y
Figure 6. Inverter
Figure 7. Non-Invert Butter
Rev.3.00, May 19, 2006 page 3 of 8
HD74LV1GW97A
Absolute Maximum Ratings
Item Supply voltage range Input voltage range *1 Output voltage range *1, 2 Input clamp current Output clamp current Continuous output current Continuous current through VCC or GND Maximum power dissipation *3 at Ta = 25C (in still air) Storage temperature Notes: Symbol VCC VI VO IIK IOK IO ICC or IGND PT Tstg Ratings -0.5 to 7.0 -0.5 to 7.0 -0.5 to VCC + 0.5 -0.5 to 7.0 -20 50 25 50 200 -65 to 150 Unit V V V mA mA mA mA mW C Test Conditions
Output : H or L VCC : OFF VI < 0 VO < 0 or VO > VCC VO = 0 to VCC
The absolute maximum ratings are values, which must not individually be exceeded, and furthermore no two of which may be realized at the same time. 1. The input and output voltage ratings may be exceeded if the input and output clamp-current ratings are observed. 2. This value is limited to 5.5 V maximum. 3. The maximum package power dissipation was calculated using a junction temperature of 150C.
Recommended Operating Conditions
Item Supply voltage range Input voltage range Output voltage range Symbol VCC VI VO Min 1.65 0 0 -- -- -- -- -- -- -- -- 0 0 0 0 -40 Max 5.5 5.5 VCC 1 2 6 12 -1 -2 -6 -12 300 200 100 20 85 Unit V V V Conditions
IOL Output current IOH
mA
Input transition rise or fall rate
t / v
ns / V
VCC = 1.65 to 1.95 V VCC = 2.3 to 2.7 V VCC = 3.0 to 3.6 V VCC = 4.5 to 5.5 V VCC = 1.65 to 1.95 V VCC = 2.3 to 2.7 V VCC = 3.0 to 3.6 V VCC = 4.5 to 5.5 V VCC = 1.65 to 1.95 V VCC = 2.3 to 2.7 V VCC = 3.0 to 3.6 V VCC = 4.5 to 5.5 V
Operating free-air temperature
Ta
C
Note: Unused or floating inputs must be held high or low.
Rev.3.00, May 19, 2006 page 4 of 8
HD74LV1GW97A
Electrical Characteristics
Ta = -40 to 85C
Item Symbol VCC (V) 1.65 to 1.95 2.5 3.3 5.0 1.65 to 1.95 2.5 3.3 5.0 1.65 to 1.95 2.5 3.3 5.0 Min to Max 1.65 2.3 3.0 4.5 Min to Max 1.65 2.3 3.0 4.5 0 to 5.5 5.5 Min -- -- -- -- VCCx0.25 0.75 0.99 1.5 0.1 0.25 0.33 0.5 VCC-0.1 1.4 2.0 2.48 3.8 -- -- -- -- -- -- -- Typ -- -- -- -- -- -- -- -- -- -- -- -- -- -- -- -- -- -- -- -- -- -- -- -- Max VCCx0.75 1.75 2.31 3.50 -- -- -- -- VCCx0.4 1.0 1.32 2.0 -- -- -- -- -- 0.1 0.3 0.4 0.44 0.55 1 10 Unit Test condition
VT+
Threshold voltage
VT-
V
VT
VOH
Output voltage
V
IOH = -50 A IOH = -1 mA IOH = -2 mA IOH = -6 mA IOH = -12 mA IOL = 50 A IOL = 1 mA IOL = 2 mA IOL = 6 mA IOL = 12 mA VIN = 5.5 V or GND VIN = VCC or GND, IO = 0
VOL
Input current Quiescent supply current
IIN ICC
A A
Output leakage IOFF 0 -- -- 5 A VIN or VO = 0 to 5.5 V current Input capacitance CIN 3.3 -- 3.0 -- pF VIN = VCC or GND Note: For conditions shown as Min or Max, use the appropriate values under recommended operating conditions.
Rev.3.00, May 19, 2006 page 5 of 8
HD74LV1GW97A
Switching Characteristics
VCC = 1.80.15 V
Item Propagation delay time Symbol tPLH tPHL Min -- -- Ta = 25C Typ Max 15.8 29.4 22.6 40.9
Ta = -40 to 85C
Min 1.0 1.0
Max 33.0 45.0
Unit ns
Test Conditions CL = 15 pF CL = 50 pF
FROM (Input) IN
TO (Output) Y
VCC = 2.50.2 V
Item Propagation delay time Symbol tPLH tPHL Min -- -- Ta = 25C Typ Max 9.4 17.6 12.6 22.6
Ta = -40 to 85C
Min 1.0 1.0
Max 21.0 26.5
Unit ns
Test Conditions CL = 15 pF CL = 50 pF
FROM (Input) IN
TO (Output) Y
VCC = 3.30.3 V
Item Propagation delay time Symbol tPLH tPHL Ta = 25C Min -- -- Typ 7.0 9.5 Max 11.0 14.5
Ta = -40 to 85C
Min 1.0 1.0
Max 13.0 16.5
Unit ns
Test Conditions CL = 15 pF CL = 50 pF
FROM (Input) IN
TO (Output) Y
VCC = 5.00.5 V
Item Propagation delay time Symbol tPLH tPHL Min -- -- Ta = 25C Typ Max 4.8 6.8 6.3 8.8
Ta = -40 to 85C
Min 1.0 1.0
Max 8.0 10.0
Unit ns
Test Conditions CL = 15 pF CL = 50 pF
FROM (Input) IN
TO (Output) Y
Operating Characteristics
CL = 50 pF
Item Power dissipation capacitance Symbol CPD VCC (V) 3.3 5.0 Min -- -- Ta = 25C Typ 8.5 10.0 Max -- -- Unit pF Test Conditions f = 10 MHz
Rev.3.00, May 19, 2006 page 6 of 8
HD74LV1GW97A
Test Circuit
Measurement point
CL *
Note: CL includes probe and jig capacitance.
* Waveforms
tr tf
90% Input 50% 10% t PLH
90% 50% 10% t PHL
VCC
GND
VOH In phase output 50% 50% VOL
VOH Out of phase output t PHL 50% 50% VOL
t PLH
Notes: 1. Input waveform : PRR 1 MHz, Zo = 50 , tr 3 ns, tf 3 ns. 2. The output are measured one at a time with one transition per measurement.
Rev.3.00, May 19, 2006 page 7 of 8
HD74LV1GW97A
Package Dimensions
Package Name CMPAK-6 JEITA Package Code SC-88 RENESAS Code PTSP0006JA-A Previous Code CMPAK-6 / CMPAK-6V MASS[Typ.] 0.006g
D e
A Q c
E
HE LP L
A xM
A S A b
L1
A3 e
Reference Symbol
Dimension in Millimeters
A2
A
yS b
A1 S e1
l1 c b2 A-A Section Pattern of terminal position areas
A A1 A2 A3 b c D E e HE L L1 LP x y b2 e1 l1 Q
Min 0.8 0 0.8 0.15 0.1 1.8 1.15 2.0 0.3 0.1 0.2
Nom 0.9 0.25 0.2 0.15 2.0 1.25 0.65 2.1
Max 1.1 0.1 1.0 0.25 0.25 2.2 1.35 2.2 0.7 0.5 0.6 0.05 0.05 0.35 0.9
1.5 0.25
Rev.3.00, May 19, 2006 page 8 of 8
Sales Strategic Planning Div.
Keep safety first in your circuit designs!
Nippon Bldg., 2-6-2, Ohte-machi, Chiyoda-ku, Tokyo 100-0004, Japan
1. Renesas Technology Corp. puts the maximum effort into making semiconductor products better and more reliable, but there is always the possibility that trouble may occur with them. Trouble with semiconductors may lead to personal injury, fire or property damage. Remember to give due consideration to safety when making your circuit designs, with appropriate measures such as (i) placement of substitutive, auxiliary circuits, (ii) use of nonflammable material or (iii) prevention against any malfunction or mishap. Notes regarding these materials 1. These materials are intended as a reference to assist our customers in the selection of the Renesas Technology Corp. product best suited to the customer's application; they do not convey any license under any intellectual property rights, or any other rights, belonging to Renesas Technology Corp. or a third party. 2. Renesas Technology Corp. assumes no responsibility for any damage, or infringement of any third-party's rights, originating in the use of any product data, diagrams, charts, programs, algorithms, or circuit application examples contained in these materials. 3. All information contained in these materials, including product data, diagrams, charts, programs and algorithms represents information on products at the time of publication of these materials, and are subject to change by Renesas Technology Corp. without notice due to product improvements or other reasons. It is therefore recommended that customers contact Renesas Technology Corp. or an authorized Renesas Technology Corp. product distributor for the latest product information before purchasing a product listed herein. The information described here may contain technical inaccuracies or typographical errors. Renesas Technology Corp. assumes no responsibility for any damage, liability, or other loss rising from these inaccuracies or errors. Please also pay attention to information published by Renesas Technology Corp. by various means, including the Renesas Technology Corp. Semiconductor home page (http://www.renesas.com). 4. When using any or all of the information contained in these materials, including product data, diagrams, charts, programs, and algorithms, please be sure to evaluate all information as a total system before making a final decision on the applicability of the information and products. Renesas Technology Corp. assumes no responsibility for any damage, liability or other loss resulting from the information contained herein. 5. Renesas Technology Corp. semiconductors are not designed or manufactured for use in a device or system that is used under circumstances in which human life is potentially at stake. Please contact Renesas Technology Corp. or an authorized Renesas Technology Corp. product distributor when considering the use of a product contained herein for any specific purposes, such as apparatus or systems for transportation, vehicular, medical, aerospace, nuclear, or undersea repeater use. 6. The prior written approval of Renesas Technology Corp. is necessary to reprint or reproduce in whole or in part these materials. 7. If these products or technologies are subject to the Japanese export control restrictions, they must be exported under a license from the Japanese government and cannot be imported into a country other than the approved destination. Any diversion or reexport contrary to the export control laws and regulations of Japan and/or the country of destination is prohibited. 8. Please contact Renesas Technology Corp. for further details on these materials or the products contained therein.
RENESAS SALES OFFICES
Refer to "http://www.renesas.com/en/network" for the latest and detailed information. Renesas Technology America, Inc. 450 Holger Way, San Jose, CA 95134-1368, U.S.A Tel: <1> (408) 382-7500, Fax: <1> (408) 382-7501 Renesas Technology Europe Limited Dukes Meadow, Millboard Road, Bourne End, Buckinghamshire, SL8 5FH, U.K. Tel: <44> (1628) 585-100, Fax: <44> (1628) 585-900 Renesas Technology (Shanghai) Co., Ltd. Unit 204, 205, AZIACenter, No.1233 Lujiazui Ring Rd, Pudong District, Shanghai, China 200120 Tel: <86> (21) 5877-1818, Fax: <86> (21) 6887-7898 Renesas Technology Hong Kong Ltd. 7th Floor, North Tower, World Finance Centre, Harbour City, 1 Canton Road, Tsimshatsui, Kowloon, Hong Kong Tel: <852> 2265-6688, Fax: <852> 2730-6071 Renesas Technology Taiwan Co., Ltd. 10th Floor, No.99, Fushing North Road, Taipei, Taiwan Tel: <886> (2) 2715-2888, Fax: <886> (2) 2713-2999 Renesas Technology Singapore Pte. Ltd. 1 Harbour Front Avenue, #06-10, Keppel Bay Tower, Singapore 098632 Tel: <65> 6213-0200, Fax: <65> 6278-8001 Renesas Technology Korea Co., Ltd. Kukje Center Bldg. 18th Fl., 191, 2-ka, Hangang-ro, Yongsan-ku, Seoul 140-702, Korea Tel: <82> (2) 796-3115, Fax: <82> (2) 796-2145
http://www.renesas.com
Renesas Technology Malaysia Sdn. Bhd Unit 906, Block B, Menara Amcorp, Amcorp Trade Centre, No.18, Jalan Persiaran Barat, 46050 Petaling Jaya, Selangor Darul Ehsan, Malaysia Tel: <603> 7955-9390, Fax: <603> 7955-9510
(c) 2006. Renesas Technology Corp., All rights reserved. Printed in Japan.
Colophon .6.0


▲Up To Search▲   

 
Price & Availability of HD74LV1GW97A

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X