Part Number Hot Search : 
103A1 AD5539Q PT50M DTQS3 P2P50E DTQS3 DTQS3 W208D
Product Description
Full Text Search
 

To Download HD74HC688FPEL Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 HD74HC688
8-bit Magnitude Comparator
REJ03D0643-0200 (Previous ADE-205-529) Rev.2.00 Mar 30, 2006
Description
The HD74HC688 compares bit for bit two 8-bit words and indicates whether or not they are equal. The P=Q output indicates equality when it is low. A single active low enable is provided to facilitate cascading of several packages and enable comparison of words greater than 8-bits. This device is useful in memory block decoding applications, where memory block enable signals must be generated from computer address information.
Features
* * * * * * High Speed Operation: tpd (P or Q to Output) = 17 ns typ (CL = 50 pF) High Output Current: Fanout of 10 LSTTL Loads Wide Operating Voltage: VCC = 2 to 6 V Low Input Current: 1 A max Low Quiescent Supply Current: ICC (static) = 4 A max (Ta = 25C) Ordering Information
Part Name HD74HC688P HD74HC688FPEL HD74HC688RPEL Package Type DILP-20 pin (JEDEC) SOP-20 pin (JEITA) SOP-20 pin (JEDEC) Package Code (Previous Code) PRDP0020AC-B (DP-20NEV) PRSP0020DD-B (FP-20DAV) PRSP0020DC-A (FP-20DBV) P FP RP Package Abbreviation -- EL (2,000 pcs/reel) EL (1,000 pcs/reel) Taping Abbreviation (Quantity)
Function Table
Input Data P, Q P=Q P>Q PH: L: X:
Rev.2.00, Mar 30, 2006 page 1 of 7
HD74HC688
Pin Arrangement
G P0 Q0 P1 Q1 P2 Q2 P3 Q3 1 2 3 4 5 6 7 8 9 20 VCC 19 P=Q 18 Q7 17 P7 16 Q6 15 P6 14 Q5 13 P5 12 Q4 11 P4
GND 10
(Top view)
Rev.2.00, Mar 30, 2006 page 2 of 7
HD74HC688
Logic Diagram
P0 Q0 P1 Q1 P2 Q2 P3 Q3 P4
P=Q
Q4 P5 Q5 P6 Q6 P7 Q7 G
Absolute Maximum Ratings
Item Supply voltage range Input / Output voltage Input / Output diode current Output current VCC, GND current Power dissipation Storage temperature Symbol VCC VIN, VOUT IIK, IOK IOUT ICC or IGND PT Tstg Ratings -0.5 to 7.0 -0.5 to VCC +0.5 20 25 50 500 -65 to +150 Unit V V mA mA mA mW C
Note: The absolute maximum ratings are values, which must not individually be exceeded, and furthermore, no two of which may be realized at the same time.
Rev.2.00, Mar 30, 2006 page 3 of 7
HD74HC688
Recommended Operating Conditions
Item Supply voltage Input / Output voltage Operating temperature Input rise / fall time*1 Symbol VCC VIN, VOUT Ta tr, tf Ratings 2 to 6 0 to VCC -40 to 85 0 to 1000 0 to 500 0 to 400 Unit V V C ns Conditions
VCC = 2.0 V VCC = 4.5 V VCC = 6.0 V
Notes: 1. This item guarantees maximum limit when one input switches. Waveform: Refer to test circuit of switching characteristics.
Electrical Characteristics
Item Input voltage Symbol VCC (V) VIH 2.0 4.5 6.0 VIL 2.0 4.5 6.0 Output voltage VOH 2.0 4.5 6.0 4.5 6.0 2.0 4.5 6.0 4.5 6.0 6.0 6.0 Min 1.5 3.15 4.2 -- -- -- 1.9 4.4 5.9 4.18 5.68 -- -- -- -- -- -- -- Ta = 25C Typ Max -- -- -- -- -- -- -- -- -- 2.0 4.5 6.0 -- -- 0.0 0.0 0.0 -- -- -- -- 0.5 1.35 1.8 -- -- -- -- -- 0.1 0.1 0.1 0.26 0.26 0.1 4.0 Ta = -40 to+85C Min Max Unit 1.5 -- V 3.15 -- 4.2 -- -- -- -- 1.9 4.4 5.9 4.13 5.63 -- -- -- -- -- -- -- 0.5 1.35 1.8 -- -- -- -- -- 0.1 0.1 0.1 0.33 0.33 1.0 40 V Test Conditions
V
Vin = VIH or VIL IOH = -20 A
VOL
V
Vin = VIH or VIL
IOH = -4 mA IOH = -5.2 mA IOL = 20 A
Input current Quiescent supply current
Iin ICC
A A
IOL = 4 mA IOL = 5.2 mA Vin = VCC or GND Vin = VCC or GND, Iout = 0 A
Switching Characteristics
(CL = 50 pF, Input tr = tf = 6 ns)
Item Propagation delay time Symbol VCC (V) tPLH tPHL tPLH tPHL Output rise/fall time tTLH tTHL Cin 2.0 4.5 6.0 2.0 4.5 6.0 2.0 4.5 6.0 -- Min -- -- -- -- -- -- -- -- -- -- Ta = 25C Typ Max -- 17 -- -- 9 -- -- 5 -- 5 210 42 36 120 24 20 75 15 13 10 Ta = -40 to +85C Min Max -- -- -- -- -- -- -- -- -- -- 265 53 45 150 30 26 95 19 16 10 Unit ns Test Conditions P or Q to output
ns
Enable to P=Q
ns
Input capacitance
pF
Rev.2.00, Mar 30, 2006 page 4 of 7
HD74HC688
Test Circuit
VCC VCC
Input Pulse Generator Zout = 50
See Function Table
G P1 P7 Q0 Q7 P=Q CL = 50 pF Output
Note : 1. CL includes probe and jig capacitance.
Waveforms
* Waveform - 1
tr P or Q
90% 50% 10%
tf
90% 50% 10%
VCC 0V
tw tPLH P=Q
90% 50%
tPHL
90% 50% 10%
VOH VOL
tTLH
tTHL tr
90% 50%
* Waveform - 2
90% 50%
tf
VCC 0V
G
10%
10%
tPHL
90%
tPLH
90% 50% 10% 50% 10%
VOH VOL
P=Q
tTHL
tTLH
Note : 1. Input waveform : PRR 1 MHz, duty cycle 50%, tr 6 ns, tf 6 ns
Rev.2.00, Mar 30, 2006 page 5 of 7
HD74HC688
Package Dimensions
JEITA Package Code P-DIP20-6.3x24.5-2.54 RENESAS Code PRDP0020AC-B Previous Code DP-20NEV MASS[Typ.] 1.26g
D
20
11
1 0.89 b3
10
Z
A1
A
E
Reference Symbol
Dimension in Millimeters
Min
e
bp
e1
c
( Ni/Pd/Au plating )
e1 D E A A1 bp b3 c e Z L
Nom Max 7.62 24.50 25.40 6.30 7.00 5.08
L
0.51 0.40 0.48 0.56 1.30 0.19 0.25 0.31 0 15 2.29 2.54 2.79 1.27 2.54
JEITA Package Code P-SOP20-7.5x12.8-1.27
RENESAS Code PRSP0020DC-A
Previous Code FP-20DBV
MASS[Typ.] 0.52g
*1
D
F 11
20
NOTE) 1. DIMENSIONS"*1 (Nom)"AND"*2" @ DO NOT INCLUDE MOLD FLASH. 2. DIMENSION"*3"DOES NOT @ INCLUDE TRIM OFFSET.
bp
HE E
*2
Index mark
Terminal cross section ( Ni/Pd/Au plating )
1 Z e
*3
c
Reference Dimension in Millimeters Symbol
10 bp x M L1
A1
y
L
Detail F
D E A2 A1 A bp b1 c c1 HE e x y Z L L1
Min Nom Max 12.80 13.2 7.50
0.10 0.20 0.30 2.65 0.34 0.40 0.46 0.20 0.25 0.30 0 8 10.00 10.40 10.65 1.27 0.12 0.15 0.935 0.40 0.70 1.27 1.45
Rev.2.00, Mar 30, 2006 page 6 of 7
A
HD74HC688
JEITA Package Code P-SOP20-5.5x12.6-1.27 RENESAS Code PRSP0020DD-B Previous Code FP-20DAV MASS[Typ.] 0.31g
*1
D 11
F
20
NOTE) 1. DIMENSIONS"*1 (Nom)"AND"*2" DO NOT INCLUDE MOLD FLASH. 2. DIMENSION"*3"DOES NOT INCLUDE TRIM OFFSET.
bp
HE
E
Index mark
*2
Terminal cross section ( Ni/Pd/Au plating )
1 Z e
*3
10 bp x M L1
c
Reference Dimension in Millimeters Symbol
y
A1
L
Detail F
D E A2 A1 A bp b1 c c1 HE e x y Z L L1
Min Nom Max 12.60 13.0 5.50
0.00 0.10 0.20 2.20 0.34 0.40 0.46 0.15 0.20 0.25 0 8 7.50 7.80 8.00 1.27 0.12 0.15 0.80 0.50 0.70 0.90 1.15
Rev.2.00, Mar 30, 2006 page 7 of 7
A
Sales Strategic Planning Div.
Keep safety first in your circuit designs!
Nippon Bldg., 2-6-2, Ohte-machi, Chiyoda-ku, Tokyo 100-0004, Japan
1. Renesas Technology Corp. puts the maximum effort into making semiconductor products better and more reliable, but there is always the possibility that trouble may occur with them. Trouble with semiconductors may lead to personal injury, fire or property damage. Remember to give due consideration to safety when making your circuit designs, with appropriate measures such as (i) placement of substitutive, auxiliary circuits, (ii) use of nonflammable material or (iii) prevention against any malfunction or mishap. Notes regarding these materials 1. These materials are intended as a reference to assist our customers in the selection of the Renesas Technology Corp. product best suited to the customer's application; they do not convey any license under any intellectual property rights, or any other rights, belonging to Renesas Technology Corp. or a third party. 2. Renesas Technology Corp. assumes no responsibility for any damage, or infringement of any third-party's rights, originating in the use of any product data, diagrams, charts, programs, algorithms, or circuit application examples contained in these materials. 3. All information contained in these materials, including product data, diagrams, charts, programs and algorithms represents information on products at the time of publication of these materials, and are subject to change by Renesas Technology Corp. without notice due to product improvements or other reasons. It is therefore recommended that customers contact Renesas Technology Corp. or an authorized Renesas Technology Corp. product distributor for the latest product information before purchasing a product listed herein. The information described here may contain technical inaccuracies or typographical errors. Renesas Technology Corp. assumes no responsibility for any damage, liability, or other loss rising from these inaccuracies or errors. Please also pay attention to information published by Renesas Technology Corp. by various means, including the Renesas Technology Corp. Semiconductor home page (http://www.renesas.com). 4. When using any or all of the information contained in these materials, including product data, diagrams, charts, programs, and algorithms, please be sure to evaluate all information as a total system before making a final decision on the applicability of the information and products. Renesas Technology Corp. assumes no responsibility for any damage, liability or other loss resulting from the information contained herein. 5. Renesas Technology Corp. semiconductors are not designed or manufactured for use in a device or system that is used under circumstances in which human life is potentially at stake. Please contact Renesas Technology Corp. or an authorized Renesas Technology Corp. product distributor when considering the use of a product contained herein for any specific purposes, such as apparatus or systems for transportation, vehicular, medical, aerospace, nuclear, or undersea repeater use. 6. The prior written approval of Renesas Technology Corp. is necessary to reprint or reproduce in whole or in part these materials. 7. If these products or technologies are subject to the Japanese export control restrictions, they must be exported under a license from the Japanese government and cannot be imported into a country other than the approved destination. Any diversion or reexport contrary to the export control laws and regulations of Japan and/or the country of destination is prohibited. 8. Please contact Renesas Technology Corp. for further details on these materials or the products contained therein.
RENESAS SALES OFFICES
Refer to "http://www.renesas.com/en/network" for the latest and detailed information. Renesas Technology America, Inc. 450 Holger Way, San Jose, CA 95134-1368, U.S.A Tel: <1> (408) 382-7500, Fax: <1> (408) 382-7501 Renesas Technology Europe Limited Dukes Meadow, Millboard Road, Bourne End, Buckinghamshire, SL8 5FH, U.K. Tel: <44> (1628) 585-100, Fax: <44> (1628) 585-900 Renesas Technology (Shanghai) Co., Ltd. Unit 204, 205, AZIACenter, No.1233 Lujiazui Ring Rd, Pudong District, Shanghai, China 200120 Tel: <86> (21) 5877-1818, Fax: <86> (21) 6887-7898 Renesas Technology Hong Kong Ltd. 7th Floor, North Tower, World Finance Centre, Harbour City, 1 Canton Road, Tsimshatsui, Kowloon, Hong Kong Tel: <852> 2265-6688, Fax: <852> 2730-6071 Renesas Technology Taiwan Co., Ltd. 10th Floor, No.99, Fushing North Road, Taipei, Taiwan Tel: <886> (2) 2715-2888, Fax: <886> (2) 2713-2999 Renesas Technology Singapore Pte. Ltd. 1 Harbour Front Avenue, #06-10, Keppel Bay Tower, Singapore 098632 Tel: <65> 6213-0200, Fax: <65> 6278-8001 Renesas Technology Korea Co., Ltd. Kukje Center Bldg. 18th Fl., 191, 2-ka, Hangang-ro, Yongsan-ku, Seoul 140-702, Korea Tel: <82> (2) 796-3115, Fax: <82> (2) 796-2145
http://www.renesas.com
Renesas Technology Malaysia Sdn. Bhd Unit 906, Block B, Menara Amcorp, Amcorp Trade Centre, No.18, Jalan Persiaran Barat, 46050 Petaling Jaya, Selangor Darul Ehsan, Malaysia Tel: <603> 7955-9390, Fax: <603> 7955-9510
(c) 2006. Renesas Technology Corp., All rights reserved. Printed in Japan.
Colophon .6.0


▲Up To Search▲   

 
Price & Availability of HD74HC688FPEL

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X