Part Number Hot Search : 
1N4961US ADP3500 SP5768KG 30WQ06FN SSF6N40D WP2060YD RF5540 MBR745
Product Description
Full Text Search
 

To Download HD74HC194 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 HD74HC194
4-bit Bidirectional Universal Shift Register
REJ03D0589-0200 (Previous ADE-205-466) Rev.2.00 Jan 31, 2006
Description
This bidirectional shift register is designed to incorporate virtually all of the features a system designer may want in a shift register. It features parallel inputs, parallel outputs, right shift and left shift serial inputs, operating mode control inputs, and a direct overriding clear line. The register has four distinct modes of operation: parallel (broadside) load, shift right (in the direction QA toware QD); shift left; inhibit clock (do nothing). Synchronous parallel loading is accomplished by applying the four bits of data and taking both mode control inputs, S0 and S1, high. The data are loaded into their respective flip-flops and appear at the outputs after the positive transition of the clock input. During loading, serial data flow is inhibited. Shift right is accomplished synchronously with the rising edge of the clock pulse when S0 is high and S1 is low. Serial data for this mode is entered at the shift right data input. When S0 is low and S1 is high, data shifts left synchronously and new data is entered at the shift left serial input. Clocking of the flip-flops is inhibited when both mode control inputs are low. The mode control inputs should be changed only when the clock input is high.
Features
* * * * * * High Speed Operation: tpd (Clock to Q) = 12 ns typ (CL = 50 pF) High Output Current: Fanout of 10 LSTTL Loads Wide Operating Voltage: VCC = 2 to 6 V Low Input Current: 1 A max Low Quiescent Supply Current: ICC (static) = 4 A max Ordering Information
Part Name HD74HC194P Package Type DILP-16 pin Package Code (Previous Code) PRDP0016AE-B (DP-16FV) Package Abbreviation P -- Taping Abbreviation (Quantity)
Rev.2.00 Jan 31, 2006 page 1 of 8
HD74HC194
Function Table
Operating Mode Clear Parallel load Shift right Shift left Hold Clear L H H H H H H H H Mode S0 S1 X X H H L H L H H L H L L L X X X X Inputs Serial Clock Shift Left Shift Right X X X X X X H X L H X L X X L H X X X X X X Parallel B C X X b c X X X X X X X X X X X X X X Outputs D X d X X X X X X X QA L a H L QBn QBn QA0 QA0 QA0 QB L b QAn QAn QCn QCn QB0 QB0 QB0 QC L c QBn QBn QDn QDn QC0 QC0 QC0 QD L d QCn QCn H L QD0 QD0 QD0
A X a X X X X X X X
H: L: X: :
high level (Steady state) low level (Steady state) don't care transition from low to high level.
a, b, c, d : the level of steady-state input at inputs A, B, C or D respectively. QA0, QB0, QC0, QD0 : the level of QA, QB, QC or QD respectively, before the indicated steady-state input conditions were established. QAn, QBn, QCn, QDn : the level of QA, QB, QC or QD respectively before the most recent transition of the clock.
Pin Arrangement
Clear 1 Shift Right Serial-Input 2 R A B C D L CLR QA QB QC QD CK S1
16 VCC 15 QA 14 QB Parallel 13 QC Outputs 12 QD 11 Clock 10 S1 Mode Control 9 S0 (Top view)
A3 B4 Parallel Inputs C5 D6 Shift Left Serial-Input 7
S0
GND 8
Rev.2.00 Jan 31, 2006 page 2 of 8
HD74HC194
Timing Diagram
Clock Mode Control Inputs S0 S1 Clear Serial Data Inputs R L A Parallel Data Inputs B C D QA QB Outputs QC QD Shift Right Clear Load Shift Left Inhibit Clear H L H L
Logic Diagram
Serial Shift Left Serial Shift Right
D
C
B
A
S0
S1
D C CQ CL CL
D C CQ CL CL
D C CQ CL CL
D C CQ CL CL
Clock Clear
QD
QC
QB
QA
Absolute Maximum Ratings
Item Supply voltage range Input / Output voltage Input / Output diode current Output current VCC, GND current Power dissipation Storage temperature Symbol VCC VIN, VOUT IIK, IOK IO ICC or IGND PT Tstg Ratings -0.5 to 7.0 -0.5 to VCC +0.5 20 25 50 500 -65 to +150 Unit V V mA mA mA mW
C
Note: The absolute maximum ratings are values, which must not individually be exceeded, and furthermore, no two of which may be realized at the same time.
Rev.2.00 Jan 31, 2006 page 3 of 8
HD74HC194
Recommended Operating Conditions
Item Supply voltage Input / Output voltage Operating temperature Input rise / fall time*1 Symbol VCC VIN, VOUT Ta tr, tf Ratings 2 to 6 0 to VCC -40 to 85 0 to 1000 0 to 500 0 to 400 Unit V V Conditions
C
ns VCC = 2.0 V VCC = 4.5 V VCC = 6.0 V
Notes: 1. This item guarantees maximum limit when one input switches. Waveform: Refer to test circuit of switching characteristics.
Electrical Characteristics
Item Input voltage Symbol VCC (V) VIH 2.0 4.5 6.0 2.0 4.5 6.0 2.0 4.5 6.0 4.5 6.0 2.0 4.5 6.0 4.5 6.0 6.0 6.0 Ta = 25C Min Typ Max 1.5 -- -- 3.15 -- -- 4.2 -- -- -- -- -- 1.9 4.4 5.9 4.18 5.68 -- -- -- -- -- -- -- -- -- -- 2.0 4.5 6.0 -- -- 0.0 0.0 0.0 -- -- -- -- 0.5 1.35 1.8 -- -- -- -- -- 0.1 0.1 0.1 0.26 0.26 0.1 4.0 Ta = -40 to+85C Unit Min Max 1.5 -- V 3.15 -- 4.2 -- -- -- -- 1.9 4.4 5.9 4.13 5.63 -- -- -- -- -- -- -- 0.5 1.35 1.8 -- -- -- -- -- 0.1 0.1 0.1 0.33 0.33 1.0 40 V Test Conditions
VIL
Output voltage
VOH
V
Vin = VIH or VIL IOH = -20 A
VOL
V
Vin = VIH or VIL
IOH = -4 mA IOH = -5.2 mA IOL = 20 A
Input current Quiescent supply current
Iin ICC
IOL = 4 mA IOL = 5.2 mA A Vin = VCC or GND A Vin = VCC or GND, Iout = 0 A
Rev.2.00 Jan 31, 2006 page 4 of 8
HD74HC194
Switching Characteristics
(CL = 50 pF, Input tr = tf = 6 ns)
Item Maximum clock frequency Propagation delay time Symbol VCC (V) fmax 2.0 4.5 6.0 2.0 4.5 6.0 2.0 4.5 6.0 2.0 4.5 6.0 2.0 4.5 6.0 2.0 4.5 6.0 2.0 4.5 6.0 Hold time th 2.0 4.5 6.0 2.0 4.5 6.0 2.0 4.5 6.0 -- Min -- -- -- -- -- -- -- -- -- -- -- -- 80 16 14 100 20 17 150 30 25 0 0 0 25 5 4 -- -- -- -- Ta = 25C Ta = -40 to +85C Unit Test Conditions Typ Max Min Max -- 6 -- 5 ns -- 30 -- 24 -- 35 -- 28 -- 140 -- 175 ns Clock to Q 12 28 -- 35 -- 24 -- 30 -- 140 -- 175 ns 12 28 -- 35 -- 24 -- 30 -- 150 -- 190 ns Clear to Q 13 30 -- 38 -- 26 -- 33 -- -- 100 -- ns Clock or Clear 6 -- 20 -- -- -- 17 -- -- -- 125 -- ns A, B, C or D to Clock 7 -- -- 17 -- -- -4 -- -- 1 -- -- 5 -- 5 -- -- -- -- -- -- -- -- -- -- -- 75 15 13 10 25 21 187 37 31 0 0 0 31 6 5 -- -- -- -- -- -- -- -- -- -- -- -- -- -- -- 95 19 16 10
tPHL
tPLH
tPHL
Pulse width
tw
Setup time
tsu
ns
Mode controls to Clock
ns
Any input
Removal time
trem
ns
Clear inactive to Clock
Output rise/fall time Input capacitance
tTLH tTHL Cin
ns
pF
Rev.2.00 Jan 31, 2006 page 5 of 8
HD74HC194
Test Circuit
VCC VCC Output QA Output QB CL = 50 pF
Input Pulse Generator Zout = 50
Clear Clock S0 S1 R L A B C D
See Function Table
Output CL = 50 pF
QC Output CL = 50 pF QD CL = 50 pF
Note : 1. CL includes probe and jig capacitance.
Rev.2.00 Jan 31, 2006 page 6 of 8
HD74HC194
Waveforms
* Waveform - 1
tn tr Clock tsu
50%
tn+1 tf
tn
tn+1
VCC
50%
th
tsu
th
0V VCC
L or R
50%
50%
50%
50%
0V tPLH
50%
tPHL VOH
50%
Q
VOL
Notes : 1. For right shift, measure QA at tn+1, QB at tn+2, QC at tn+3, QD at tn+4, respectively. For left shift, measure QA at tn+4, QB at tn+3, QC at tn+2, QD at tn+1, respectively. 2. Input pulse : PRR 1 MHz, Zo = 50 , tr 6 ns, tf 6 ns
* Waveform - 2
tr
90 %
tf VCC
10 %
Clock
10 %
50 % 50 %
tw
0V
tf
90 % 50 % 10 %
VOH VOL
Clear
t PHL VOH Q
50 % 10 %
VOL
t THL Note : 1. Input pulse : PRR 1 MHz, Zo = 50 , tr 6 ns, tf 6 ns
Rev.2.00 Jan 31, 2006 page 7 of 8
HD74HC194
Package Dimensions
JEITA Package Code P-DIP16-6.3x19.2-2.54 RENESAS Code PRDP0016AE-B Previous Code DP-16FV MASS[Typ.] 1.05g
D
16
9
1 0.89 b3
8
Z
E
A1
A
Reference Symbol
Dimension in Millimeters Min Nom 7.62 19.2 6.3 20.32 7.4 5.06 0.51 0.40 0.48 1.30 0.19 0 2.29 2.54 0.25 0.31 15 2.79 1.12 2.54 0.56 Max
e D E
L
1
A A1
e
bp
e1
b c b c
p 3
e Z ( Ni/Pd/Au plating ) L
Rev.2.00 Jan 31, 2006 page 8 of 8
Sales Strategic Planning Div.
Keep safety first in your circuit designs!
Nippon Bldg., 2-6-2, Ohte-machi, Chiyoda-ku, Tokyo 100-0004, Japan
1. Renesas Technology Corp. puts the maximum effort into making semiconductor products better and more reliable, but there is always the possibility that trouble may occur with them. Trouble with semiconductors may lead to personal injury, fire or property damage. Remember to give due consideration to safety when making your circuit designs, with appropriate measures such as (i) placement of substitutive, auxiliary circuits, (ii) use of nonflammable material or (iii) prevention against any malfunction or mishap. Notes regarding these materials 1. These materials are intended as a reference to assist our customers in the selection of the Renesas Technology Corp. product best suited to the customer's application; they do not convey any license under any intellectual property rights, or any other rights, belonging to Renesas Technology Corp. or a third party. 2. Renesas Technology Corp. assumes no responsibility for any damage, or infringement of any third-party's rights, originating in the use of any product data, diagrams, charts, programs, algorithms, or circuit application examples contained in these materials. 3. All information contained in these materials, including product data, diagrams, charts, programs and algorithms represents information on products at the time of publication of these materials, and are subject to change by Renesas Technology Corp. without notice due to product improvements or other reasons. It is therefore recommended that customers contact Renesas Technology Corp. or an authorized Renesas Technology Corp. product distributor for the latest product information before purchasing a product listed herein. The information described here may contain technical inaccuracies or typographical errors. Renesas Technology Corp. assumes no responsibility for any damage, liability, or other loss rising from these inaccuracies or errors. Please also pay attention to information published by Renesas Technology Corp. by various means, including the Renesas Technology Corp. Semiconductor home page (http://www.renesas.com). 4. When using any or all of the information contained in these materials, including product data, diagrams, charts, programs, and algorithms, please be sure to evaluate all information as a total system before making a final decision on the applicability of the information and products. Renesas Technology Corp. assumes no responsibility for any damage, liability or other loss resulting from the information contained herein. 5. Renesas Technology Corp. semiconductors are not designed or manufactured for use in a device or system that is used under circumstances in which human life is potentially at stake. Please contact Renesas Technology Corp. or an authorized Renesas Technology Corp. product distributor when considering the use of a product contained herein for any specific purposes, such as apparatus or systems for transportation, vehicular, medical, aerospace, nuclear, or undersea repeater use. 6. The prior written approval of Renesas Technology Corp. is necessary to reprint or reproduce in whole or in part these materials. 7. If these products or technologies are subject to the Japanese export control restrictions, they must be exported under a license from the Japanese government and cannot be imported into a country other than the approved destination. Any diversion or reexport contrary to the export control laws and regulations of Japan and/or the country of destination is prohibited. 8. Please contact Renesas Technology Corp. for further details on these materials or the products contained therein.
RENESAS SALES OFFICES
Refer to "http://www.renesas.com/en/network" for the latest and detailed information. Renesas Technology America, Inc. 450 Holger Way, San Jose, CA 95134-1368, U.S.A Tel: <1> (408) 382-7500, Fax: <1> (408) 382-7501 Renesas Technology Europe Limited Dukes Meadow, Millboard Road, Bourne End, Buckinghamshire, SL8 5FH, U.K. Tel: <44> (1628) 585-100, Fax: <44> (1628) 585-900 Renesas Technology (Shanghai) Co., Ltd. Unit 205, AZIA Center, No.133 Yincheng Rd (n), Pudong District, Shanghai 200120, China Tel: <86> (21) 5877-1818, Fax: <86> (21) 6887-7898 Renesas Technology Hong Kong Ltd. 7th Floor, North Tower, World Finance Centre, Harbour City, 1 Canton Road, Tsimshatsui, Kowloon, Hong Kong Tel: <852> 2265-6688, Fax: <852> 2730-6071 Renesas Technology Taiwan Co., Ltd. 10th Floor, No.99, Fushing North Road, Taipei, Taiwan Tel: <886> (2) 2715-2888, Fax: <886> (2) 2713-2999 Renesas Technology Singapore Pte. Ltd. 1 Harbour Front Avenue, #06-10, Keppel Bay Tower, Singapore 098632 Tel: <65> 6213-0200, Fax: <65> 6278-8001 Renesas Technology Korea Co., Ltd. Kukje Center Bldg. 18th Fl., 191, 2-ka, Hangang-ro, Yongsan-ku, Seoul 140-702, Korea Tel: <82> (2) 796-3115, Fax: <82> (2) 796-2145
http://www.renesas.com
Renesas Technology Malaysia Sdn. Bhd Unit 906, Block B, Menara Amcorp, Amcorp Trade Centre, No.18, Jalan Persiaran Barat, 46050 Petaling Jaya, Selangor Darul Ehsan, Malaysia Tel: <603> 7955-9390, Fax: <603> 7955-9510
(c) 2006. Renesas Technology Corp., All rights reserved. Printed in Japan.
Colophon .5.0


▲Up To Search▲   

 
Price & Availability of HD74HC194

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X