Part Number Hot Search : 
FJN3302R 39513 W1250 KTA1042L RM200 RM200 MAX2424 NTD30
Product Description
Full Text Search
 

To Download G1214T12U Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Global Mixed-mode Technology Inc.
G1214
Rail-to-Rail I/O, High-Slew-Rate OP Amp
Features
+3V to +5.5V Single-Supply Operation Input / Output Rail-to-Rail Low input current High output driving capacity Low Quiescent Current: 500A @ 5V High Slew rate 6.5V/s High Gain-Bandwidth Product 6.5MHz High Open Loop Gain 95dB High PSRR 70dB
General Description
G1214 is a input/output rail-to-rail Operational Amplifier. It can be operated from +3V to +5.5V single supply or from 1.5V to 2.75 dual supply. G1214 can drive 66mA into resistor loads to within 10% power rail. AC performance is very excellent with 6.5MHz bandwidth, 6.5V/s Slew Rate, 95dB open loop gain, 60 degree phase margin and low distortion. Supply current of G1214 is only 500A per Amplifier. It is very suitable for low current consumption applications to control high current loads. Applications include audio amplification for computers, sound ports, sound cards and set-top boxes. G1214 is housed in a 5-pin small SOT-23-5 and SC-70-5 package.
Applications
Headphone Driver Portable Equipment Battery-Powered Equipment Multimedia Audio ASIC Input or Output Amplifier Sensor Amplifier Low Power/Low Voltage Applications
Ordering Information
ORDER NUMBER
G1214T1U G1214TAU G1214T12U G1214TA2U
ORDER NUMBER (Pb free)
G1214T1Uf G1214TAUf G1214T12Uf G1214TA2Uf
MARKING
1214x 1214x 214Ax 14xx
TEMP. RANGE
-40C to 85C -40C to 85C -40C to 85C -40C to 85C
PACKAGE
SOT-23-5 SC-70-5 SOT-23-5 SC-70-5
Note:T1: SOT-23-5 TA: SC-70-5 2: Bonding Code U: Tape & Reel
Pin Configuration
Typical Application Circuit
G1214 T1
IN+ 1 + 5 VDD OUT 1
G1214 T12
5 VDD IN
VDD
VSS
2
VSS
2
+ G1214 G121
OUT RL 2K
+ 4
SOT-23-5/SC-70-5
IN-
IN-
3
SOT-23-5/SC-70-5
4
OUT
IN+
3
Rail-to-Rail is a registered trademark of Nippon Motorola, Ltd.
Ver: 1.8 May 16, 2006 TEL: 886-3-5788833 http://www.gmt.com.tw
1
Global Mixed-mode Technology Inc.
Absolute Maximum Ratings
Supply Voltage (VDD to VSS) . . . . . . . . . . . . . . . . . .6.5V All Other Pins . . . . . . . . . . . . (Vss-0.3V) to (VDD+0.3V) Continuous Power Dissipation (TA=25C) SOT-23-5 . . . . . . . . . . . . . . . . . . . . . . . .. . . . . 520mW SC-70-5 . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 313mW Thermal Resistance Junction to Ambient, (JA) SOT-23-5 . . . . . . . . . . . . . . . . . . .. . . . . . .240C/Watt SC-70-5 . . . . . . . . . . . . . . . . . . . . . . . . . . 400C/Watt
G1214
Junction Temperature . . . . . . . . . . . . . . . . . . . .150C Operating Temperature Range . . . . . . . .-40C to 85C Storage Temperature Range . . . .. . . . -65C to 160C Reflow Temperature (soldering, 10sec) . . . . . . 260C
Electrical Characteristics
VDD = 5V; VSS = 0V; Tamb = 25C; CL=10pF, RL=1k to VDD/2; unless otherwise specified. PARAMETER
Supplies Supply Voltage Range Supply Current Total Power Dissipation DC Characteristics Input Offset Voltage Common Mode Voltage Input Bias Current Input Bias Current Offset Input Resistance Open Loop Gain Maximum Output Current Output Voltage Swing High Output Voltage Swing Low Power Supply Rejection Ratio Common-Mode Rejection Ratio AC Characteristics Gain-Bandwidth Product Slew-Rate Phase Margin Maximum Output Current with THD VDD IDD Ptot VI (OS) VCM IB IOS RIN AV IO VOH VOL PSRR CMRR GBWP SR PM IO THD<0.1%, RL = 16 VOUT = VIN x 90% RL = 2k RL = 2k 3VVDD5.5V VSSVCMVDD Open-loop; No Load Measured from 10% to 90% of 4VP-P step, RL =1k, CL=10pF Inferred from CMRR test Note1 No load No load 3 ------0 ------85 55 4.96 45 45 ----------0.5 0.25 5 --1.5 1.5 1000 95 66 4.99 0.012 70 65 6.5 6.5 60 100 5.5 0.7 0.35 15 5 20 20 --------0.04 ------------V mA mW mV V nA nA M dB mA V V dB dB MHz V/s deg mA
SYMBOL
CONDITION
MIN
TYP
MAX
UNIT
Note1: Guaranteed by the Power-Supply Rejection Ratio (PSRR) test
Ver: 1.8 May 16, 2006
TEL: 886-3-5788833 http://www.gmt.com.tw
2
Global Mixed-mode Technology Inc.
Typical Performance Characteristics
VDD = 5V; VSS = 0V; Tamb = 25C; CL=10pF, RL=1k to VDD/2; unless otherwise specified.
Open Loop Gain & Phase Margin vs. Frequency
100 90 80 70 Gain(dB) 60 50 40 30 20 10 0
1.E-02 1.E-01 1.E+00 1.E+01 1.E+02 1.E+03
G1214
PSRR vs. Frequency
225 Gain 180 Phase Margin( ) PSRRPSRR (dB) 60 PSRR+ 40 135 90 Phase 45 0
1.E+04
80
20
1.E-01 1.E+00 1.E+01 1.E+02 1.E+03 1.E+04
Frequency - kHz
Frequency - kHz
CMRR vs. Frequency
80 10
Total Harmonic Distortion Plus Noise vs.Output Power
f=1kHz Av=1 THD+N(%) 1
60 CMRR (dB)
40
RL=33 RL=15
0.1
20 p=(Vrms)2/R 0 1 10 100 1000 Frequency - kHz 10000 0.01
5 25 45 65 85 105 125
Output Power (mW)
Sinking Current vs. Vo - (VSS)
160 140 120 100 80 60 40 20 0
0.1 0.6 1.1 1.6 2.1
Sourcing Current vs. (VDD) - Vo
160 140 Sourcing Current(mA) 120 100 80 60 40 20 0
0.1 0.6 1.1 1.6 2.1
Sinking Current (mA)
VDD=+5V VDD=+3V
VDD=+5V VDD=+3V
Vo - (VSS)
(VDD) - Vo
Ver: 1.8 May 16, 2006
TEL: 886-3-5788833 http://www.gmt.com.tw
3
Global Mixed-mode Technology Inc.
Typical Performance Characteristics (Continued)
Large Signal Transient Response
G1214
Small Signal Transient Response
Operation with Rail-to-Rail Input and Output
Operation with Beyond-the Rail Input
Recommended Minimum Footprint
SC-70-5 SOT-23-5
Ver: 1.8 May 16, 2006
TEL: 886-3-5788833 http://www.gmt.com.tw
4
Global Mixed-mode Technology Inc.
Package Information
G1214
C L
D
EH
1 e1 e
A A2 A1
b
SOT-23-5 (T1) Package
Note: 1. Package body sizes exclude mold flash protrusions or gate burrs 2. Tolerance 0.1000 mm (4mil) unless otherwise specified 3. Coplanarity: 0.1000mm 4. Dimension L is measured in gage plane
SYMBOL
A A1 A2 b C D E e e1 H L 1
MIN.
1.00 0.00 0.70 0.35 0.10 2.70 1.40 --------2.60 0.37 1
DIMENSION IN MM NOM.
1.10 ----0.80 0.40 0.15 2.90 1.60 1.90(TYP) 0.95 2.80 -----5
MAX.
1.30 0.10 0.90 0.50 0.25 3.10 1.80 --------3.00 ----9
MIN.
0.039 0.000 0.028 0.014 0.004 0.106 0.055 --------0.102 0.015 1
DIMENSION IN INCH NOM.
0.043 ----0.031 0.016 0.006 0.114 0.063 0.075(TYP) 0.037 0.110 ----5
MAX.
0.051 0.004 0.035 0.020 0.010 0.122 0.071 --------0.118 ----9
Ver: 1.8 May 16, 2006
TEL: 886-3-5788833 http://www.gmt.com.tw
5
Global Mixed-mode Technology Inc.
G1214
D e1 e L
E1
E
L1 b c A1 0.20
A2
A
SC-70-5 (TA) Package
SYMBOL
A A1 A2 b c D E E1 e e1 L L1
MIN.
0.90 0.00 0.90 0.15 0.08 2.00 1.15 2.15
DIMENSION IN MM MAX.
1.10 0.10 1.00 0.35 0.15 2.20 1.35 2.45 0.65 TYP 1.40 0.525 REF 0.46 8
DIMENSION IN INCH MIN. MAX.
0.035 0.00 0.035 0.006 0.003 0.079 0.045 0.085 0.026 TYP 0.047 0.021REF 0.010 0 0.018 8 0.055 0.043 0.004 0.039 0.014 0.006 0.087 0.053 0.096
1.20 0.26 0
Taping Specification
PACKAGE
SOT-23-5 SC-70-5
Feed Direction SOT-23-5SC-70-5L Package Orientation
Q'TY/REEL
3,000 ea 3,000 ea
GMT Inc. does not assume any responsibility for use of any circuitry described, no circuit patent licenses are implied and GMT Inc. reserves the right at any time without notice to change said circuitry and specifications.
Ver: 1.8 May 16, 2006
TEL: 886-3-5788833 http://www.gmt.com.tw
6


▲Up To Search▲   

 
Price & Availability of G1214T12U

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X