Part Number Hot Search : 
Z50FF5 A1504 01909 KBPC1502 MC1357 PIC16F85 10A30 AN17830
Product Description
Full Text Search
 

To Download FMMT495 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SMD Type
Power High Performance Transistor FMMT495
SOT-23
+0.1 2.9-0.1 +0.1 0.4-0.1
Transistors
Unit: mm
+0.1 2.4-0.1
1
+0.1 0.95-0.1 +0.1 1.9-0.1
2
SOT23 NPN silicon planar medium
0.55
Features
+0.1 1.3-0.1
0.4
3
+0.05 0.1-0.01
+0.1 0.97-0.1
1.Base 2.Emitter 3.collector
Absolute Maximum Ratings Ta = 25
Parameter Collector-base voltage Collector-emitter voltage Emitter-base voltage Peak collector current Collector current Base current Power dissipation Operating and storage temperature range Symbol VCBO VCEO VEBO ICM IC IB Ptot Tj,Tstg Rating 170 150 5 2 1 200 500 -55 to +150 Unit V V V A A mA mW
+0.1 0.38-0.1
0-0.1
www.kexin.com.cn
1
SMD Type
FMMT495
Electrical Characteristics Ta = 25
Parameter Collector-base breakdown voltage Collector-emitter breakdown voltage * Emitter-base breakdown voltage Collector Cut-Off Currents Collector Cut-Off Currents Emitter cut-off current Collector-emitter saturation voltage * Base-emitter saturation voltage * Base-emitter voltage * Symbol V(BR)CBO IC=100iA V(BR)CEO IC=10mA V(BR)EBO IE=100iA ICBO ICES IEBO VCB=150V VCE=150V VEB=4V Testconditons
Transistors
Min 170 150 5
Typ
Max
Unit V V V
100 100 100 0.2 0.3 1.0 1.0 100 100 50 10 100 10 300
nA nA nA V V V
IC=250mA,IB=25mA VCE(sat) IC=500mA,IB=50mA VBE(sat) IC=500mA,IB=50mA VBE(ON) IC=500mA,VCE=10V IC=1mA, VCE=10V
Static Forward Current Transfer Ratio
hFE
IC=250mA, VCE=10V* IC=500mA, VCE=10V* IC=1A, VCE=10V*
Transition Frequency Collector-Base Breakdown Voltage * Pulse test: tp = 300 is; d 0.02.
fT Cobo
IC=50mA,VCE=10V,f=100MHz VCB=10V,f=1MHz
MHz pF
Marking
Marking 495
2
www.kexin.com.cn


▲Up To Search▲   

 
Price & Availability of FMMT495

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X