Part Number Hot Search : 
LS120 74ACT161 21140 JPU644 TDA1002 750SN1 SED1566 800BG
Product Description
Full Text Search
 

To Download DTC144EE Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 MCC
Micro Commercial Components
TM
omponents 20736 Marilla Street Chatsworth !"# $
% !"#
DTC144EE
Features
* * * Built-in bias resistors enable the configuration of an inverter circuit without connecting external input resistors The bias resistors consist of thin-film resistors with complete isolation to allow negative biasing of the input. They also have the advantage of almost completely eliminating parasitic effects. Only the on/off conditions need to be set for operation, making device design easy
Symbol VCC VIN IO Pd Tj Tstg Parameter Supply voltage Input voltage Output current Power dissipation Junction temperature Storage temperature Min ---10 -------55 Typ 50 --100 150 150 --Max --40 ------150 Unit V V mA mW
NPN Digital Transistors
SOT-523
A D
Absolute maximum ratings @ 25
3 1 2 B
C
1. IN 2. GND 3. OUT
E
Electrical Characteristics @ 25
Symbol VI(off) VI(on) VO(on) II IO(off) GI R1 R2/R1 fT Parameter Input voltage (VCC=5V, IO=100A) (VO=0.3V, IO=2mA) Output voltage (IO/II=10mA/0.5mA) Input current (VI=5V) Output current (VCC=50V, VI=0) DC current gain (VO=5V, IO=5mA) Input resistance Resistance ratio Transition frequency (VCE=10V, IE=5mA, f=100MHz) Min --3.0 ------68 32.9 0.8 --Typ ------------47 1.0 250 Max 0.5 --0.3 0.18 0.5 --61.1 1.2 --Unit V V V mA A K MHz
G H J
K DIMENSIONS INCHES MIN MAX .059 .067 .030 .033 .057 .069 .020 Nominal .035 .043 .000 .004 .028 .031 .004 .008 .010 .014 MM MIN MAX 1.50 1.70 0.75 0.85 1.45 1.75 0.50Nominal 0.90 1.10 .000 .100 .70 0.80 .100 .200 .25 .35
DIM A B C D E G H J K
NOTE
www.mccsemi.com
Revision: 1 2005/06/29
DTC144EE
MCC
Micro Commercial Components
TM
www.mccsemi.com
Revision: 1 2005/06/29


▲Up To Search▲   

 
Price & Availability of DTC144EE

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X