|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
MCC Micro Commercial Components TM omponents 20736 Marilla Street Chatsworth !"# $ % !"# DTC124EE Features * * * Built-in bias resistors enable the configuration of an inverter circuit without connecting external input resistors The bias resistors consist of thin-film resistors with complete isolation to allow negative biasing of the input. They also have the advantage of almost completely eliminating parasitic effects. Only the on/off conditions need to be set for operation, making device design easy Symbol VCC VIN IO IC(MAX) Pd Tj Tstg Parameter Supply voltage Input voltage Output current Power dissipation Junction temperature Storage temperature Min ---10 -------55 Typ 50 --30 100 150 150 --Max --40 ------150 Unit V V mA mW NPN Digital Transistors SOT-523 A D Absolute maximum ratings @ 25 3 1 2 B C 1. IN 2. GND 3. OUT E Electrical Characteristics @ 25 Symbol VI(off) VI(on) VO(on) II IO(off) GI R1 R2/R1 fT Parameter Input voltage (VCC=5V, IO=100A) (VO=0.2V, IO=5mA) Output voltage (IO/II=10mA/0.5mA) Input current (VI=5V) Output current (VCC=50V, VI=0) DC current gain (VO=5V, IO=5mA) Input resistance Resistance ratio Transition frequency (VCE=10V, IE=5mA, f=100MHz) Min --3.0 ------56 15.4 0.8 --Typ ----0.1 ------22 1.0 250 Max 0.5 --0.3 0.36 0.5 --28.6 1.2 --Unit V V V mA A K MHz G H J K DIMENSIONS INCHES MIN MAX .059 .067 .030 .033 .057 .069 .020 Nominal .035 .043 .000 .004 .028 .031 .004 .008 .010 .014 MM MIN MAX 1.50 1.70 0.75 0.85 1.45 1.75 0.50Nominal 0.90 1.10 .000 .100 .70 0.80 .100 .200 .25 .35 DIM A B C D E G H J K NOTE www.mccsemi.com Revision: 1 2005/06/29 |
Price & Availability of DTC124EE |