Part Number Hot Search : 
200N6 100FI X98500 SDA9288X 10D48 DP2101 L2040 FR70G05
Product Description
Full Text Search
 

To Download DS12R885S-33 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Rev 5; 2/07
RTC with Constant-Voltage Trickle Charger
General Description
The DS12R885 is a functional drop-in replacement for the DS12885 real-time clock (RTC). The device provides an RTC/calendar, one time-of-day alarm, three maskable interrupts with a common interrupt output, a programmable square wave, and 114 bytes of batterybacked static RAM. The date at the end of the month is automatically adjusted for months with fewer than 31 days, including correction for leap years. It also operates in either 24-hour or 12-hour format with an AM/PM indicator. A precision temperature-compensated circuit monitors the status of VCC. If a primary power failure is detected, the device automatically switches to a backup supply. The VBACKUP pin supports a rechargeable battery or a super cap and includes an integrated, always enabled trickle charger. The DS12R885 is accessed through a multiplexed byte-wide interface, which supports both Intel and Motorola modes. The DS12CR887 and DS12R887 integrate the DS12R885 die with a crystal and battery.
Features
Trickle-Charge Capability for a Rechargeable Battery or Super Cap Selectable Intel or Motorola Bus Timing RTC Counts Seconds, Minutes, Hours, Day, Date, Month, and Year with Leap-Year Compensation to 2100 Interrupt Output with Three Independently Maskable Interrupt Flags Time-of-Day Alarm is Once-per-Second to Onceper-Day Periodic Rates from 122s to 500ms End-of-Clock Update Cycle Flag 14 Bytes of Clock and Control Registers 114 Bytes of General-Purpose Battery-Backed NV RAM with Clear Input Programmable Square-Wave Output Automatic Power-Fail Detect and Switch Circuitry +5.0V or +3.3V Operation Industrial Temperature Range DS12CR887 Encapsulated DIP (EDIP) Module with Integrated Battery and Crystal DS12R887 BGA Module Surface-Mountable Package with Integrated Crystal and Rechargeable Battery
DS12R885/DS12CR887/DS12R887
Applications
Embedded Systems Utility Meters Security Systems Network Hubs, Bridges, and Routers
Typical Operating Circuit
CRYSTAL VCC
Ordering Information
PART DS12R885S-5 DS12R885S-5+ DS12R885S-5/ T&R TEMP RANGE -40C to +85C -40C to +85C -40C to +85C -40C to +85C -40C to +85C PINPACKAGE 24 SO (300 mils) 24 SO (300 mils) 24 SO (300 mils) 24 SO (300 mils) 24 SO (300 mils) TOP MARK* DS12R885-5 DS12R885-5 DS12R885-5 DS12R885-5 DS12R885-33
X1 AS R/W DS
X2
VCC RESET RCLR
DS83C520
CS AD(0-7) IRQ MOT
DS12R885
SQW VBACKUP
DS12R885S-5+ T&R
SUPER CAP
DS12R885S-33
GND
+Denotes a lead-free/RoHS-compliant device. T&R = Tape-and-reel. *A "+" anywhere on the top mark indicates a lead-free device.
Ordering Information continued at end of data sheet. Pin Configurations appear at end of data sheet.
______________________________________________ Maxim Integrated Products 1
For pricing, delivery, and ordering information, please contact Maxim/Dallas Direct! at 1-888-629-4642, or visit Maxim's website at www.maxim-ic.com.
RTC with Constant-Voltage Trickle Charger DS12R885/DS12CR887/DS12R887
ABSOLUTE MAXIMUM RATINGS
Voltage Range on VCC Pin Relative to Ground .....-0.3V to +6.0V Operating Temperature Range ...........................-40C to +85C Storage Temperature Range .............................-55C to +125C Soldering Temperature .......................................See IPC/JEDEC J-STD-020A Specification Soldering Temperature (leads, 10s) ................................+260C
Stresses beyond those listed under "Absolute Maximum Ratings" may cause permanent damage to the device. These are stress ratings only, and functional operation of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to absolute maximum rating conditions for extended periods may affect device reliability.
DC ELECTRICAL CHARACTERISTICS
(VCC = VCC(MIN) to VCC(MAX), TA = -40C to +85C, unless otherwise noted.) (Note 1)
PARAMETER Supply Voltage (Note 2) VBACKUP Input Voltage (DS12R885 Only) Input Logic 1 Input Logic 0 VCC Power-Supply Current (Note 3) VCC Standby Current (Note 4) Input Leakage I/O Leakage Input Current Output Current at 2.4V Output Current at 0.4V Power-Fail Voltage (Note 2) VRT Trip Point Trickle-Charger Current-Limiting Resistor Trickle-Charger Output Voltage SYMBOL VCC VBACKUP VIH VIL ICC1 ICCS IIL IOL IMOT IOH IOL VPF VRTTRIP R1 VOUT (Note 5) (Note 6) (Note 2) (Note 2) -33 -5 -33 -5 DS12R885 Only DS12R885 Only 2.7 4.05 2.88 4.33 1.3 10 3.05 -33 -5 (Note 2) (Note 2) (Note 2) -33 -5 -5 -33 -1.0 -1.0 -1.0 -1.0 4.0 2.97 4.5 CONDITIONS MIN 2.97 4.5 2.0 2.2 -0.3 0.7 0.8 0.250 0.140 TYP 3.3 5.0 MAX 3.63 5.5 VOUT VCC + 0.3 +0.8 2 2 0.5 0.3 +1.0 +1.0 +500 UNITS V V V V mA mA A A A mA mA V V k V
2
_____________________________________________________________________
RTC with Constant-Voltage Trickle Charger
DC ELECTRICAL CHARACTERISTICS (DS12R885 Only)
(VCC = 0V, VBACKUP = 3.2V, TA = -40C to +85C, unless otherwise noted.) (Note 1)
PARAMETER VBACKUP Current (OSC On); TA = +25C, VBACKUP = 3.0V VBACKUP Current (Oscillator Off) SYMBOL IBACKUP2 (Note 7) CONDITIONS MIN TYP 800 MAX 1000 100 UNITS nA nA
DS12R885/DS12CR887/DS12R887
IBACKUPDR (Note 7)
AC ELECTRICAL CHARACTERISTICS
(VCC = 4.5V to 5.5V, TA = -40C to +85C.) (Note 1)
PARAMETER Cycle Time Pulse Width, DS Low or R/W High Pulse Width, DS High or R/W Low Input Rise and Fall R/W Hold Time R/W Setup Time Before DS/E Chip-Select Setup Time Before DS or R/W Chip-Select Hold Time Read-Data Hold Time Write-Data Hold Time Address Valid Time to AS Fall Address Hold Time to AS Fall Delay Time DS/E to AS Rise Pulse Width AS High Delay Time, AS to DS/E Rise Output Data Delay Time from DS or R/W Data Setup Time Reset Pulse Width IRQ Release from DS IRQ Release from RESET SYMBOL tCYC PWEL PWEH t R , tF tRWH tRWS tCS tCH tDHR tDHW tASL tAHL tASD PWASH tASED tDDR tDSW tRWL tIRDS tIRR (Note 8) 0 10 5 0 5 0 20 5 10 30 35 15 50 5 0 0 2 2 60 35 CONDITIONS MIN 180 80 65 30 TYP MAX DC UNITS ns ns ns ns ns ns ns ns ns ns ns ns ns ns ns ns ns s s s
_____________________________________________________________________
3
RTC with Constant-Voltage Trickle Charger DS12R885/DS12CR887/DS12R887
AC ELECTRICAL CHARACTERISTICS
(VCC = 2.97V to 3.63V, TA = -40C to +85C.) (Note 1)
PARAMETER Cycle Time Pulse Width, DS Low or R/W High Pulse Width, DS High or R/W Low Input Rise and Fall R/W Hold Time R/W Setup Time Before DS Chip-Select Setup Time Before DS or R/W Chip-Select Hold Time Read-Data Hold Time Write-Data Hold Time Address Valid Time to AS Fall Address Hold Time to AS Fall Delay Time DS to AS Rise Pulse Width AS High Delay Time, AS to DS Rise Output Data Delay Time from DS or R/W Data Setup Time Reset Pulse Width IRQ Release from DS IRQ Release from RESET SYMBOL tCYC PWEL PWEH tR , tF tRWH tRWS tCS tCH tDHR tDHW tASL tAHL tASD PWASH tASED tDDR tDSW tRWL tIRDS tIRR (Note 8) 0 15 8 0 5 0 30 15 15 45 55 20 70 5 0 0 2 2 80 55 CONDITIONS MIN 280 130 90 30 TYP MAX DC UNITS ns ns ns ns ns ns ns ns ns ns ns ns ns ns ns ns ns s s s
4
_____________________________________________________________________
RTC with Constant-Voltage Trickle Charger
Motorola Bus Read/Write Timing
PWASH AS tASD tCYC DS PWEL tRWS R/ W tCH CS tCS tDSW AD0-AD7 WRITE tASL AD0-AD7 READ tAHL tDHR tDDR tDHW PWEH tRWH tASED
DS12R885/DS12CR887/DS12R887
Intel Bus Write Timing
tCYC AS tASD DS tASD R/W PWEL tCS CS tASL AD0-AD7 WRITE tAHL tDSW tDHW tASED PWEH tCH PWASH
_____________________________________________________________________
5
RTC with Constant-Voltage Trickle Charger DS12R885/DS12CR887/DS12R887
Intel Bus Read Timing
tCYC AS tASD DS tASD R/W tCH tCS CS tASL AD0-AD7 tAHL tDDR tDHR PWEL PWASH tASED PWEH
IRQ Release Delay Timing
DS RESET tRWL
IRQ tIRDS
tIRR
Power-Up/Power-Down Timing
VCC VPF(MAX)
VPF(MIN)
tF
tR tRPU tDR
INPUTS
RECOGNIZED
DON'T CARE
RECOGNIZED
HIGH-Z OUTPUTS VALID VALID
6
_____________________________________________________________________
RTC with Constant-Voltage Trickle Charger
POWER-UP/POWER-DOWN CHARACTERISTICS
(TA = -40C to +85C) (Note 1)
PARAMETER Recovery at Power-Up VCC Fall Time; VPF(MAX) to VPF(MIN) VCC Rise Time; VPF(MIN) to VPF(MAX) SYMBOL tRPU tF tR CONDITIONS MIN 20 300 0 TYP MAX 200 UNITS ms s s
DS12R885/DS12CR887/DS12R887
DATA RETENTION (DS12CR887)
PARAMETER Expected Data Retention SYMBOL tDR TA = +25C CONDITIONS MIN 5 TYP MAX UNITS Years
CAPACITANCE
(TA = +25C)
PARAMETER Capacitance on All Input Pins Except X1 and X2 Capacitance on IRQ, SQW, and DQ Pins SYMBOL CIN CIO (Note 9) (Note 9) CONDITIONS MIN TYP MAX 10 10 UNITS pF pF
AC TEST CONDITIONS
PARAMETER Input Pulse Levels (-5) Input Pulse Levels (-33) Output Load Including Scope and Jig (-5) Output Load Including Scope and Jig (-33) Input and Output Timing Measurement Reference Levels Input-Pulse Rise and Fall Times 0 to 3.0V 0 to 2.7V 50pF + 1TTL Gate 25pF + 1TTL Gate Input/Output: VIL maximum and VIH minimum 5ns TEST CONDITIONS
WARNING: Negative undershoots below -0.3V while the part is in battery-backed mode may cause loss of data.
Note 1: Note 2: Note 3: Note 4: Note 5: Note 6: Note 7: Note 8: Note 9: Limits at -40C are guaranteed by design and not production tested. All voltages are referenced to ground. All outputs are open. Specified with CS = DS = R/W = RESET = VCC; MOT, AS, AD0-AD7 = 0; VBACKUP open. Applies to the AD0 to AD7 pins, the IRQ pin, and the SQW pin when each is in a high-impedance state. The MOT pin has an internal 20k pulldown. Measured with a 32.768kHz crystal attached to X1 and X2. Measured with a 50pF capacitance load. Guaranteed by design. Not production tested.
_____________________________________________________________________
7
RTC with Constant-Voltage Trickle Charger DS12R885/DS12CR887/DS12R887
Typical Operating Characteristics
(VCC = +3.3V, TA = +25C, unless otherwise noted.)
IBACKUP vs. VBACKUP (DS12R885)
DS12R885 toc01
VBACKUP vs. VCC vs. IBACKUP (DS12R885)
VCC = 0V 3.0
DS12R885 toc02
625
0A -15A -30A -45A
2.8
SUPPLY CURRENT (nA)
600 VBACKUP 575 2.2 2.6
2.4 -60A
550 2.0 2.3 2.5 VBACKUP (V) 2.8 3.0
2.0 1.0 1.5 2.0 2.5 3.0 3.5 4.0 4.5 5.0 5.5 VCC
IBACKUP vs. TEMPERATURE (DS12R885)
625 SUPPLY CURRENT (nA) 600 575 550 525 500 475 450 -40 -25 -10 5 20 35 50 65 80 TEMPERATURE (C) FREQUENCY (Hz) VCC = 0V, VBACKUP = 3.0V
DS12R885 toc03
OSCILLATOR FREQUENCY vs. SUPPLY VOLTAGE
32768.08 32768.06 32768.04 32768.02 32768.00 32767.98 32767.96 32767.94 32767.92 32767.90 2.0 2.5 3.0 3.5 4.0 4.5 5.0 5.5 SUPPLY (V)
DS12R885 toc04
650
32768.10
8
_____________________________________________________________________
RTC with Constant-Voltage Trickle Charger
Functional Diagram
DS12R885/DS12CR887/DS12R887
X1 OSC X2 DS12R887/ DS12CR887 ONLY VCC VBACKUP POWER CONTROL AND TRICKLE CHARGER DIVIDE BY 8 DIVIDE BY 64 DIVIDE BY 64
16:1 MUX SQUAREWAVE GENERATOR SQW IRQ
GND DS12R887/ DS12CR887 ONLY
DS12R885
CS R/W DS AS MOT RESET AD0-AD7 BUS INTERFACE CLOCK/CALENDAR UPDATE LOGIC
IRQ GENERATOR
REGISTERS A, B, C, D
CLOCK/CALENDAR AND ALARM REGISTERS BUFFERED CLOCK/ CALENDAR AND ALARM REGISTERS USER RAM 114 BYTES
RLCR
Pin Description
SO 1 PIN EDIP 1 BGA C5 NAME FUNCTION Motorola or Intel Bus Timing Selector. This pin selects one of two bus types. When connected to VCC, Motorola bus timing is selected. When connected to GND or left disconnected, Intel bus timing is selected. The pin has an internal pulldown resistor. Connections for Standard 32.768kHz Quartz Crystal. The internal oscillator circuitry is designed for operation with a crystal having a 12.5pF specified load capacitance (CL). Pin X1 is the input to the oscillator and can optionally be connected to an external 32.768kHz oscillator. The output of the internal oscillator, pin X2, is floated if an external oscillator is connected to pin X1. Multiplexed, Bidirectional Address/Data Bus. The addresses are presented during the first portion of the bus cycle and latched into the DS12R885 by the falling edge of AS. Write data is latched by the falling edge of DS (Motorola timing) or the rising edge of R/W (Intel timing). In a read cycle, the DS12R885 outputs data during the latter portion of DS (DS and R/W high for Motorola timing, DS low and R/W high for Intel timing). The read cycle is terminated and the bus returns to a high-impedance state as DS transitions low in the case of Motorola timing or as DS transitions high in the case of Intel timing.
MOT
2
--
--
X1
3
--
--
X2
4-11
4-11
F4, D4, F3, D3, F2, D2, F1, D1
AD0- AD7
_____________________________________________________________________
9
RTC with Constant-Voltage Trickle Charger DS12R885/DS12CR887/DS12R887
Pin Description (continued)
SO 12, 16 PIN EDIP 12 BGA D5-D8, E1-E8, F5-F8 NAME FUNCTION
GND
Ground Chip-Select Input. The active-low chip-select signal must be asserted low for a bus cycle in the DS12R885 to be accessed. CS must be kept in the active state during DS and AS for Motorola timing and during DS and R/W for Intel timing. Bus cycles that take place without asserting CS latch addresses, but no access occurs. When VCC is below VPF volts, the DS12R885 inhibits access by internally disabling the CS input. This action protects the RTC data and the RAM data during power outages. Address Strobe Input. A positive-going address-strobe pulse serves to demultiplex the bus. The falling edge of AS causes the address to be latched within the DS12R885. The next rising edge that occurs on the AS bus clears the address regardless of whether CS is asserted. An address strobe must immediately precede each write or read access. If a write or read is performed with CS deasserted, another address strobe must be performed prior to a read or write access with CS asserted. Read/Write Input. The R/W pin has two modes of operation. When the MOT pin is connected to VCC for Motorola timing, R/W is at a level that indicates whether the current cycle is a read or write. A read cycle is indicated with a high level on R/W while DS is high. A write cycle is indicated when R/W is low during DS. When the MOT pin is connected to GND for Intel timing, the R/W signal is an active-low signal. In this mode, the R/W pin operates in a similar fashion as the write-enable signal (WE) on generic RAMs. Data are latched on the rising edge of the signal. No Connection. This pin should remain unconnected. On the EDIP, these pins are missing by design. Data Strobe or Read Input. The DS pin has two modes of operation depending on the level of the MOT pin. When the MOT pin is connected to VCC, Motorola bus timing is selected. In this mode, DS is a positive pulse during the latter portion of the bus cycle and is called data strobe. During read cycles, DS signifies the time that the DS12R885 is to drive the bidirectional bus. In write cycles, the trailing edge of DS causes the DS12R885 to latch the written data. When the MOT pin is connected to GND, Intel bus timing is selected. DS identifies the time period when the DS12R885 drives the bus with read data. In this mode, the DS pin operates in a similar fashion as the output-enable (OE) signal on a generic RAM.
13
13
C1
CS
14
14
C3
AS
15
15
C2
R/W
22
2, 3, 16, 20-22
A3
N.C.
17
17
A1
DS
10
____________________________________________________________________
RTC with Constant-Voltage Trickle Charger
Pin Description (continued)
PIN SO EDIP BGA NAME FUNCTION Reset Input. The active-low RESET pin has no effect on the clock, calendar, or RAM. On power-up, the RESET pin can be held low for a time to allow the power supply to stabilize. The amount of time that RESET is held low is dependent on the application. However, if RESET is used on power-up, the time RESET is low should exceed 200ms to ensure that the internal timer that controls the DS12R885 on power-up has timed out. When RESET is low and VCC is above V PF, the following occurs: A. Periodic interrupt-enable (PIE) bit is cleared to 0. B. Alarm interrupt-enable (AIE) bit is cleared to 0. C. Update-ended interrupt-enable (UIE) bit is cleared to 0. D. Periodic-interrupt flag (PF) bit is cleared to 0. E. Alarm-interrupt flag (AF) bit is cleared to 0. F. Update-ended interrupt flag (UF) bit is cleared to 0. G. Interrupt-request status flag (IRQF) bit is cleared to 0. H. IRQ pin is in the high-impedance state. I. The device is not accessible until RESET is returned high. J. Square-wave output-enable (SQWE) bit is cleared to 0. In a typical application, RESET can be connected to VCC. This connection allows the DS12R885 to go in and out of power fail without affecting any of the control registers. Interrupt Request Output. The IRQ pin is an active-low output of the DS12R885 that can be used as an interrupt input to a processor. The IRQ output remains low as long as the status bit causing the interrupt is present and the corresponding interrupt-enable bit is set. The processor program normally reads the C register to clear the IRQ pin. The RESET pin also clears pending interrupts. When no interrupt conditions are present, the IRQ level is in the high-impedance state. Multiple interrupting devices can be connected to an IRQ bus, provided that they are all open drain. The IRQ pin is an opendrain output and requires an external pullup resistor to VCC.
DS12R885/DS12CR887/DS12R887
18
18
A2
RESET
19
19
A4
IRQ
20
--
--
Connection for Rechargeable Battery or Super Cap. This pin provides trickle charging VBACKUP when VCC is greater than VBACKUP. On the DS12CR887 and DS12R887, the VBACKUP pin is missing and is internally connected to a lithium cell. RAM Clear. The active-low RCLR pin is used to clear (set to logic 1) all 114 bytes of general-purpose RAM, but does not affect the RAM associated with the RTC. To clear the RAM, RCLR must be forced to an input logic 0 during battery-backup mode when VCC is not applied. The RCLR function is designed to be used through a human interface (shorting to ground manually or by a switch) and not to be driven with external buffers. This pin is internally pulled up. Do not use an external pullup resistor on this pin. Square-Wave Output. The SQW pin can output a signal from one of 13 taps provided by the 15 internal divider stages of the RTC. The frequency of the SQW pin can be changed by programming Register A, as shown in Table 1. The SQW signal can be turned on and off using the SQWE bit in Register B. The SQW signal is not available when VCC is less than VPF. DC Power Pin for Primary Power Supply. When VCC is applied within normal limits, the device is fully accessible and data can be written and read. When VCC is below VPF reads and writes are inhibited.
21
--
A5
RCLR
23
23
C4
SQW
24
24
A6-A8, B1-B8, C6-C8
VCC
____________________________________________________________________
11
RTC with Constant-Voltage Trickle Charger DS12R885/DS12CR887/DS12R887
Detailed Description
The DS12R885 is a drop-in replacement for the DS12885 RTC. The device provides 14 bytes of realtime clock/calendar, alarm, and control/status registers and 114 bytes of nonvolatile, battery-backed static RAM. A time-of-day alarm, three maskable interrupts with a common interrupt output, and a programmable square-wave output are available. The DS12R885 also operates in either 24-hour or 12-hour format with an AM/PM indicator. A precision temperature-compensated circuit monitors the status of V CC . If a primary power-supply failure is detected, the device automatically switches to a backup supply. The backup supply input supports either a rechargeable battery or a super cap, and includes an integrated trickle charger. The trickle charger is always enabled. The DS12R885 is accessed through a multiplexed address/data bus that supports Intel and Motorola modes. The DS12R887 is a surface-mount package using the DS12R885 die, a 32.768kHz crystal, and a rechargeable battery. The device provides a real-time clock/calendar, one time-of-day alarm, three maskable interrupts with a common interrupt output, a programmable square wave, and 114 bytes of nonvolatile, batterybacked static RAM. The date at the end of the month is automatically adjusted for months with fewer than 31 days, including correction for leap years. It also operates in either 24-hour or 12-hour format with an AM/PM indicator. A precision temperature-compensated circuit monitors the status of VCC. If a primary power failure is detected, the device automatically switches to a backup battery included in the package. The device is accessed through a multiplexed byte-wide interface, which supports both Intel and Motorola modes. The DS12CR887 EDIP integrates a DS12R885 die with a crystal and battery. The charging circuit on the DS12R885 die is disabled. The battery has sufficient capacity to power the oscillator and registers for five years in the absence of VCC at +25C. The DS12R887 BGA includes a crystal and a rechargeable battery. A fully charged battery can power the oscillator and registers (typical current at +25C) in the absence of V CC for approximately 11 days (10% of capacity consumed) or 98 days (90% capacity consumed). When the discharge depth is 10% of capacity, the battery can be recharged up to 1,000 times. If the discharge depth is 90% of capacity, the battery can be recharged up to 30 times. Thus, the life of the device would be approximately 30 years (11 days X 1,000 cycles) or 8 years (98 days x 30 cycles). Charging time to full capacity is approximately two days with VCC applied. Please consult related application notes for detailed information on battery lifetime versus depth of discharge, and expected product lifetime based upon battery cycles.
Oscillator Circuit
The DS12R885 uses an external 32.768kHz crystal. The oscillator circuit does not require any external resistors or capacitors to operate. Table 1 specifies several crystal parameters for the external crystal. Figure 1 shows a functional schematic of the oscillator circuit. An enable bit in the control register controls the oscillator. Oscillator startup times are highly dependent upon crystal characteristics, PC board leakage, and layout. High ESR and excessive capacitive loads are the major contributors to long startup times. A circuit using a crystal with the recommended characteristics and proper layout usually starts within one second.
Table 1. Crystal Specifications*
PARAMETER Nominal Frequency Series Resistance Load Capacitance SYMBOL fO ESR CL 12.5 MIN TYP 32.768 50 MAX UNITS kHz k pF
*The crystal, traces, and crystal input pins should be isolated from RF generating signals. Refer to Application Note 58: Crystal Considerations with Dallas Real-Time Clocks (RTCs) for additional specifications.
COUNTDOWN CHAIN
C L1
CL2
RTC REGISTERS
DS12R885
X1 CRYSTAL X2
Figure 1. Oscillator Circuit Showing Internal Bias Network
12
____________________________________________________________________
RTC with Constant-Voltage Trickle Charger
An external 32.768kHz oscillator can also drive the DS12R885. In this configuration, the X1 pin is connected to the external oscillator signal and the X2 pin is floated.
DS12R885/DS12CR887/DS12R887
LOCAL GROUND PLANE (LAYER 2)
Clock Accuracy
The accuracy of the clock is dependent upon the accuracy of the crystal and the accuracy of the match between the capacitive load of the oscillator circuit and the capacitive load for which the crystal was trimmed. Additional error is added by crystal frequency drift caused by temperature shifts. External circuit noise coupled into the oscillator circuit can result in the clock running fast. Figure 2 shows a typical PC board layout for isolation of the crystal and oscillator from noise. Refer to Application Note 58: Crystal Considerations with Dallas Real-Time Clocks (RTCs) for more detailed information. The DS12R887 and DS12CR887 are calibrated at the factory to an accuracy of 1 minute per month at +25C during data-retention time for the period tDR.
CRYSTAL
X1
X2
NOTE: AVOID ROUTING SIGNAL LINES IN THE CROSSHATCHED AREA (UPPER LEFT QUADRANT) OF THE PACKAGE UNLESS THERE IS A GROUND PLANE BETWEEN THE SIGNAL LINE AND THE DEVICE PACKAGE.
GND
Figure 2. Layout Example
Power-Down/Power-Up Considerations
The real-time clock continues to operate regardless of the VCC input level, and the RAM and alarm memory locations remain nonvolatile. V BACKUP must remain within the minimum and maximum limits when VCC is not applied. When VCC is applied and exceeds VPF (power-fail trip point), the device becomes accessible after tREC--if the oscillator is running and the oscillator countdown chain is not in reset (Register A). This time allows the system to stablize after power is applied. If the oscillator is not enabled, the oscillator-enable bit is enabled on power-up, and the device becomes immediately accessible.
used by the daylight saving function, so the value 1 is defined as Sunday. The date at the end of the month is automatically adjusted for months with fewer than 31 days, including correction for leap years. Before writing the internal time, calendar, and alarm registers, the SET bit in Register B should be written to logic 1 to prevent updates from occurring while access is being attempted. In addition to writing the 10 time, calendar, and alarm registers in a selected format (binary or BCD), the data mode bit (DM) of Register B must be set to the appropriate logic level. All 10 time, calendar, and alarm bytes must use the same data mode. The SET bit in Register B should be cleared after the data mode bit has been written to allow the RTC to update the time and calendar bytes. Once initialized, the RTC makes all updates in the selected mode. The data mode cannot be changed without reinitializing the 10 data bytes. Tables 2A and 2B show the BCD and binary formats of the time, calendar, and alarm locations. The 24-12 bit cannot be changed without reinitializing the hour locations. When the 12-hour format is selected, the higher-order bit of the hours byte represents PM when it is logic 1. The time, calendar, and alarm bytes are always accessible because they are double-buffered. Once per second the seven bytes are advanced by one second and checked for an alarm condition. If a read of the time and calendar data occurs during an update, a problem exists where seconds, minutes, hours, etc., may not correlate. The probability of read-
Time, Calendar, and Alarm Locations
The time and calendar information is obtained by reading the appropriate register bytes. The time, calendar, and alarm are set or initialized by writing the appropriate register bytes. The contents of the 10 time, calendar, and alarm bytes can be either binary or binary-coded decimal (BCD) format. The day-of-week register increments at midnight, incrementing from 1 through 7. The day-of-week register is
____________________________________________________________________
13
RTC with Constant-Voltage Trickle Charger DS12R885/DS12CR887/DS12R887
ing incorrect time and calendar data is low. Several methods of avoiding any possible incorrect time and calendar reads are covered later in this text. The three alarm bytes can be used in two ways. First, when the alarm time is written in the appropriate hours, minutes, and seconds alarm locations, the alarm interrupt is initiated at the specified time each day, if the alarm-enable bit is high. In this mode, the "0" bits in the alarm registers and the corresponding time registers must always be written to 0 (Table 2A and 2B). Writing the 0 bits in the alarm and/or time registers to 1 can result in undefined operation. The second use condition is to insert a "don't care" state in one or more of the three alarm bytes. The don'tcare code is any hexadecimal value from C0 to FF. The two most significant bits of each byte set the don't-care condition when at logic 1. An alarm is generated each hour when the don't-care bits are set in the hours byte. Similarly, an alarm is generated every minute with don't-care codes in the hours and minute alarm bytes. The don't-care codes in all three alarm bytes create an interrupt every second. All 128 bytes can be directly written or read, except for the following:
Table 2A. Time, Calendar, and Alarm Data Modes--BCD Mode (DM = 0)
ADDRESS 00H 01H 02H 03H 04H 05H 06H 07H 08H 09H 0AH 0BH 0CH 0DH 0EH-7F UIP SET IRQF VRT X BIT 7 0 0 0 0 AM/PM 0 AM/PM 0 0 0 0 0 0 0 0 0 DV2 PIE PF 0 X 0 10 Years DV1 AIE AF 0 X DV0 UIE UF 0 X RS3 SQWE 0 0 X BIT 6 BIT 5 BIT 4 10 Seconds 10 Seconds 10 Minutes 10 Minutes 0 0 0 10 Hours 10 Hours 10 Hours 10 Hours 0 10 Date 10 Months 0 Date Month Year RS2 DM 0 0 X RS1 24/12 0 0 X RS0 DSE 0 0 X BIT 3 BIT 2 BIT 1 Seconds Seconds Minutes Minutes Hours Hours Day BIT 0 FUNCTION Seconds Seconds Alarm Minutes Minutes Alarm Hours Hours Alarm Day Date Month Year Control Control Control Control RAM RANGE 00-59 00-59 00-59 00-59 1-12 +AM/PM 00-23 1-12 +AM/PM 00-23 01-07 01-31 01-12 00-99 -- -- -- -- --
X = Read/Write Bit. Note: Unless otherwise specified, the state of the registers is not defined when power is first applied. Except for the seconds register, 0 bits in the time and date registers can be written to 1, but may be modified when the clock updates. 0 bits should always be written to 0 except for alarm mask bits.
14
____________________________________________________________________
RTC with Constant-Voltage Trickle Charger DS12R885/DS12CR887/DS12R887
Table 2B. Time, Calendar, and Alarm Data Modes--Binary Mode (DM = 1)
ADDRESS 00H 01H 02H 03H 04H 0 AM/PM 05H 0 06H 07H 08H 09H 0AH 0BH 0CH 0DH 0EH-7F 0 0 0 0 UIP SET IRQF VRT X 0 0 0 DV2 PIE PF 0 X 0 0 0 DV1 AIE AF 0 X 0 0 DV0 UIE UF 0 X Year RS3 SQWE 0 0 X 0 0 0 Hours 0 Date Month RS2 DM 0 0 X RS1 24/12 0 0 X RS0 DSE 0 0 X Day Day Date Month Year Control Control Control Control RAM BIT 7 0 0 0 0 AM/PM 0 0 Hours Hours Hours Alarm BIT 6 0 0 0 0 0 BIT 5 BIT 4 BIT 3 BIT 2 Seconds Seconds Minutes Minutes Hours Hours BIT 1 BIT 0 FUNCTION Seconds Seconds Alarm Minutes Minutes Alarm RANGE 00-3B 00-3B 00-3B 00-3B 01-0C +AM/PM 00-17 01-0C +AM/PM 00-17 01-07 01-1F 01-0C 00-63 -- -- -- -- --
X = Read/Write Bit. Note: Unless otherwise specified, the state of the registers is not defined when power is first applied. Except for the seconds register, 0 bits in the time and date registers can be written to 1, but may be modified when the clock updates. 0 bits should always be written to 0 except for alarm mask bits.
____________________________________________________________________
15
RTC with Constant-Voltage Trickle Charger DS12R885/DS12CR887/DS12R887
Control Registers
The DS12R885 has four control registers that are accessible at all times, even during the update cycle.
Control Register A
BIT 7 UIP BIT 6 DV2 BIT 5 DV1 BIT 4 DV0 BIT 3 RS3 BIT 2 RS2 BIT 1 RS1 BIT 0 RS0
Bit 7: Update-In-Progress (UIP). This bit is a status flag that can be monitored. When the UIP bit is a 1, the update transfer occurs soon. When UIP is a 0, the update transfer does not occur for at least 244s. The time, calendar, and alarm information in RAM is fully available for access when the UIP bit is 0. The UIP bit is read-only and is not affected by RESET. Writing the SET bit in Register B to a 1 inhibits any update transfer and clears the UIP status bit. Bits 6, 5, and 4: DV2, DV1, DV0. These three bits are used to turn the oscillator on or off and to reset the countdown chain. A pattern of 010 is the only combination of bits that turn the oscillator on and allow the RTC to keep time. A pattern of 11x enables the oscillator but holds the countdown chain in reset. The next update occurs at 500ms after a pattern of 010 is written to DV0, DV1, and DV2.
Bits 3 to 0: Rate Selector (RS3, RS2, RS1, RS0). These four rate-selection bits select one of the 13 taps on the 15-stage divider or disable the divider output. The tap selected can be used to generate an output square wave (SQW pin) and/or a periodic interrupt. The user can do one of the following: 1) Enable the interrupt with the PIE bit; 2) 3) Enable the SQW output pin with the SQWE bit; Enable both at the same time and the same rate; or 4) Enable neither. Table 3 lists the periodic interrupt rates and the squarewave frequencies that can be chosen with the RS bits. These four read/write bits are not affected by RESET.
16
____________________________________________________________________
RTC with Constant-Voltage Trickle Charger
Control Register B
BIT 7 SET BIT 6 PIE BIT 5 AIE BIT 4 UIE BIT 3 SQWE BIT 2 DM BIT 1 24/12 BIT 0 DSE
DS12R885/DS12CR887/DS12R887
Bit 7: SET. When the SET bit is 0, the update transfer functions normally by advancing the counts once per second. When the SET bit is written to 1, any update transfer is inhibited, and the program can initialize the time and calendar bytes without an update occurring in the midst of initializing. Read cycles can be executed in a similar manner. SET is a read/write bit and is not affected by RESET or internal functions of the DS12R885. Bit 6: Periodic Interrupt Enable (PIE). The PIE bit is a read/write bit that allows the periodic interrupt flag (PF) bit in Register C to drive the IRQ pin low. When the PIE bit is set to 1, periodic interrupts are generated by driving the IRQ pin low at a rate specified by the RS3-RS0 bits of Register A. A 0 in the PIE bit blocks the IRQ output from being driven by a periodic interrupt, but the PF bit is still set at the periodic rate. PIE is not modified by any internal DS12R885 functions, but is cleared to 0 on RESET. Bit 5: Alarm Interrupt Enable (AIE). This bit is a read/write bit that, when set to 1, permits the alarm flag (AF) bit in Register C to assert IRQ. An alarm interrupt occurs for each second that the three time bytes equal the three alarm bytes, including a don't-care alarm code of binary 11XXXXXX. The AF bit does not initiate the IRQ signal when the AIE bit is set to 0. The internal functions of the DS12R885 do not affect the AIE bit, but is cleared to 0 on RESET. Bit 4: Update-Ended Interrupt Enable (UIE). This bit is a read/write bit that enables the update-end flag (UF) bit in Register C to assert IRQ. The RESET pin going low or the SET bit going high clears the UIE bit. UIE is not modified by any internal DS12R885 functions, but is cleared to 0 on RESET.
Bit 3: Square-Wave Enable (SQWE). When this bit is set to 1, a square-wave signal at the frequency set by the rate-selection bits RS3-RS0 is driven out on the SQW pin. When the SQWE bit is set to 0, the SQW pin is held low. SQWE is a read/write bit and is cleared by RESET. SQWE is low if disabled, and is high impedance when VCC is below VPF. SQWE is cleared to 0 on RESET. Bit 2: Data Mode (DM). This bit indicates whether time and calendar information is in binary or BCD format. The DM bit is set by the program to the appropriate format and can be read as required. This bit is not modified by internal functions or RESET. A 1 in DM signifies binary data, while a 0 in DM specifies BCD data. Bit 1: 24/12. The 24/12 control bit establishes the format of the hours byte. A 1 indicates the 24-hour mode and a 0 indicates the 12-hour mode. This bit is read/write and is not affected by internal functions or RESET. Bit 0: Daylight Saving Enable (DSE). This bit is a read/write bit that enables two daylight saving adjustments when DSE is set to 1. On the first Sunday in April, the time increments from 1:59:59 AM to 3:00:00 AM. On the last Sunday in October when the time first reaches 1:59:59 AM, it changes to 1:00:00 AM. When DSE is enabled, the internal logic tests for the first/last Sunday condition at midnight. If the DSE bit is not set when the test occurs, the daylight saving function does not operate correctly. These adjustments do not occur when the DSE bit is 0. This bit is not affected by internal functions or RESET.
____________________________________________________________________
17
RTC with Constant-Voltage Trickle Charger DS12R885/DS12CR887/DS12R887
Control Register C
BIT 7 IRQF BIT 6 PF BIT 5 AF BIT 4 UF BIT 3 0 BIT 2 0 BIT 1 0 BIT 0 0
Bit 7: Interrupt Request Flag (IRQF). This bit is set to 1 when any of the following are true: PF = PIE = 1 AF = AIE = 1 UF = UIE = 1 Any time the IRQF bit is 1, the IRQ pin is driven low. This bit can be cleared by reading Register C or with a RESET. Bit 6: Periodic Interrupt Flag (PF). This bit is readonly and is set to 1 when an edge is detected on the selected tap of the divider chain. The RS3 through RS0 bits establish the periodic rate. PF is set to 1 independent of the state of the PIE bit. When both PF and PIE are 1s, the IRQ signal is active and sets the IRQF bit. This bit can be cleared by reading Register C or with a RESET.
Bit 5: Alarm Interrupt Flag (AF). A 1 in the AF bit indicates that the current time has matched the alarm time. If the AIE bit is also 1, the IRQ pin goes low and a 1 appears in the IRQF bit. This bit can be cleared by reading Register C or with a RESET. Bit 4: Update-Ended Interrupt Flag (UF). This bit is set after each update cycle. When the UIE bit is set to 1, the 1 in UF causes the IRQF bit to be a 1, which asserts the IRQ pin. This bit can be cleared by reading Register C or with a RESET. Bits 3 to 0: Unused. These bits are unused in Register C. These bits always read 0 and cannot be written.
Control Register D
BIT 7 VRT BIT 6 0 BIT 5 0 BIT 4 0 BIT 3 0 BIT 2 0 BIT 1 0 BIT 0 0
Bit 7: Valid RAM and Time (VRT). This bit indicates the condition of the battery connected to the VBACKUP pin. This bit is not writeable and should always be 1 when read. If a 0 is ever present, an exhausted internal lithium energy source is indicated and both the contents of the RTC data and RAM data are questionable. This bit is unaffected by RESET.
Bits 6 to 0: Unused. The remaining bits of Register D are not usable. They cannot be written and they always read 0.
18
____________________________________________________________________
RTC with Constant-Voltage Trickle Charger
Nonvolatile RAM (NV RAM)
The 114 general-purpose NV RAM bytes are not dedicated to any special function within the DS12R885. They can be used by the processor program as battery-backed memory and are fully available during the update cycle. The second flag bit method is used with fully enabled interrupts. When an interrupt flag bit is set and the corresponding interrupt-enable bit is also set, the IRQ pin is asserted low. IRQ is asserted as long as at least one of the three interrupt sources has its flag and enable bits set. The IRQF bit in Register C is a 1 whenever the IRQ pin is driven low. Determination that the RTC initiated an interrupt is accomplished by reading Register C. A logic 1 in bit 7 (IRQF bit) indicates that one or more interrupts have been initiated by the DS12R885. The act of reading Register C clears all active flag bits and the IRQF bit.
DS12R885/DS12CR887/DS12R887
Interrupts
The DS12R885 includes three separate, fully automatic sources of interrupt for a processor. The alarm interrupt can be programmed to occur at rates from once per second to once per day. The periodic interrupt can be selected for rates from 500ms to 122s. The updateended interrupt can be used to indicate to the program that an update cycle is complete. Each of these independent interrupt conditions is described in greater detail in other sections of this text. The processor program can select which interrupts, if any, are to be used. Three bits in Register B enable the interrupts. Writing a logic 1 to an interrupt-enable bit permits that interrupt to be initiated when the event occurs. A 0 in an interrupt-enable bit prohibits the IRQ pin from being asserted from that interrupt condition. If an interrupt flag is already set when an interrupt is enabled, IRQ is immediately set at an active level, although the interrupt initiating the event may have occurred earlier. As a result, there are cases where the program should clear such earlier initiated interrupts before first enabling new interrupts. When an interrupt event occurs, the relating flag bit is set to logic 1 in Register C. These flag bits are set independent of the state of the corresponding enable bit in Register B. The flag bit can be used in a polling mode without enabling the corresponding enable bits. The interrupt flag bit is a status bit that software can interrogate as necessary. When a flag is set, an indication is given to software that an interrupt event has occurred since the flag bit was last read; however, care should be taken when using the flag bits as they are cleared each time Register C is read. Double latching is included with Register C so that bits that are set remain stable throughout the read cycle. All bits that are set (high) are cleared when read, and new interrupts that are pending during the read cycle are held until after the cycle is completed. One, two, or three bits can be set when reading Register C. Each used flag bit should be examined when Register C is read to ensure that no interrupts are lost.
Oscillator Control Bits
When the DS12R887 and DS12CR887 are shipped from the factory, the internal oscillator is turned off. This feature prevents the lithium energy cell from being used until it is installed in a system. A pattern of 010 in bits 4 to 6 of Register A turns the oscillator on and enables the countdown chain. A pattern of 11x (DV2 = 1, DV1 = 1, DV0 = X) turns the oscillator on, but holds the countdown chain of the oscillator in reset. All other combinations of bits 4 to 6 keep the oscillator off.
Square-Wave Output Selection
Thirteen of the 15 divider taps are made available to a 1of-16 multiplexer, as shown in the functional diagram. The square-wave and periodic-interrupt generators share the output of the multiplexer. The RS0-RS3 bits in Register A establish the output frequency of the multiplexer (see Table 1). Once the frequency is selected, the output of the SQW pin can be turned on and off under program control with the square-wave enable bit, SQWE.
Periodic Interrupt Selection
The periodic interrupt causes the IRQ pin to go to an active state from once every 500ms to once every 122s. This function is separate from the alarm interrupt, which can be output from once per second to once per day. The periodic interrupt rate is selected using the same Register A bits that select the squarewave frequency (Table 1). Changing the Register A bits affects the square-wave frequency and the periodicinterrupt output. However, each function has a separate enable bit in Register B. The SQWE bit controls the square-wave output. Similarly, the PIE bit in Register B enables the periodic interrupt. The periodic interrupt can be used with software counters to measure inputs, create output intervals, or await the next needed software function.
____________________________________________________________________
19
RTC with Constant-Voltage Trickle Charger
Table 3. Periodic Interrupt Rate and Square-Wave Output Frequency
SELECT BITS REGISTER A RS3 0 0 0 0 0 0 0 0 1 1 1 1 1 1 1 1 RS2 0 0 0 0 1 1 1 1 0 0 0 0 1 1 1 1 RS1 0 0 1 1 0 0 1 1 0 0 1 1 0 0 1 1 RS0 0 1 0 1 0 1 0 1 0 1 0 1 0 1 0 1 tPI PERIODIC INTERRUPT RATE None 3.90625ms 7.8125ms 122.070s 244.141s 488.281s 976.5625s 1.953125ms 3.90625ms 7.8125ms 15.625ms 31.25ms 62.5ms 125ms 250ms 500ms SQW OUTPUT FREQUENCY None 256Hz 128Hz 8.192kHz 4.096kHz 2.048kHz 1.024kHz 512Hz 256Hz 128Hz 64Hz 32Hz 16Hz 8Hz 4Hz 2Hz
Update Cycle
The DS12R885 executes an update cycle once per second regardless of the SET bit in Register B. When the SET bit in Register B is set to 1, the user copy of the double-buffered time, calendar, and alarm bytes is frozen and does not update as the time increments. However, the time countdown chain continues to update the internal copy of the buffer. This feature
allows time to maintain accuracy independent of reading or writing the time, calendar, and alarm buffers, and also guarantees that time and calendar information is consistent. The update cycle also compares each alarm byte with the corresponding time byte and issues an alarm if a match or if a don't-care code is present in all three positions. There are three methods that can handle RTC access that avoid any possibility of accessing inconsistent time and calendar data. The first method uses the updateended interrupt. If enabled, an interrupt occurs after every update cycle that indicates over 999ms is available to read valid time and date information. If this interrupt is used, the IRQF bit in Register C should be cleared before leaving the interrupt routine. A second method uses the update-in-progress bit (UIP) in Register A to determine if the update cycle is in progress. The UIP bit pulses once per second. After the UIP bit goes high, the update transfer occurs 244s later. If a low is read on the UIP bit, the user has at least 244s before the time/calendar data is changed. Therefore, the user should avoid interrupt service routines that would cause the time needed to read valid time/calendar data to exceed 244s. The third method uses a periodic interrupt to determine if an update cycle is in progress. The UIP bit in Register A is set high between the setting of the PF bit in Register C (Figure 3). Periodic interrupts that occur at a rate greater than tBUC allow valid time and date information to be reached at each occurrence of the periodic interrupt. The reads should be complete within one (tPI/2 + tBUC) to ensure that data is not read during the update cycle.
DS12R885/DS12CR887/DS12R887
1 SECOND UIP tBUC UF
tP1/2
PF t PI tBUC = DELAY TIME BEFORE UPDATE CYCLE = 244s
tP1/2
Figure 3. UIP and Periodic Interrupt Timing
20 ____________________________________________________________________
RTC with Constant-Voltage Trickle Charger
Handling, PC Board Layout, and Assembly
The EDIP and BGA packages contain a quartz tuningfork crystal. Pick-and-place equipment can be used, but precautions should be taken to ensure that excessive shocks are avoided. Ultrasonic cleaning should be avoided to prevent damage to the crystal. The BGA package can be reflowed as long as the following conditions are met: 1. Preheating (below 160C) is within 90 seconds. 2. Maximum time above 150C is less than 180 seconds. 3. Maximum time above 170C is less than 100 seconds. 4. Maximum time above 200C is less than 60 seconds. 5. Maximum time above 220C is less than 30 seconds. 6. Peak temperature is less than or equal to 230C. Exposure to reflow is limited to two times maximum. Moisture-sensitive packages are shipped from the factory dry-packed. Handling instructions listed on the package label must be followed to prevent damage during reflow. Refer to the IPC/JEDEC J-STD-020B standard for Moisture-Sensitive Device (MSD) classifications. The EDIP (DS12CR887) module can be successfully processed through conventional wave-soldering techniques so long as temperature exposure to the lithium energy source does not exceed +85C. Post-solder cleaning with water-washing techniques is acceptable, provided that ultrasonic vibration is not used. Such cleaning can damage the crystal.
DS12R885/DS12CR887/DS12R887
Pin Configurations
TOP VIEW
MOT 1 X1 2 X2 3 AD0 4 AD1 5 AD2 6 AD3 7 AD4 8 AD5 9 AD6 10 AD7 11 GND 12 24 VCC 23 SQW 22 N.C. 21 RCLR 20 VBACKUP MOT 1 N.C. 2 N.C. 3 AD0 4 AD1 5 AD2 6 AD3 7 AD4 8 AD5 9 AD6 10 AD7 11 GND 12 24 VCC 23 SQW 22 N.C. 21 N.C. 20 N.C.
DS12R885
19 IRQ 18 RESET 17 DS 16 GND 15 R/W 14 AS 13 CS
DS12CR887
19 IRQ 18 RESET 17 DS 16 N.C. 15 R/W 14 AS 13 CS
SO (0.300")
EDIP (0.700")
____________________________________________________________________
21
RTC with Constant-Voltage Trickle Charger DS12R885/DS12CR887/DS12R887
Pin Configurations (continued)
PACKAGE SO
Thermal Information
THETA-JA (C/W) 105 THETA-JC (C/W) 22
TOP VIEW (BUMP SIDE DOWN)
A DS 1 RESET VCC R/W 2 N.C. 3 IRQ 4 RCLR VCC MOT 5 VCC 6 VCC 7 VCC 8 VCC VCC GND GND GND VCC VCC GND GND GND VCC VCC GND GND GND GND GND GND VCC SQW AD1 GND AD0 VCC AS AD3 GND AD2 B VCC C CS D E F
Ordering Information (continued)
PART TEMP RANGE PINPACKAGE 24 SO (300 mils) 24 SO (300 mils) TOP MARK* DS12R885-33 DS12R885-33 DS12R885-33 DS12CR887-5 DS12CR887-5 DS12CR887-33 DS12CR887-33 DS12R887-5 DS12R887-33
AD7 GND AD6
DS12R887
AD5
GND AD4
DS12R885S-33+ -40C to +85C DS12R885S-33/ T&R -40C to +85C
DS12R885S-33+ 24 SO -40C to +85C T&R (300 mils) DS12CR887-5 DS12CR887-5+ DS12CR887-33 -40C to +85C -40C to +85C -40C to +85C 24 EDIP (700 mils) 24 EDIP (700 mils) 24 EDIP (700 mils) 24 EDIP (700 mils)
DS12CR887-33+ -40C to +85C DS12R887-5
-40C to +85C 48 BGA -40C to +85C 48 BGA
48 BGA
DS12R887-33
+Denotes a lead-free/RoHS-compliant device. T&R = Tape-and-reel. *A "+" anywhere on the top mark indicates a lead-free device.
Package Information
PIN-PACKAGE 24 SO (300 mils) 24 EDIP 48 BGA DOCUMENT NO. 56-G4009-001 56-G0001-001 56-G6030-001
Chip Information
TRANSISTOR COUNT: 17,061 PROCESS: CMOS SUBSTRATE CONNECTED TO GROUND
22
____________________________________________________________________
RTC with Constant-Voltage Trickle Charger
Revision History
Rev 0; 4/04: Rev 1; 4/04: Rev 2; 12/04: Rev 3; 4/06: Initial release of DS12R885. Added DS12R887 and DS12CR887 to data sheet. Official release of DS12R887. Corrected Intel Bus Write Timing diagram (page 5), Intel Bus Read Timing, IRQ Release Delay Timing, and Power-Up/Down Timing diagrams (page 6), and Functional Diagram (page 7). Added EDIP paragraph to Handling, PC Board Layout, and Assembly section (page 21). Changed pin 16 from N.C. to GND for the SO package (pages 10 and 21). Updated 114 Bytes bullet in Features (page 1); updated Ordering Information (page 1); corrected Intel Bus Read Timing diagram (page 6); added note about how the missing VBACKUP pin on the DS12CR887 and DS12R887 is internally connected to a lithium cell (page 11); added Package Information table (page 22).
DS12R885/DS12CR887/DS12R887
Rev 4; Rev 5;
5/06: 2/07:
Maxim cannot assume responsibility for use of any circuitry other than circuitry entirely embodied in a Maxim product. No circuit patent licenses are implied. Maxim reserves the right to change the circuitry and specifications without notice at any time.
Maxim Integrated Products, 120 San Gabriel Drive, Sunnyvale, CA 94086 408-737-7600 ____________________ 23
(c) 2007 Maxim Integrated Products is a registered trademark of Maxim Integrated Products, Inc.
is a registered trademark of Dallas Semiconductor Corporation.


▲Up To Search▲   

 
Price & Availability of DS12R885S-33

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X