Part Number Hot Search : 
MMBZ52 IRFF034 MAN3840A 6404A PMT4115 OP294 628511H OP294
Product Description
Full Text Search
 

To Download CY7C1024DV33-8BGXC Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 PRELIMINARY
CY7C1024DV33
3-Mbit (128K X 24) Static RAM
Features
* High speed -- tAA = 8 ns * Low active power -- ICC = 185 mA @ 8 ns * Low CMOS standby power -- ISB2 = 25 mA * Operating voltages of 3.3 0.3V * 2.0V data retention * Automatic power-down when deselected * TTL-compatible inputs and outputs * Easy memory expansion with CE1, CE2 and CE3 features * Available in Pb-Free Standard 119-ball PBGA
Functional Description
The CY7C1024DV33 is a high-performance CMOS static RAM organized as 128K words by 24 bits. This device has an automatic power-down feature that significantly reduces power consumption when deselected. To write to the device, enable the chip (CE1 LOW, CE2 HIGH and CE3 LOW) while forcing the Write Enable (WE) input LOW. To read from the device, enable the chip by taking CE1 LOW CE2 HIGH and CE3 LOW while forcing the Output Enable (OE) LOW and the Write Enable (WE) HIGH. See the truth table at the back of this data sheet for a complete description of Read and Write modes. The 24 I/O pins (I/O0-I/O23) are placed in a high-impedance state when all the chip selects are HIGH or when the output enable (OE) is HIGH during a READ mode. For further details, refer to the truth table of this data sheet.
Functional Block Diagram
INPUT BUFFER
A0 A1 A2 A3 A4 A5 A6 A7 A8 A9
ROW DECODER
128K x 24 ARRAY
SENSE AMPS
I/O0-I/O23
COLUMN DECODER
CONTROL LOGIC
CE1, CE2, CE3 WE OE
Selection Guide
-8 Maximum Access Time Maximum Operating Current Maximum CMOS Standby Current 8 185 25 Unit ns mA mA
Cypress Semiconductor Corporation Document #: 001-08353 Rev. *A
A10 A11 A 12 A 13 A 14 A15 A16
*
198 Champion Court
*
San Jose, CA 95134-1709 * 408-943-2600 Revised September 4, 2006
[+] Feedback
PRELIMINARY
Pin Configurations[1]
119 PBGA
Top View
CY7C1024DV33
1 A B C D E F G H J K L M N P R T U NC NC I/O12 I/O13 I/O14 I/O15 I/O16 I/O17 NC I/O18 I/O19 I/O20 I/O21 I/O22 I/O23 NC NC
2 A A NC VDD VSS VDD VSS VDD VSS VDD VSS VDD VSS VDD NC A A
3 A A CE2 VSS VDD VSS VDD VSS VDD VSS VDD VSS VDD VSS NC A A
4 A CE1 NC VSS VSS VSS VSS VSS VSS VSS VSS VSS VSS VSS NC WE OE
5 A A CE3 VSS VDD VSS VDD VSS VDD VSS VDD VSS VDD VSS NC A A
6 A A NC VDD VSS VDD VSS VDD VSS VDD VSS VDD VSS VDD NC A A
7 NC NC I/O0 I/O1 I/O2 I/O3 I/O4 I/O5 NC I/O6 I/O7 I/O8 I/O9 I/O10 I/O11 NC NC
Note: 1. NC pins are not connected on the die
Document #: 001-08353 Rev. *A
Page 2 of 8
[+] Feedback
PRELIMINARY
Maximum Ratings
(Above which the useful life may be impaired. For user guidelines, not tested.) Storage Temperature ................................. -65C to +150C Ambient Temperature with Power Applied............................................. -55C to +125C Supply Voltage on VCC Relative to GND[2] .... -0.5V to +4.6V DC Voltage Applied to Outputs in High-Z State[2] ....................................-0.5V to VCC + 0.5V DC Input Voltage[2] .................................-0.5V to VCC + 0.5V Range Commercial
CY7C1024DV33
Current into Outputs (LOW)......................................... 20 mA Static Discharge Voltage............. ...............................>2001V (per MIL-STD-883, Method 3015) Latch-up Current...................................................... >200 mA
Operating Range
Ambient Temperature 0C to +70C VCC 3.3V 0.3V
DC Electrical Characteristics Over the Operating Range
-8 Parameter VOH VOL VIH VIL[2] IIX IOZ ICC ISB1 ISB2 Description Output HIGH Voltage Output LOW Voltage Input HIGH Voltage Input LOW Voltage Input Leakage Current Output Leakage Current VCC Operating Supply Current Automatic CE Power-down Current --TTL Inputs Automatic CE Power-down Current --CMOS Inputs GND < VI < VCC GND < VOUT < VCC, Output Disabled VCC = Max., f = fMAX = 1/tRC IOUT = 0 mA CMOS levels Max. VCC, CE > VIH VIN > VIH or VIN < VIL, f = fMAX Max. VCC, CE > VCC - 0.3V, VIN > VCC - 0.3V, or VIN < 0.3V, f = 0 Test Conditions[7] Min. 2.4 0.4 2.0 -0.3 -1 -1 VCC + 0.3 0.8 +1 +1 185 30 25 Max. Unit V V V V A A mA mA mA VCC = Min., IOH = -4.0 mA VCC = Min., IOL = 8.0 mA
Capacitance[3]
Parameter CIN COUT Description Input Capacitance I/O Capacitance Test Conditions TA = 25C, f = 1 MHz, VCC = 3.3V Max. 8 10 Unit pF pF
Thermal Resistance[3]
Parameter JA JC Description Test Conditions PBGA TBD TBD Unit C/W C/W Thermal Resistance (Junction to Ambient) Still Air, soldered on a 3 x 4.5 inch, four-layer printed circuit board Thermal Resistance (Junction to Case)
AC Test Loads and Waveforms[4]
50 OUTPUT Z0 = 50 VTH = 1.5V 30 pF* * Capacitive Load consists of all components of the test environment. 3.0V GND Rise time > 1 V/ns ALL INPUT PULSES 90% 10% 90% 10% 3.3V OUTPUT 5 pF INCLUDING JIG AND SCOPE R2 351 R1 317
(a)
(b)
(c)
Fall time: > 1 V/ns
Notes: 2. VIL (min.) = -2.0V and VIH(max) = VCC + 2V for pulse durations of less than 20 ns. 3. Tested initially and after any design or process changes that may affect these parameters. 4. Valid SRAM operation does not occur until the power supplies have reached the minimum operating VDD (3.0V). 100 s (tpower) after reaching the minimum operating VDD, normal SRAM operation can begin including reduction in VDD to the data retention (VCCDR, 2.0V) voltage.
Document #: 001-08353 Rev. *A
Page 3 of 8
[+] Feedback
PRELIMINARY
AC Switching Characteristics Over the Operating Range
Parameter Read Cycle tpower[6] tRC tAA tOHA tACE tDOE tLZOE tHZOE tLZCE tHZCE tPU tPD Write Cycle[10, 11] tWC tSCE tAW tHA tSA tPWE tSD tHD tLZWE tHZWE Write Cycle Time CE active LOW to Write End[7] Address Set-up to Write End Address Hold from Write End Address Set-up to Write Start WE Pulse Width Data Set-up to Write End Data Hold from Write End WE HIGH to WE LOW to Low-Z[8] High-Z[8] 8 6 6 0 0 6 5 0 3 VCC(typical) to the first access Read Cycle Time Address to Data Valid Data Hold from Address Change CE active LOW to Data Valid[7] OE LOW to Data Valid OE LOW to Low-Z
[8] [8] [5]
CY7C1024DV33
-8
Description
Min. 100 8
Max.
Unit s ns
8 3 8 5 1 5 3 5 0 8
ns ns ns ns ns ns ns ns ns ns ns ns ns ns ns ns ns ns ns
OE HIGH to High-Z
CE active LOW to Low-Z[7, 8] CE deselect HIGH to High-Z[7, 8] CE active LOW to Power-up[7, 9] Power-down[7, 9] CE deselect HIGH to
5
ns
Notes: 5. Test conditions assume signal transition time of 3 ns or less, timing reference levels of 1.5V, input pulse levels of 0 to 3.0V. Test conditions for the read cycle use output loading as shown in part a) of the AC test loads, unless specified otherwise. 6. tPOWER gives the minimum amount of time that the power supply should be at typical VCC values until the first memory access is performed. 7. CE refers to a combination of CE1, CE2, and CE3. CE is active LOW when CE1 is LOW and CE2 is HIGH and CE3 is LOW. CE is deselect HIGH when CE1 is HIGH or CE2 is LOW or CE3 is HIGH 8. tHZOE, tHZCE, tHZWE, and tLZOE, tLZCE, tLZWE, are specified with a load capacitance of 5 pF as in part (b) of AC Test Loads. Transition is measured 200 mV from steady-state voltage. 9. These parameters are guaranteed by design and are not tested. 10. The internal write time of the memory is defined by the overlap of CE1 and CE2 and CE3 LOW and WE LOW. The chip enables must be active and WE must be LOW to initiate a write, and the transition of any of these signals can terminate the write. The input data set-up and hold timing should be referenced to the leading edge of the signal that terminates the write. 11. The minimum write cycle time for Write Cycle No. 3 (WE controlled, OE LOW) is the sum of tHZWE and tSD.
Document #: 001-08353 Rev. *A
Page 4 of 8
[+] Feedback
PRELIMINARY
Data Retention Characteristics (Over the Operating Range)
Parameter VDR ICCDR tCDR[3] tR[12] Description VCC for Data Retention Data Retention Current VCC = 2V , CE1 > VCC - 0.2V, CE2 < 0.2V, VIN > VCC - 0.2V or VIN < 0.2V 0 tRC Conditions Min. 2
CY7C1024DV33
Typ. Max. 25 Unit V mA
Chip Deselect to Data Retention Time Operation Recovery Time
ns ns
Data Retention Waveform
DATA RETENTION MODE VCC 3V tCDR CE VDR > 2V 3V tR
Switching Waveforms
Read Cycle No. 1[13, 15]
tRC ADDRESS tAA tOHA DATA OUT PREVIOUS DATA VALID DATA VALID
Read Cycle No. 2 (OE Controlled)[14, 15, 16]
ADDRESS tRC CE tACE OE tDOE DATA OUT VCC SUPPLY CURRENT tLZOE HIGH IMPEDANCE tLZCE tPU 50% tHZOE tHZCE DATA VALID tPD 50% ISB ICC HIGH IMPEDANCE
Notes: 12. Full device operation requires linear VCC ramp from VDR to VCC(min.) > 50 s or stable at VCC(min.) > 50 s 13. Device is continuously selected. OE, CE = VIL. 14. CE refers to a combination of CE1, CE2, and CE3. CE is active LOW when CE1 LOW and CE2 HIGH and CE3 LOW. 15. WE is HIGH for read cycle. 16. Address valid prior to or coincident with CE transition LOW.
Document #: 001-08353 Rev. *A
Page 5 of 8
[+] Feedback
PRELIMINARY
Switching Waveforms (continued)
Write Cycle No. 1 (CE Controlled)[14, 17, 18]
tWC ADDRESS tSCE CE tSA tAW tPWE WE tSD DATA I/O DATA VALID tHD tSCE tHA
CY7C1024DV33
Write Cycle No. 2 (WE Controlled, OE HIGH During Write)[14, 17, 18]
tWC ADDRESS tSCE CE
tAW tSA WE tPWE
tHA
OE tSD DATA I/O NOTE 19 tHZOE DATAIN VALID tHD
Write Cycle No. 3 (WE Controlled, OE LOW)[14, 18]
tWC ADDRESS tSCE CE tAW tSA WE tSD DATA I/O NOTE 19 tHZWE
Notes: 17. Data I/O is high impedance if OE = VIH. 18. If CE goes HIGH simultaneously with WE going HIGH, the output remains in a high-impedance state. 19. During this period the I/Os are in the output state and input signals should not be applied.
tHA tPWE
tHD
DATA VALID tLZWE
Document #: 001-08353 Rev. *A
Page 6 of 8
[+] Feedback
PRELIMINARY
Truth Table
CE1 H X X L L L CE2 X L X H H H CE3 X X H L L L OE X X X L X H WE X X X H L H High-Z High-Z High-Z Full Data Out Full Data In High-Z I/O0-I/O23 Power-down Power-down Power-down Read Write Mode
CY7C1024DV33
Power Standby (ISB) Standby (ISB) Standby (ISB) Active (ICC) Active (ICC) Active (ICC)
Selected, Outputs Disabled
Ordering Information
Speed (ns) 8 Ordering Code CY7C1024DV33-8BGXC Package Name 51-85115 Package Type Operating Range
119-ball Plastic Ball Grid Array (14 x 22 x 2.4 mm) (Pb-free) Commercial
Package Diagram
119-ball PBGA (14 x 22 x 2.4 mm) (51-85115)
51-85115-*B
All product and company names mentioned in this document may be the trademarks of their respective holders.
Document #: 001-08353 Rev. *A
Page 7 of 8
(c) Cypress Semiconductor Corporation, 2006. The information contained herein is subject to change without notice. Cypress Semiconductor Corporation assumes no responsibility for the use of any circuitry other than circuitry embodied in a Cypress product. Nor does it convey or imply any license under patent or other rights. Cypress products are not warranted nor intended to be used for medical, life support, life saving, critical control or safety applications, unless pursuant to an express written agreement with Cypress. Furthermore, Cypress does not authorize its products for use as critical components in life-support systems where a malfunction or failure may reasonably be expected to result in significant injury to the user. The inclusion of Cypress products in life-support systems application implies that the manufacturer assumes all risk of such use and in doing so indemnifies Cypress against all charges.
[+] Feedback
PRELIMINARY
Document History Page
Document Title: CY7C1024DV33 3-Mbit (128K X 24) Static RAM Document Number: 001-08353 REV. ** *A ECN NO. 469517 499604 Issue Date See ECN See ECN Orig. of Change NXR NXR New Data Sheet
CY7C1024DV33
Description of Change Added note# 1 for NC pins Changed ICC spec from 150 mA to 185 mA Updated Test Condition for ICC in DC Electrical Characteristics table Added note for tACE, tLZCE, tHZCE, tPU, tPD, tSCE in AC Switching Characteristics Table on page# 4
Document #: 001-08353 Rev. *A
Page 8 of 8
[+] Feedback


▲Up To Search▲   

 
Price & Availability of CY7C1024DV33-8BGXC

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X