|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
CY62137FV18 MoBL(R) 2-Mbit (128K x 16) Static RAM Features Very high speed: 55 ns Wide voltage range: 1.65V-2.25V Pin compatible with CY62137CV18 Ultra low standby power Typical standby current: 1 A Maximum standby current: 5 A Ultra low active power Typical active current: 1.6 mA @ f = 1 MHz Ultra low standby power Easy memory expansion with CE and OE features Automatic power down when deselected CMOS for optimum speed and power Byte power down feature Available in a Pb-free 48-Ball VFBGA package consumption when addresses are not toggling. Placing the device into standby mode reduces power consumption by more than 99% when deselected (CE HIGH or both BLE and BHE are HIGH). The input and output pins (IO0 through IO15) are placed in a high impedance state when: Deselected (CE HIGH) Outputs are disabled (OE HIGH) Both the Byte High Enable and the Byte Low Enable are disabled (BHE, BLE HIGH) Write operation is active (CE LOW and WE LOW) To write to the device, take Chip Enable (CE) and Write Enable (WE) inputs LOW. If Byte Low Enable (BLE) is LOW, then data from IO pins (IO0 through IO7) is written into the location specified on the address pins (A0 through A16). If Byte High Enable (BHE) is LOW, then data from IO pins (IO8 through IO15) is written into the location specified on the address pins (A0 through A16). To read from the device, take Chip Enable (CE) and Output Enable (OE) LOW while forcing the Write Enable (WE) HIGH. If Byte Low Enable (BLE) is LOW, then data from the memory location specified by the address pins appear on IO0 to IO7. If Byte High Enable (BHE) is LOW, then data from the memory appears on IO8 to IO15. See the "Truth Table" on page 9 for a complete description of read and write modes. For best practice recommendations, refer to the Cypress application note AN1064, SRAM System Guidelines. Functional Description The CY62137FV18 is a high performance CMOS static RAM organized as 128K words by 16 bits. This device features advanced circuit design to provide ultra low active current. This is ideal for providing More Battery LifeTM (MoBL(R)) in portable applications such as cellular telephones. The device also has an automatic power down feature that significantly reduces power Logic Block Diagram DATA IN DRIVERS A10 A9 A8 A7 A6 A5 A4 A3 A2 A1 A0 ROW DECODER 128K x 16 RAM Array SENSE AMPS IO0-IO7 IO8-IO15 COLUMN DECODER BHE WE CE OE BLE BHE BLE Cypress Semiconductor Corporation Document #: 001-08030 Rev. *E * 198 Champion Court A14 POWER DOWN CIRCUIT CE A11 A12 A13 A15 A16 * San Jose, CA 95134-1709 * 408-943-2600 Revised August 01, 2007 CY62137FV18 MoBL(R) Product Portfolio Power Dissipation Product VCC Range (V) Min CY62137FV18LL 1.65 Typ [1] 1.8 Max 2.25 55 Speed (ns) Typ [1] 1.6 Operating ICC (mA) f = 1 MHz Max 2.5 f = fmax Typ [1] 13 Max 18 Standby ISB2 (A) Typ [1] 1 Max 5 Pin Configuration Figure 1. 48-Ball VFBGA Pinout [2, 3] Top View 1 BLE IO8 IO9 VSS VCC IO14 IO15 NC 2 OE BHE IO10 IO11 IO12 IO13 NC A8 3 A0 A3 A5 NC NC A14 A12 A9 4 A1 A4 A6 A7 A16 A15 A13 A10 5 A2 CE IO1 IO3 IO4 IO5 WE A11 6 NC IO0 IO2 VCC VSS IO6 IO7 NC A B C D E F G H Notes 1. Typical values are included for reference only and are not guaranteed or tested. Typical values are measured at VCC = VCC(typ), TA = 25C. 2. NC pins are not connected on the die. 3. Pins D3, H1, G2, and H6 in the VBGA package are address expansion pins for 4 Mb, 8 Mb, 16 Mb, and 32 Mb, respectively. Document #: 001-08030 Rev. *E Page 2 of 11 CY62137FV18 MoBL(R) Maximum Ratings Exceeding maximum ratings may impair the useful life of the device. User guidelines are not tested. Storage Temperature ................................ -65C to + 150C Ambient Temperature with Power Applied .......................................... -55C to + 125C Supply Voltage to Ground Potential .....................................................-0.2V to + 2.45V DC Voltage Applied to Outputs in High Z State [4, 5].........................................-0.2V to 2.45V DC Input Voltage [4, 5] .....................................-0.2V to 2.45V Output Current into Outputs (LOW) ............................ 20 mA Static Discharge Voltage ......................................... > 2001V (MIL-STD-883, Method 3015) Latch up Current .................................................... > 200 mA Operating Range Device CY62137FV18 Range Ambient Temperature VCC [6] Industrial -40C to +85C 1.65V to 2.25V Electrical Characteristics Over the Operating Range Parameter VOH VOL VIH VIL IIX IOZ ICC Description Output HIGH Voltage Output LOW Voltage Input HIGH Voltage Input LOW Voltage Input Leakage Current Output Leakage Current VCC Operating Supply Current IOH = -0.1 mA IOL = 0.1 mA VCC =1.65V to 2.25V VCC =1.65V to 2.25V GND < VI < VCC GND < VO < VCC, output disabled f = fmax = 1/tRC VCC(max) = 2.25V IOUT = 0 mA CMOS levels VCC(max) = 2.25V 1.4 -0.2 -1 -1 13 Test Conditions 55 ns Min 1.4 0.2 VCC + 0.2V 0.4 +1 +1 18 Typ [1] Max Unit V V V V A A mA f = 1 MHz ISB1 1.6 1 2.5 5 mA A VCC(max) = 2.25V Automatic CE Power Down CE > VCC- 0.2V, Current-CMOS VIN>VCC - 0.2V, VIN < 0.2V) Inputs f = fmax (address and data only), f = 0 (OE, WE, BHE and BLE) Automatic CE Power Down CE > V - 0.2V, CC Current-CMOS VIN > VCC - 0.2V or Inputs VIN < 0.2V, f = 0 VCC(max) = 2.25V ISB2 [7] 1 5 A Capacitance Tested initially and after any design or process changes that may affect these parameters. Parameter CIN COUT Description Input Capacitance Output Capacitance Test Conditions TA = 25C, f = 1 MHz, VCC = VCC(typ) Max 10 10 Unit pF pF Notes 4. VIL(min) = -2.0V for pulse durations less than 20 ns. 5. VIH(max)=VCC+0.5V for pulse durations less than 20 ns. 6. Full device AC operation assumes a minimum of 100 s ramp time from 0 to VCC(min) and 200 s wait time after VCC stabilization. 7. Only chip enable (CE) and byte enables (BHE and BLE) must be tied to CMOS levels to meet the ISB2 / ICCDR spec. Other inputs can be left floating. Document #: 001-08030 Rev. *E Page 3 of 11 CY62137FV18 MoBL(R) Thermal Resistance Tested initially and after any design or process changes that may affect these parameters. Parameter QJA QJC Description Thermal Resistance (Junction to Ambient) Thermal Resistance (Junction to Case) Test Conditions Still air, soldered on a 3 x 4.5 inch, two-layer printed circuit board VFBGA 75 10 Unit C/W C/W AC Test Loads and Waveforms Figure 2. AC Test Loads and Waveforms VCC OUTPUT R1 VCC 30 pF INCLUDING JIG AND SCOPE R2 10% GND Rise Time = 1 V/ns ALL INPUT PULSES 90% 90% 10% Fall Time = 1 V/ns Equivalent to: THEVENIN EQUIVALENT RTH OUTPUT V 1.80V 13500 10800 6000 0.80 Unit V Parameters R1 R2 RTH VTH Data Retention Characteristics Over the Operating Range Parameter VDR ICCDR [7] Description VCC for Data Retention Data Retention Current Chip Deselect to Data Retention Time Operation Recovery Time Conditions VCC = 1.0V, CE > VCC - 0.2V, VIN > VCC - 0.2V or VIN < 0.2V Min 1.0 Typ [1] 1 Max 4 Unit V A ns ns tCDR [8] tR [9] 0 tRC Data Retention Waveform Figure 3. Data Retention Waveform [10] VCC(min) tCDR DATA RETENTION MODE VDR > 1.0V VCC CE or BHE.BLE VCC(min) tR Notes 8. Tested initially and after any design or process changes that may affect these parameters. 9. Full device operation requires linear VCC ramp from VDR to VCC(min) > 100 s or stable at VCC(min) > 100 s. 10. BHE.BLE is the AND of both BHE and BLE. Deselect the chip by either disabling chip enable signals or by disabling both BHE and BLE. Document #: 001-08030 Rev. *E Page 4 of 11 CY62137FV18 MoBL(R) Switching Characteristics Over the Operating Range [11, 12] Parameter Read Cycle tRC tAA tOHA tACE tDOE tLZOE tHZOE tLZCE tHZCE tPU tPD tDBE tLZBE tHZBE Write Cycle tWC tSCE tAW tHA tSA tPWE tBW tSD tHD tHZWE tLZWE Read Cycle Time Address to Data Valid Data Hold from Address Change CE LOW to Data Valid OE LOW to Data Valid OE LOW to Low Z [13] Description 55 ns Min Max Unit 55 55 10 55 25 5 18 10 18 0 55 55 10 18 ns ns ns ns ns ns ns ns ns ns ns ns ns ns OE HIGH to High Z [13, 14] CE LOW to Low Z [13] CE HIGH to High Z [13, 14] CE LOW to power up CE HIGH to power down BLE/BHE LOW to data valid BLE/BHE LOW to Low Z [13] BLE/BHE HIGH to High Z [13, 14] [15] Write Cycle Time CE LOW to Write End Address Setup to Write End Address Hold from Write End Address Setup to Write Start WE Pulse Width BLE/BHE LOW to Write End Data Setup to Write End Data Hold from Write End WE LOW to High Z [13, 14] WE HIGH to Low Z [13] 45 35 35 0 0 35 35 25 0 18 10 ns ns ns ns ns ns ns ns ns ns ns Notes 11. Test conditions for all parameters other than tri-state parameters assume signal transition time of 1V/ns or less, timing reference levels of VCC(typ)/2, input pulse levels of 0 to VCC(typ), and output loading of the specified IOL/IOH as shown in the "AC Test Loads and Waveforms" on page 4. 12. AC timing parameters are subject to byte enable signals (BHE or BLE) not switching when chip is disabled. Please see application note AN13842 for further clarification. 13. At any given temperature and voltage condition, tHZCE is less than tLZCE, tHZBE is less than tLZBE, tHZOE is less than tLZOE, and tHZWE is less than tLZWE for any given device. 14. tHZOE, tHZCE, tHZBE, and tHZWE transitions are measured when the outputs enter a high impedance state. 15. The internal write time of the memory is defined by the overlap of WE, CE = VIL, BHE and/or BLE = VIL. All signals must be ACTIVE to initiate a write and any of these signals can terminate a write by going INACTIVE. The data input setup and hold timing should be referenced to the edge of the signal that terminates the write. Document #: 001-08030 Rev. *E Page 5 of 11 CY62137FV18 MoBL(R) Switching Waveforms Figure 4 shows the read cycle No.1 that is address transition controlled. [16, 17] Figure 4. Read Cycle No.1 tRC ADDRESS tOHA DATA OUT PREVIOUS DATA VALID tAA DATA VALID Figure 5 shows the read cycle No.1 that is OE controlled. [17, 18] Figure 5. Read Cycle No. 2 ADDRESS tRC CE tACE OE tDOE BHE/BLE tLZOE tHZBE tDBE tLZBE DATA OUT HIGHIMPEDANCE tLZCE tPU VCC SUPPLY CURRENT 50% 50% ICC ISB DATA VALID HIGH IMPEDANCE tHZOE tPD tHZCE Notes 16. The device is continuously selected. OE, CE = VIL, BHE and/or BLE = VIL. 17. WE is HIGH for read cycle. 18. Address valid before or similar to CE and BHE, BLE transition LOW. Document #: 001-08030 Rev. *E Page 6 of 11 CY62137FV18 MoBL(R) Switching Waveforms (continued) Figure 6 shows the read cycle No.1 that is WE controlled. [15, 19, 20] Figure 6. Write Cycle No. 1 tWC ADDRESS tSCE CE tAW tSA WE tPWE tHA BHE/BLE tBW OE DATA IO NOTE 21 tHZOE tSD DATAIN tHD Figure 7 shows the read cycle No.1 that is CE controlled. [15, 19, 20] Figure 7. Write Cycle No. 2 tWC ADDRESS tSCE CE tSA WE tAW tPWE tHA BHE/BLE tBW OE tSD DATA IO NOTE 21 tHZOE Notes 19. Data IO is high impedance if OE = VIH. 20. If CE goes HIGH simultaneously with WE = VIH, the output remains in a high impedance state. 21. During this period, the IOs are in output state. Do not apply input signals. tHD DATAIN Document #: 001-08030 Rev. *E Page 7 of 11 CY62137FV18 MoBL(R) Switching Waveforms (continued) Figure 8 shows the read cycle No.1 that is WE controlled, OE LOW. [20] Figure 8. Write Cycle No. 3 tWC ADDRESS tSCE CE BHE/BLE tAW WE tSA tBW tHA tPWE tSD DATA IO NOTE 21 tHZWE DATAIN tHD tLZWE Figure 9 shows the read cycle No.1 that is BHE/BLE controlled, OE LOW. [20] Figure 9. Write Cycle No. 4 tWC ADDRESS CE tSCE tAW BHE/BLE tSA WE tHZWE tHA tBW tPWE tSD DATAIN tLZWE tHD DATA IO NOTE 21 Document #: 001-08030 Rev. *E Page 8 of 11 CY62137FV18 MoBL(R) Truth Table CE H X L L L L L L L L L WE X X H H H H H H L L L OE X X L L L H H H X X X BHE BLE X H L H L L H L L H L X H L L H L L H L L H Inputs or Outputs High Z High Z Data Out (IO0-IO15) Data Out (IO0-IO7); IO8-IO15 in High Z Data Out (IO8-IO15); IO0-IO7 in High Z High Z High Z High Z Data In (IO0-IO15) Data In (IO0-IO7); IO8-IO15 in High Z Data In (IO8-IO15); IO0-IO7 in High Z Mode Deselect or Power Down Deselect or Power Down Read Read Read Output Disabled Output Disabled Output Disabled Write Write Write Power Standby (ISB) Standby (ISB) Active (ICC) Active (ICC) Active (ICC) Active (ICC) Active (ICC) Active (ICC) Active (ICC) Active (ICC) Active (ICC) Ordering Information Speed (ns) 55 Ordering Code CY62137FV18LL-55BVXI Package Diagram Package Type Operating Range Industrial 51-85150 48-Ball VFBGA (Pb-free) Contact your local Cypress sales representative for availability of other parts. Document #: 001-08030 Rev. *E Page 9 of 11 CY62137FV18 MoBL(R) Package Diagram Figure 10. 48-Ball VFBGA (6 x 8 x 1 mm), 51-85150 TOP VIEW BOTTOM VIEW A1 CORNER O0.05 M C O0.25 M C A B A1 CORNER O0.300.05(48X) 1 2 3 4 5 6 6 5 4 3 2 1 A B C 8.000.10 8.000.10 0.75 5.25 D E F G H A B C D E 2.625 F G H A B 6.000.10 A 1.875 0.75 3.75 B 6.000.10 0.55 MAX. 0.25 C 0.15(4X) 0.210.05 0.10 C 1.00 MAX SEATING PLANE 0.26 MAX. C 51-85150-*D Document #: 001-08030 Rev. *E Page 10 of 11 CY62137FV18 MoBL(R) Document History Page Document Title: CY62137FV18 MoBL(R) 2-Mbit (128K x 16) Static RAM Document Number: 001-08030 REV. ** *A *B ECN NO. 463660 469180 569125 Issue Date See ECN See ECN See ECN Orig. of Change NXR NSI NXR New datasheet Minor change: moved to external web Converted from preliminary to final Replaced 45 ns speed bin with 55 ns speed bin Changed the ICC(max) value from 2.25 mA to 2.5 mA for test condition f=1 MHz Changed the ISB2(typ) value from 0.5 A to 1 A Changed the ISB2(max) value from 2.5 A to 5 A Changed the ICCDR(typ) value from 0.5 A to 1 A and ICCDR(max) value from 2.5 A to 4 A Added footnote #12 related to tACE Added footnote #8 related to ISB2 and ICCDR Made footnote #13 applicable to AC parameters from tACE Changed tWC specification from 45 ns to 55 ns Changed tSCE, tAW, tPWE, tBW specification from 35 ns to 40 ns Changed tHZWE specification from 18 ns to 20 ns Description of Change *C *D 869500 908120 See ECN See ECN VKN VKN *E 1274728 See ECN VKN/AESA Changed tWC specification from 55 ns to 45 ns Changed tSCE, tAW, tPWE, tBW specification from 40 ns to 35 ns Changed tHZWE specification from 20 ns to 18 ns (c) Cypress Semiconductor Corporation, 2006-2007. The information contained herein is subject to change without notice. Cypress Semiconductor Corporation assumes no responsibility for the use of any circuitry other than circuitry embodied in a Cypress product. Nor does it convey or imply any license under patent or other rights. Cypress products are not warranted nor intended to be used for medical, life support, life saving, critical control or safety applications, unless pursuant to an express written agreement with Cypress. Furthermore, Cypress does not authorize its products for use as critical components in life-support systems where a malfunction or failure may reasonably be expected to result in significant injury to the user. The inclusion of Cypress products in life-support systems application implies that the manufacturer assumes all risk of such use and in doing so indemnifies Cypress against all charges. Any Source Code (software and/or firmware) is owned by Cypress Semiconductor Corporation (Cypress) and is protected by and subject to worldwide patent protection (United States and foreign), United States copyright laws and international treaty provisions. Cypress hereby grants to licensee a personal, non-exclusive, non-transferable license to copy, use, modify, create derivative works of, and compile the Cypress Source Code and derivative works for the sole purpose of creating custom software and or firmware in support of licensee product to be used only in conjunction with a Cypress integrated circuit as specified in the applicable agreement. Any reproduction, modification, translation, compilation, or representation of this Source Code except as specified above is prohibited without the express written permission of Cypress. Disclaimer: CYPRESS MAKES NO WARRANTY OF ANY KIND, EXPRESS OR IMPLIED, WITH REGARD TO THIS MATERIAL, INCLUDING, BUT NOT LIMITED TO, THE IMPLIED WARRANTIES OF MERCHANTABILITY AND FITNESS FOR A PARTICULAR PURPOSE. Cypress reserves the right to make changes without further notice to the materials described herein. Cypress does not assume any liability arising out of the application or use of any product or circuit described herein. Cypress does not authorize its products for use as critical components in life-support systems where a malfunction or failure may reasonably be expected to result in significant injury to the user. The inclusion of Cypress' product in a life-support systems application implies that the manufacturer assumes all risk of such use and in doing so indemnifies Cypress against all charges. Use may be limited by and subject to the applicable Cypress software license agreement. Document #: 001-08030 Rev. *E Revised August 01, 2007 Page 11 of 11 MoBL is a registered trademark, and More Battery Life is a trademark of Cypress Semiconductor. All product and company names mentioned in this document are the trademarks of their respective holders. |
Price & Availability of CY62137FV18LL-55BVXI |