Part Number Hot Search : 
M38034 10SB1 OP302 MCM63 SMB130C MMBD1501 ISL97631 AL1401
Product Description
Full Text Search
 

To Download BUX16 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 INCHANGE Semiconductor
isc Product Specification
isc Silicon NPN Power Transistors
DESCRIPTION * Collector-Emitter Sustaining Voltage: VCEO(SUS) = 200V(Min)- BUX16 = 250V(Min)- BUX16A = 300V(Min)- BUX16B = 350V(Min)- BUX16C *High Power Dissipation *Wide Area of Safe Operation APPLICATIONS *Designed for use in series regulators, power amplifiers, Inverters , deflection circuits , switching regulators, and high voltage bridge amplifiers. ABSOLUTE MAXIMUM RATINGS(Ta=25)
SYMBOL PARAMETER BUX16 VCBO Collector-Base Voltage BUX16A BUX16B BUX16C BUX16 VCER Collector-Emitter Voltage RBE50 BUX16A BUX16B BUX16C BUX16 VCEO(SUS) Collector-Emitter Voltage BUX16A BUX16B BUX16C VEBO IC IB
B
BUX16/A/B/C
VALUE 250 325 375 425 225 300 350 400 200 250 300 350 6 5 2 100 200 -65~200
UNIT
V
V
V
Emitter-Base Voltage Collector Current-Continuous Base Current-Continuous Collector Power Dissipation@TC=25 Junction Temperature Storage Temperature
V A A W
PC TJ Tstg
THERMAL CHARACTERISTICS
SYMBOL Rth j-c PARAMETER Thermal Resistance,Junction to Case MAX 1.75 UNIT /W
isc Websitewww.iscsemi.cn
INCHANGE Semiconductor
isc Product Specification
isc Silicon NPN Power Transistors
ELECTRICAL CHARACTERISTICS
TC=25 unless otherwise specified SYMBOL PARAMETER BUX16 BUX16A IC= 200mA ; IB= 0 BUX16B BUX16C BUX16 BUX16A IC= 200mA ; RBE50 BUX16B BUX16C VEBO VCE(sat)-1 VCE(sat)-2 VBE(on) Emitter-Base Voltage Collector-Emitter Saturation Voltage Collector-Emitter Saturation Voltage Base-Emitter On Voltage BUX16 BUX16A BUX16B BUX16C BUX16/A IEBO Emitter Cutoff Current BUX16B/C hFE-1 DC Current Gain BUX16/A hFE-2 DC Current Gain BUX16B/C hFE-3 COB fT DC Current Gain Output Capacitance Current-Gain--Bandwidth Product IC= 4.5A ; VCE= 10V IE=0 ; VCB= 10V; ftest= 1.0MHz IC= 0.2A ;VCE= 10V IC= 2A ; VCE= 10V IC= 0.4A ; VCE= 10V VEB= 5V; IC=0 IE= 20mA ; IC= 0 IC= 2A; IB= 0.25A
B
BUX16/A/B/C
CONDITIONS
MIN 200 250
TYP.
MAX
UNIT
VCEO(SUS)
Collector-Emitter Sustaining Voltage
V 300 350 225 300 V 350 400 6 2.5 5.0 3.0 5 8 5 8 2 3 2 3 5.0 mA 2.0 15 15 12 5 150 5 pF MHz 130 V V V V
VCER(SUS)
Collector-Emitter Sustaining Voltage
IC= 4.5A; IB= 1.125A IC= 2A; VCE= 10V VCE= 250V;VBE= -1.5V VCE= 250V;VBE= -1.5V;TC= 150 VCE= 325V;VBE= -1.5V VCE= 250V;VBE= -1.5V;TC= 150 VCE= 375V;VBE= -1.5V VCE= 250V;VBE= -1.5V;TC= 150 VCE= 425V;VBE= -1.5V VCE= 250V;VBE= -1.5V;TC= 150
ICEV
Collector Cutoff Current
mA
isc Websitewww.iscsemi.cn
2


▲Up To Search▲   

 
Price & Availability of BUX16

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X