Part Number Hot Search : 
7175C 07400 RF1353D NTM2369 RT040 MAX189 TA8508 PA424
Product Description
Full Text Search
 

To Download BUL310FP03 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 (R)
BUL310FP
HIGH VOLTAGE FAST-SWITCHING NPN POWER TRANSISTOR
s
s s s s
s s s s s
STMicroelectronics PREFERRED SALESTYPE NPN TRANSISTOR HIGH VOLTAGE CAPABILITY LOW SPREAD OF DYNAMIC PARAMETERS MINIMUM LOT-TO-LOT SPREAD FOR RELIABLE OPERATION VERY HIGH SWITCHING SPEED FULLY CHARACTERIZED AT 125oC LARGE RBSOA FULLY MOLDED INSULATED PACKAGE 2000 V DC INSULATION (U.L. COMPLIANT)
3 1 2
TO-220FP
APPLICATIONS HORIZONTAL DEFLECTION FOR COLOUR TV s ELECTRONIC BALLASTS FOR FLUORESCENT LIGHTING s FLYBACK AND FORWARD SINGLE TRANSISTOR LOW POWER CONVERTERS
s
INTERNAL SCHEMATIC DIAGRAM
DESCRIPTION The BUL310FP is manufactured using high voltage Multi Epitaxial Planar technology for high switching speeds and high voltage capability. It uses a Cellular Emitter structure with planar edge termination to enhance switching speeds while maintaining a wide RBSOA. The BUL series is designed for use in lighting applications and low cost switch-mode power supplies. ABSOLUTE MAXIMUM RATINGS
Symbol V CES V CEO V EBO IC I CM IB I BM P tot T stg Tj April 2003 Parameter Collector-Emitter Voltage (V BE = 0) Collector-Emitter Voltage (I B = 0) Emitter-Base Voltage (I C = 0) Collector Current Collector Peak Current (t p <5 ms) Base Current Base Peak Current (t p <5 ms) Total Dissipation at Tc = 25 o C Storage Temperature Max. Operating Junction Temperature Value 1000 500 9 5 10 3 4 36 -65 to 150 150 Unit V V V A A A A W o C o C 1/6
BUL310FP
THERMAL DATA
R thj-case R thj-amb Thermal Resistance Junction-Case Thermal Resistance Junction-Ambient Max Max 3.5 62.5
o o
C/W C/W
ELECTRICAL CHARACTERISTICS (Tcase = 25 oC unless otherwise specified)
Symbol I CES I CEO Parameter Collector Cut-off Current (V BE = 0) Collector Cut-off Current (I B = 0) Test Conditions V CE = 1000 V V CE = 1000 V V CE = 500 V I C = 100 mA L= 25 mH 500 T j = 125 o C Min. Typ. Max. 100 500 250 Unit A A A V
V CEO(sus) Collector-Emitter Sustaining Voltage (I B = 0) V EBO V CE(sat) Emitter-Base Voltage (I C = 0) Collector-Emitter Saturation Voltage Base-Emitter Saturation Voltage DC Current Gain INDUCTIVE LOAD Storage Time Fall Time INDUCTIVE LOAD Storage Time Fall Time
I E = 10 mA IC = 1 A IC = 2 A IC = 3 A IC = 1 A IC = 2 A IC = 3 A I C = 10 mA IC = 3 A IC = 2 A V BE(off) = -5 V V CL = 250 V (see figure 1) IC = 2 A V BE(off) = -5V V CL = 250 V T j = 125 o C I B = 0.2 A I B = 0.4 A I B = 0.6 A I B = 0.2 A I B = 0.4 A I B = 0.6 A VCE = 5 V V CE = 2.5 V I B1 = 0.4 A R BB = 0 L = 200 H I B1 = 0.4 A R BB = 0 L = 200 H (see figure 1)
9 0.5 0.7 1.1 1 1.1 1.2 10 6 10 1.2 80 14 1.9 160
V V V V V V V
V BE(sat)
h FE
ts tf
s ns
ts tf
1.8 150
s ns
Pulsed: Pulse duration = 300 s, duty cycle 1.5 %
Safe Operating Areas
Derating Curve
2/6
BUL310FP
DC Current Gain DC Current Gain
Collector Emitter Saturation Voltage
Base Emitter Saturation Voltage
Inductive Load Fall Time
Inductive Load Storage Time
3/6
BUL310FP
Reverse Biased SOA
Figure 1: Inductive Load Switching Test Circuit
(1) Fast electronic switch (2) Non-inductive Resistor (3) Fast recovery rectifier
4/6
BUL310FP
TO-220FP MECHANICAL DATA
DIM. MIN. A B D E F F1 F2 G G1 H L2 L3 L4 L6 L7 O 28.6 9.8 15.9 9 3 4.4 2.5 2.5 0.45 0.75 1.15 1.15 4.95 2.4 10 16 30.6 10.6 16.4 9.3 3.2 1.126 0.385 0.626 0.354 0.118 mm TYP. MAX. 4.6 2.7 2.75 0.7 1 1.7 1.7 5.2 2.7 10.4 MIN. 0.173 0.098 0.098 0.017 0.030 0.045 0.045 0.195 0.094 0.393 0.630 1.204 0.417 0.645 0.366 0.126 inch TYP. MAX. 0.181 0.106 0.108 0.027 0.039 0.067 0.067 0.204 0.106 0.409
A
B
L3 L6 L7
F1
D
H
F
G1
E F2
123 L2 L4
G
5/6
BUL310FP
Information furnished is believed to be accurate and reliable. However, STMicroelectronics assumes no responsibility for the consequences of use of such information nor for any infringement of patents or other rights of third parties which may result from its use. No license is granted by implication or otherwise under any patent or patent rights of STMicroelectronics. Specification mentioned in this publication are subject to change without notice. This publication supersedes and replaces all information previously supplied. STMicroelectronics products are not authorized for use as critical components in life support devices or systems without express written approval of STMicroelectronics. The ST logo is a trademark of STMicroelectronics (c) 2003 STMicroelectronics - Printed in Italy - All Rights Reserved STMicroelectronics GROUP OF COMPANIES Australia - Brazil - Canada - China - Finland - France - Germany - Hong Kong - India - Israel - Italy - Japan - Malaysia - Malta - Morocco Singapore - Spain - Sweden - Switzerland - United Kingdom - United States. http://www.st.com
6/6


▲Up To Search▲   

 
Price & Availability of BUL310FP03

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X