Part Number Hot Search : 
X25170AE BU450 X20061RS MX7547JN STP08DP 28512 ONTROL H15S4
Product Description
Full Text Search
 

To Download BU2506DX Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 INCHANGE Semiconductor
isc Product Specification
isc Silicon NPN Power Transistor
BU2506DX
DESCRIPTION *Collector-Emitter Sustaining Voltage: VCEO(SUS)= 700V (Min) *High Switching Speed *Built-in Damper Diode APPLICATIONS *Designed for use in horizontal deflection circuits of color TV receivers. ABSOLUTE MAXIMUM RATINGS(Ta=25)
SYMBOL VCES VCEO VEBO IC ICM IB
B
PARAMETER Collector- Emitter Voltage(VBE= 0) Collector-Emitter Voltage Emitter-Base Voltage Collector Current- Continuous Collector Current-Peak Base Current- Continuous Base Current-Peak Collector Power Dissipation @ TC=25 Junction Temperature Storage Temperature Range
VALUE 1500 700 7.5 5 8 3 5 45 150 -65~150
UNIT V V V A A A A W
IBM PC TJ Tstg
SYMBOL
PARAMETER Thermal Resistance,Junction to Case
MAX 2.8
UNIT /W
Rth j-c
isc Websitewww.iscsemi.cn
INCHANGE Semiconductor
isc Product Specification
isc Silicon NPN Power Transistor
ELECTRICAL CHARACTERISTICS
TC=25 unless otherwise specified SYMBOL PARAMETER CONDITIONS MIN
BU2506DX
TYP.
MAX
UNIT
VCEO(SUS)
Collector-Emitter Sustaining Voltage
IC= 100mA ; IB= 0,L= 25mH
700
V
V(BR)EBO
Emitter-Base Breakdown Voltage
IE= 600mA; IC= 0
7.5
V
VCE(sat)
Collector-Emitter Saturation Voltage
IC= 3A; IB= 0.79A
B
5.0
V
VBE(sat)
Base-Emitter Saturation Voltage
IC= 3A; IB= 0.79A
B
1.1 1.0 2.0 136
V
ICES
Collector Cutoff Current
VCE= 1500V ; VBE= 0 VCE= 1500V ; VBE= 0; TC=125 VEB= 7.5V ; IC= 0
mA
IEBO
Emitter Cutoff Current
mA
hFE-1
DC Current Gain
IC= 0.3A ; VCE= 5V
12
hFE-2
DC Current Gain
IC= 3A; VCE= 5V
3.8
7.5
VECF
C-E Diode Forward Voltage
IF= 3A
2.0
V
COB
Output Capacitance
IE= 0; VCB= 10V; ftest= 1MHz
47
pF
Switching times s s
tstg tf
Storage Time
Fall Time
IC= 3A, IB(end)= 0.67A; CFB= 9.4nF LC= 1.35mH; LB= 8H; -VBB= 4V; (-dIB/dt= 0.45A/s)
6.0
0.5
isc Websitewww.iscsemi.cn
2


▲Up To Search▲   

 
Price & Availability of BU2506DX

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X