![]() |
|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
INCHANGE Semiconductor isc Product Specification isc Silicon NPN Power Transistor BU2506AX DESCRIPTION *Collector-Emitter Sustaining Voltage: VCEO(SUS)= 700V (Min) *High Switching Speed APPLICATIONS *Designed for use in horizontal deflection circuits of color TV receivers. ABSOLUTE MAXIMUM RATINGS(Ta=25) SYMBOL PARAMETER VALUE UNIT VCES Collector- Emitter Voltage(VBE= 0) 1500 V VCEO Collector-Emitter Voltage 700 V VEBO Emitter-Base Voltage 7.5 V IC ICM Collector Current- Continuous 5 A Collector Current-Peak 8 A IB B Base Current- Continuous 3 A IBM Base Current-Peak Collector Power Dissipation @ TC=25 Junction Temperature 5 A PC 45 W TJ 150 Tstg Storage Temperature Range -65~150 SYMBOL PARAMETER Thermal Resistance,Junction to Case MAX 2.8 UNIT /W Rth j-c isc Websitewww.iscsemi.cn INCHANGE Semiconductor isc Product Specification isc Silicon NPN Power Transistor ELECTRICAL CHARACTERISTICS TC=25 unless otherwise specified SYMBOL PARAMETER CONDITIONS MIN BU2506AX TYP. MAX UNIT VCEO(SUS) Collector-Emitter Sustaining Voltage IC= 100mA; IB= 0, L= 25mH 700 V V(BR)EBO Emitter-Base Breakdown Voltage IE= 1mA; IC= 0 7.5 V VCE(sat) Collector-Emitter Saturation Voltage IC= 3A; IB= 0.79A B 5.0 V VBE(sat) Base-Emitter Saturation Voltage IC= 3A; IB= 0.79A B 1.1 1.0 2.0 1.0 V ICES Collector Cutoff Current VCE= 1500V; VBE= 0 VCE= 1500V; VBE= 0; TC=125 VEB= 7.5V ; IC= 0 mA IEBO Emitter Cutoff Current mA hFE-1 DC Current Gain IC= 0.3A ; VCE= 5V 12 hFE-2 DC Current Gain IC= 3A; VCE= 5V 3.8 7.5 COB Output Capacitance IE= 0; VCB= 10V; ftest= 1MHz 47 pF isc Websitewww.iscsemi.cn 2 |
Price & Availability of BU2506AX
![]() |