Part Number Hot Search : 
4E400BS LVC74 L7824ABV MX18P VNB14NV AP432RA C0201 HCS166MS
Product Description
Full Text Search
 

To Download BSS80C Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SMD Type
PNP Silicon Switching Transistors BSS80,BSS82
SOT-23
+0.1 2.9-0.1 +0.1 0.4-0.1
Transistors IC
Unit: mm
+0.1 2.4-0.1
High DC current gain: 0.1mA to 500 mA. Low collector-emitter saturation voltage.
+0.1 1.3-0.1
Features
1
+0.1 0.95-0.1 +0.1 1.9-0.1
2
0.55
0.4
3
+0.05 0.1-0.01
+0.1 0.97-0.1
1.Base 2.Emitter 3.collector
Absolute Maximum Ratings Ta = 25
Parameter Collector-emitter voltage Collector-base voltage Emitter-base voltage Collector current Peak collector current Base current Peak base current Total power dissipation,TS = 77 Junction temperature Storage temperature Junction - soldering point Symbol VCEO VCBO VEBO IC ICM IB IBM Ptot Tj Tstg RthJS BSS80 40 60 5 800 1 100 200 330 150 -65 to +150 220 K/W BSS82 60 Unit V V V mA A mA mA mW
+0.1 0.38-0.1
0-0.1
www.kexin.com.cn
1
SMD Type
BSS80,BSS82
Electrical Characteristics Ta = 25
Parameter Collector-emitter breakdown voltage BSS80 BSS82 V(BR)CBO IC = 10 iA, IE = 0 V(BR)EBO IE = 10 iA, IC = 0 ICBO IEBO BSS80/82B BSS80/82C BSS80/82B BSS80/82C DC current gain * BSS80/82B BSS80/82C BSS80/82B BSS80/82C BSS80/82B BSS80/82C Collector-emitter saturation voltage * VCE(sat) IC = 150 mA, IB = 15 mA IC = 500 mA, IB = 50 mA Base-emitter saturation voltage Transition frequency Collector-base capacitance Delay time Rise time Storage time Fall time * Pulse test: t 300is, D = 2%. * VBE(sat) fT Ccb td tr tstg tf IC = 150 mA, IB = 15 mA IC = 500 mA, IB = 50 mA IC = 20 mA, VCE = 20 V, f = 100 MHz VCB = 10 V, f = 1 MHz VCC = 30 V, IC = 150 mA, IB1 = 15 mA,VBE(off) = 0.5 V VCC = 30 V, IC = 150 mA, IB1 = 15 mA,VBE(off) = 0.5 V VCC = 30 V, IC = 150 mA, IB1 = IB2 = 15 mA, VCC = 30 V, IC = 150 mA, IB1 = IB2 = 15 mA, IC = 500 mA, VCE = 10 V hFE IC = 10 mA, VCE = 10 V IC = 1 mA, VCE = 10 V VCB = 50 V, IE = 0 VCB = 50 V, IE = 0 , TA = 150 Emitter cutoff current VEB = 3 V, IC = 0 IC = 100 iA, VCE = 10 V Symbol Testconditons
Transistors IC
Min 40 60 60 5
Typ
Max
Unit V V V
V(BR)CEO IC = 10 mA, IB = 0
Collector-base breakdown voltage Emitter-base breakdown voltage Collector cutoff current
10 10 10 40 75 40 100 40 100
nA iA nA
IC = 150 mA, VCE = 10 V
40 100 40 50
120 300
0.4 1.6 1.3 2.6 250 6 10 40 80 30 MHz pF ns ns ns ns V
hFE Classification
TYPE Rank Marking TYPE Rank Marking B CLs B CHs BSS82 C CMs BSS80 C CJs
2
www.kexin.com.cn


▲Up To Search▲   

 
Price & Availability of BSS80C

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X