Part Number Hot Search : 
XZMR65WA S80C51 AM687LMB FRF10A40 00SERI 9913I EP100 F740LC
Product Description
Full Text Search
 

To Download BLK-6 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 DC Block N-Type
50 10 MHz to 6 GHz
-55C to 100C -55C to 100C 50V Max.
Coaxial
BLK-6+
Maximum Ratings
Operating Temperature Storage Temperature DC Input Voltage
Features
* low insertion loss * rugged unibody construction * off-the-shelf availability
CASE STYLE: FF779 Connectors N-Type Model BLK-6-N+ Price $23.95 ea. Qty. (1-9)
Application
Outline Drawing
N FEMALE CONN N MALE CONN
* test and measurement instrumentation * communication systems * defense systems
+ RoHS compliant in accordance with EU Directive (2002/95/EC)
The +Suffix has been added in order to identify RoHS Compliance. See our web site for RoHS Compliance methodologies and qualifications.
Electrical Specifications at 25C
FREQUENCY INSERTION LOSS Typ. 0.05 0.12 0.25 0.50 (dB) Max. 0.20 0.40 0.60 1.20 RETURN LOSS Typ. 45 30 22 17 (dB) Min. 28 18 14 (MHz) 10 1000 3000 4000 1000 3000 4000 6000
B D .05 E
ACROSS FLATS
Outline Dimensions ( inch ) mm
B .68 17.27 D 2.11 53.59 E .718 18.24 wt. grams 72.5 Frequency (MHz) 10 50 100 300 500 700 900 1000 1500 2000 2500 3000
Typical Performance Data
Insertion Loss (dB) 0.01 0.01 0.02 0.04 0.05 0.07 0.07 0.08 0.08 0.12 0.14 0.20 0.25 0.30 0.34 0.52 0.67 Return Loss (dB) Male Female 70.05 53.51 47.91 41.28 38.24 37.80 36.66 36.47 42.12 34.69 27.90 24.41 22.26 21.66 20.94 19.14 13.09
BLK-6+ RETURN LOSS
MALE
70.42 53.56 48.73 41.19 38.85 38.80 40.09 40.75 46.59 33.85 27.63 23.46 20.51 19.56 19.07 16.94 12.23
Electrical Schematic
3400 3800 4000 5000 6000
BLK-6+ INSERTION LOSS
INSERTION LOSS(dB)
0.8 0.7 0.6 0.5 0.4 0.3 0.2 0.1 0.0 0 1000
80
RETURN LOSS (dB)
70 60 50 40 30 20 10 0 0 1000 2000 3000 4000
FEMALE
2000
3000
4000
5000
6000
5000
6000
FREQUENCY (MHz)
FREQUENCY (MHz)
Mini-Circuits
ISO 9001 ISO 14001 CERTIFIED RF/IF MICROWAVE COMPONENTS
(R)
minicircuits.com
EW ALL N
P.O. Box 350166, Brooklyn, New York 11235-0003 (718) 934-4500 Fax (718) 332-4661 For detailed performance specs & shopping online see Mini-Circuits web site The Design Engineers Search Engine Provides ACTUAL Data Instantly From MINI-CIRCUITS At: www.minicircuits.com
REV. OR M107607 EDR-8020U BLK-6+ URJ/RAV 080219 Page 1 of 1


▲Up To Search▲   

 
Price & Availability of BLK-6

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X