Part Number Hot Search : 
CJ110 IR2114 MAH36003 BA6124 TDA7502 P40NF 1SMA5924 ADG604
Product Description
Full Text Search
 

To Download BFR93AW Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 INCHANGE Semiconductor
isc RF Product Specification
isc Silicon NPN RF Transistor
BFR93AW
DESCRIPTION *High Power Gain *High Current Gain Bandwidth Product *Low Noise Figure
APPLICATIONS *Designed for use in RF amplifiers ,mixers and oscillators with signal frequencies up to 1 GHz.
ABSOLUTE MAXIMUM RATINGS(Ta=25)
SYMBOL PARAMETER VALUE UNIT
VCBO
Collector-Base Voltage
15
V
VCEO
Collector-Emitter Voltage
12
V
VEBO
Emitter-Base Voltage
2
V
IC
Collector Current-Continuous
35
mA
PC
Collector Power Dissipation @TC=25
0.3
W
TJ
Junction Temperature
175
Tstg
Storage Temperature Range
-65~150
isc Websitewww.iscsemi.cn
INCHANGE Semiconductor
isc RF Product Specification
isc Silicon NPN RF Transistor
ELECTRICAL CHARACTERISTICS
TC=25 unless otherwise specified SYMBOL PARAMETER CONDITIONS MIN
BFR93AW
TYP.
MAX
UNIT
ICBO
Collector Cutoff Current
VCB= 5V; IE= 0
0.05
A
hFE
DC Current Gain
IC= 30mA ; VCE= 5V
40
fT
Current-Gain--Bandwidth Product
IC= 30mA ; VCE= 5V; f= 500MHz
4
5
GHz
COB
Output Capacitance
IE= 0 ; VCB= 5V; f= 1MHz
0.7
pF
Cre
Feedback Frequency
IE= 0 ; VCB= 5V; f= 1MHz
0.6
pF
NF
Noise Figure
IC= 5mA ; VCE= 8V; f= 1GHz
1.5
dB
NF
Noise Figure
IC= 5mA ; VCE= 8V; f= 2GHz
2.1
dB
isc Websitewww.iscsemi.cn
2
INCHANGE Semiconductor
isc RF Product Specification
isc Silicon NPN RF Transistor
BFR93AW
isc Websitewww.iscsemi.cn
INCHANGE Semiconductor
isc RF Product Specification
isc Silicon NPN RF Transistor
BFR93AW
isc Websitewww.iscsemi.cn
4
INCHANGE Semiconductor
isc RF Product Specification
isc Silicon NPN RF Transistor
BFR93AW
isc Websitewww.iscsemi.cn
INCHANGE Semiconductor
isc RF Product Specification
isc Silicon NPN RF Transistor
BFR93AW
isc Websitewww.iscsemi.cn
6
INCHANGE Semiconductor
isc RF Product Specification
isc Silicon NPN RF Transistor
BFR93AW
isc Websitewww.iscsemi.cn


▲Up To Search▲   

 
Price & Availability of BFR93AW

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X