Part Number Hot Search : 
SAA7121 WJ176 M5M5256 74AUP1G SD453A PQ12R03 SP8714IG M5M5256
Product Description
Full Text Search
 

To Download BC857S Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 BC856S ... BC859S
BC856S ... BC859S PNP
Surface Mount General Purpose Si-Epi-Planar Double-Transistors Si-Epi-Planar Universal-Doppeltransistoren fur die Oberflachenmontage Power dissipation Verlustleistung
1.250.1
PNP
300 mW SOT-363 0.01 g
Version 2006-08-01
2
6
0.1
2 x 0.65 5 4
0.90.1
2.1
Type Code
1 2 3
0.1
Plastic case Kunststoffgehause Weight approx. - Gewicht ca. Plastic material has UL classification 94V-0 Gehausematerial UL94V-0 klassifiziert Standard packaging taped and reeled Standard Lieferform gegurtet auf Rolle
2.4
Dimensions - Mae [mm] 6 = C1 5 = B2 4 = E2 1 = E1 2 = B1 3 = C2
Maximum ratings (TA = 25C) per transistor - pro Transistor Collector-Emitter-volt. - Kollektor-Emitter-Spannung B open Collector-Base-voltage - Kollektor-Basis-Spannung Emitter-Base-voltage - Emitter-Basis-Spannung Power dissipation - Verlustleistung Collector current - Kollektorstrom (dc) Peak Collector current - Kollektor-Spitzenstrom Peak Base current - Basis-Spitzenstrom Peak Emitter current - Emitter-Spitzenstrom Junction temperature - Sperrschichttemperatur Storage temperature - Lagerungstemperatur E open C open - VCBO - VCEO - VEB0 Ptot - IC - ICM - IBM IEM Tj TS
Grenzwerte (TA = 25C) BC856S 65 V 80 V BC857S 45 V 50 V 5V 300 mW 1) 100 mA 200 mA 200 mA 200 mA -55...+150C -55...+150C BC858S BC859S 30 V 30 V
Characteristics (Tj = 25C) per transistor - pro Transistor DC current gain - Kollektor-Basis-Stromverhaltnis - VCE = 5 V, - IC = 10 A - VCE = 5 V, - IC = 2 mA h-Parameters at/bei - VCE = 5 V, - IC = 2 mA, f = 1 kHz Small signal current gain - Kleinsignal-Stromverstarkung Input impedance - Eingangs-Impedanz Output admittance - Ausgangs-Leitwert Reverser voltage transfer ratio - Spannungsruckwirkung hfe hie hoe hre - 1.6 k 18 S - hFE hFE - 110 Min.
Kennwerte (Tj = 25C) Typ. 90 ... 270 - 220 ... 600 - - 1.5 ... 3*10-4 Max. - 800 - 15 k 110 S -
1
Mounted on P.C. board with 3 mm2 copper pad at each terminal Montage auf Leiterplatte mit 3 mm2 Kupferbelag (Lotpad) an jedem Anschluss http://www.diotec.com/
(c) Diotec Semiconductor AG
1
BC856S ... BC859S Characteristics (Tj = 25C) per transistor - pro Transistor Collector-Emitter saturation voltage - Kollektor-Sattigungsspannung 2) - IC = 10 mA, - IB = 0.5 mA - IC = 100 mA, - IB = 5 mA Base-Emitter saturation voltage - Basis-Sattigungsspannung 2) - IC = 10 mA, - IB = 0.5 mA - IC = 100 mA, - IB = 5 mA Base-Emitter-voltage - Basis-Emitter-Spannung 2) - VCE = 5 V, - IC = 2 mA - VCE = 5 V, - IC = 10 mA Collector-Base cutoff current - Kollektor-Basis-Reststrom - VCB = 30 V, (E open) - VCE = 30 V, Tj = 125C, (E open) Emitter-Base cutoff current - VEB = 5 V, (C open) Gain-Bandwidth Product - Transitfrequenz - VCE = 5 V, - IC = 10 mA, f = 100 MHz Collector-Base Capacitance - Kollektor-Basis-Kapazitat - VCB = 10 V, IE =ie = 0, f = 1 MHz Emitter-Base Capacitance - Emitter-Basis-Kapazitat - VEB = 0.5 V, IC = ic = 0, f = 1 MHz Thermal resistance junction to ambient air Warmewiderstand Sperrschicht - umgebende Luft Recommended complementary NPN transistors Empfohlene komplementare NPN-Transistoren Pinning - Anschlussbelegung T1: E1 = 1, C1 = 6, B1 = 2 T2: E2 = 4, C2 = 3, B2 = 5
1
T1
Kennwerte (Tj = 25C) Min. - VCEsat - VCEsat - VBEsat - VBEsat - VBE - VBE - ICB0 - ICB0 - IEB0 fT CCBO CEB0 RthA - - - - 600 mV - - - - 100 MHz - - Typ. 90 mV 200 mV 700 mV 900 mV 650 mV - - - - - - 10 pF < 420 K/W 1) BC846S ... BC849S
6 5 4
T2
Max. 250 mV 600 mV - - 750 mV 820 mV 15 nA 5 A 100 nA - 6 pF -
2
3
2 1
Tested with pulses tp = 300 s, duty cycle 2% - Gemessen mit Impulsen tp = 300 s, Schaltverhaltnis 2% Mounted on P.C. board with 3 mm2 copper pad at each terminal Montage auf Leiterplatte mit 3 mm2 Kupferbelag (Lotpad) an jedem Anschluss http://www.diotec.com/ (c) Diotec Semiconductor AG
2


▲Up To Search▲   

 
Price & Availability of BC857S

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X