Part Number Hot Search : 
MOB73DR EMP202 74HC03DB F1621 BD488 PC2508 TC1306 LVDS3
Product Description
Full Text Search
 

To Download BC847BS Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 BC847BS
NPN GENERAL PURPOSE DUAL TRANSISVOLTAGE FEATURES
* General purpose amplifier applications * PNP epitaxial silicon, planar design * In compliance with EU RoHS 2002/95/EC directives
45 Volts
POWER
150 mWatts
MECHANICAL DATA
* Case: SOT-363, Plastic * Terminals: Solderable per MIL-STD-750, Method 2026 * Approx. Weight: 0.008 gram * Marking : 47S
ABSOLUTE MAXIMUM RATINGS
PARAMETER C ollector - Emi tter Voltage C ollector - Base Voltage Emi tter - Base Voltage C ollector C urrent - C onti nuous
Symbol VCEO VCBO VEBO IC
Value 45 50 6.0 100
Uni ts V V V mA
THERMAL CHARACTERISTICS
PARAMETER Total Device Dissipation Per Device FR-5 Board (Note 1)TA=25OC Derate above 25OC Thermal Resistance , Junction to Ambient Junction Temperature Storage Temperature Symbol PD RJA TJ TSTG Value 300 150 3.0 328 -55 to 150 -55 to 150 Units mW mW/OC
O
C/W
O
C C
O
Note 1: FR-5 board 1.0 x 0.75 x 0.062 in.
STAD-FEB.28.2007
PAGE . 1
BC847BS
ELECTRICAL CHARACTERISTICS (TJ=25OC, unless otherwise noted)
PA RA M E TE R O F F C H A R A C T E R IS T IC S C o lle c to r - E mi tte r B re a k d o wn Vo lta g e C o lle c to r - E mi tte r B re a k d o wn Vo lta g e C o lle c to r - B a s e B re a k d o wn Vo lta g e E mi tte r - B a s e B re a k d o wn Vo lta g e C o l l e c t o r C ut o f f C ur r e nt O N C H A R A C T E R IS T IC S D C C ur r e nt G a i n C o l l e c t o r - E m i t t e r S a t ur a t i o n Vo l t a g e B a s e - E m i t t e r S a t ur a t i o n Vo l t a g e B a s e - E mi tte r Vo lta g e S M A L L - S IG N A L C H A R A C T E R IS T IC S C ur r e nt - G a i n- B a nd w i d t h P r o d uc t O ut p ut C a p a c i t a nc e fT Cobo NF IC = 1 0 m A , V C E = 5 . 0 V d c , f = 1 0 0 M H Z V C B =1 0 V,f=1 .0 MHZ IC = 0 . 2 m A , V C E = 5 . 0 V d c , RS =2 .0 k ,f=1 .0 k HZ , B W =2 0 0 HZ 100 4 .5 MHZ pF hF E VC E (S AT) V B E ( S AT) V C E (ON) IC = 2 . 0 m A , V C E = 5 V IC = 1 0 m A , IB = 0 . 5 m A IC = 1 0 0 m A , IB = 5 . 0 m A IC = 1 0 m A , IB = 0 . 5 m A IC = 1 0 0 m A , IB = 5 . 0 m A IC = 2 m A , V C E = 5 . 0 V IC = 1 0 m A , V C E = 5 . 0 V 200 0 .6 0 .8 580 660 450 0 .2 5 0 .6 0 .9 1 .0 700 770 V V mV V(B R )C E O V(B R )C E S V(B R )C B O V(B R )E B O IC B O IC = 1 0 m A IC = 1 0 u A , V E B = 0 IC = 1 0 u A IE = 1 0 u A V C B =3 0 V, V C B = 3 0 V, TA = 1 5 0 O C 45 50 50 6 .0 15 5 .0 V V V V nA uA S ym b o l Te s t C o n d i t i o n M IN . T YP. MA X . U ni t
N o i s e F i g ur e
-
-
10
dB
6
5
4
1
2
3
Fig.54
STAD-FEB.28.2007
PAGE . 2
BC847BS
ELECTRICAL CHARACTERISTICS CURVE
2.0 1.5
hFE, NORMALIZED DC CURRENT GAIN
1.0
V CE =10V O T A =25 C
V, VOLTAGE (VOLTS)
T A =25 C
0.8
O
V BE (sat) @ I C /I B =10 V BE (on) @ V CE =10V
1.0 0.8 0.6
0.6
0.4
0.4 0.3
0.2
V CE (sat) @ I C /I B =10
0 0.2 0.5 1.0 2.0 5.0 10 20 50 100 200 0.1 0.2 0.3 0.5 0.7 1.0 2.0 3.0 5.0 7.0 10 20 30 50 70 100
0.2
I C , COLLECTOR CURRENT(mAdc) Figure 1. Normalized DC Current Gain
V CE , COLLECTOR-EMITTER VOLTAGE (VOLTS)
I C , COLLECTOR CURRENT(mAdc) Figure 2. "Saturation" and " On " Voltages
1.0
2.0
T A =25 C
1.6
O
O qVB, TEMPER ATURE COEFFI CIENT (mA/ C)
-55 OC to 125 OC
1.2
200mA
1.2
1.6
I C= I C= 10mA 2 0mA
0.8
50mA
100mA
2.0
2.4
0.4
2.8
0 0.02 0.1 1.0 10 20 0.2 1.0 10 100
I B , BASE CURRENT (mA) Figure 3. Collector Saturation Region
I C , COLLECTOR CURRENT (mA) Figure 4. Base-Emitter Temperature Coefficient
fT, CURRENT-GAIN-BANDWIDTH PRODUCT (MHz)
10
400 300 200
7.0
C, CAPACITA NCE (pF)
T A =25 C Cio
O
50
30
100 80 60 40 30 20 0.5 0.7
V CE =10V O T A =25 C
Cob
2.0
1.0 0.4 0.6 0.8 1.0 2.0 4.0 6.0 8.0 10 20 40
1.0
2.0
3.0
5.0 7.0 10
20
30
50
V R , REVERSE VOLTAGE (VOLTS) Figure 5. Capacitance
I C , COLLECTOR CURRENT (mAdc)
Figure 6. Current-Gain-Bandwidth Product
STAD-FEB.28.2007
PAGE . 3
BC847BS
ELECTRICAL CHARACTERISTICS CURVE
1.0
r(t), TRANSIEN T THERMAL RESISTAN CE(NORM ALIZED)
D-0.5
0.2 0.1 0.1 0.05 0.02 P(pk) t1 t2 Z q JA (t)=r(t) R q JA R q JA =328 OC/W MAX D CURVES APPLY FOR POWER PULSE TRAIN SHOWN READ TIME AT t 1 T J(pk) -TC=P (pk) R q JC (t)
0.01
0.01
DUTY CYCLE, D-t1/t2 SINGEL PULSE
0.001
0
1.0
10
100 1.0K t, TIME(ms) Figure 7. Thermal Response
10K
100K
1.0M
-200
I C , COLLECTO R CURRENT (mA)
1s
3ms
-100 -50
T A =25 C
O
T J =25 C
O
-10 -5.0
BC558 BC557 BC556 BONDING WIRE LIMIT THERMAL LIMIT SECOND BREAKDOWN LIMIT
The safe operating area curves indicate Ic-Vce limits of the transistor that must be observed for reliable operation. Collector load lines for specific circuits must fall below the limits indicated by the applicable curve. The data of Figure 26 is based upon Tj(pk)=150 OC; Tc or Ta is variable depending upon conditions. Pulse curves are valid for duty cycles to 10% prodided Tj(pk) < 150 OC. Tj(pk) may be calculated from the data in Figure 25. At high case or ambient temperatures, thermal limitations will reduce the power that can be handled to values less than the limitations imposed by the secondary break-down.
-2.0 -1.0 -5.0 -10 -30 -45 -65 -100
V CE , COLLECTOR-EMITTER VOLTAGE(V) Figure 8. Active Region Safe Operating Area
STAD-FEB.28.2007
PAGE . 4
BC847BS
MOUNTING PAD LAYOUT
ORDER INFORMATION
* Packing information T/R - 10K per 13" plastic Reel T/R - 3K per 7" plastic Reel
LEGAL STATEMENT Copyright PanJit International, Inc 2007
The information presented in this document is believed to be accurate and reliable. The specifications and information herein are subject to change without notice. Pan Jit makes no warranty, representation or guarantee regarding the suitability of its products for any particular purpose. Pan Jit products are not authorized for use in life support devices or systems. Pan Jit does not convey any license under its patent rights or rights of others.
STAD-FEB.28.2007
PAGE . 5


▲Up To Search▲   

 
Price & Availability of BC847BS

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X