Part Number Hot Search : 
NTD20 2SJ0675 ON2800 MY76C CY621 PS2581L1 28F800B ICL71
Product Description
Full Text Search
 

To Download B12A12005L310100U253 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Thermal motor protector Temperature limiter Thermal cut-out
12
Applications
B
- Motors - Transformers - Coils - Electronics, sensors
Benefits
- Non-sensitive to current - High current rating up to 30A - Manifold executions
CANTHERM
Technical data
control type ratings
version rated current at 250 V 50/60 Hz ( power factor 0.95 / 0.6 ) switching cycles max. current at 250 V 50/60 Hz ( power factor 0.95 ) switching cycles under max. current temperature rating Ta ( steps in 5 K ) tolerances feature of automatic action contact resistance ( incl. wire of 100 mm ) hysteresis dielectric strength ( standard insulation ) shock- / vibration testing ( similar to EN 50155 ) resistances to impregnation degrees of protection provided by enclosures ( EN 60529 ) suitable for use in protection category VDE / ENEC approvals UL CSA
1) 2)
B12A / E
normally closed 6.3 A / 4.0 A 10,000 10.0 A / 6.0 A 5,000 30.0 A 100 70 C ... 160 C Standard: 5 K 1.B.M, 2.B, 1.C, 3.C < 50 m 30 K 15 K 2 kV 13.0 A / 2.1 A 1,000
B12B / G
normally open 5.0 A / 1.6 A 5,000
1.B, 3.C
400 m/s2 sine half wave / 100 m/s2 5 Hz ... 2.000 Hz sine tight against ordinary resins and lacquers IP00 I, II EN 60730-1 / -2-2 / -2-3 1) /-2-9 UL 2111 / UL 873 2) C22.2 No. 77 / C22.2 No. 24 2)
different power rating on demand
Standard wire (length 100 10 mm, stripped 6 1 mm)
lead code
L310 150 C stranded white L320 L340 200 C L350 solid yellow L410 L440 150 C 200 C 300 V 300 V 600 V 1.50 mm 1.65 mm 1.71 mm AWG18 / 0.96 mm2 AWG20 / 0.81 mm AWG20 / 0.81 mm 3398 1332 300 V 2.15 mm 1.26 mm AWG18 / 0.96 mm2 AWG20 / 0.62 mm2 3557
temperature max.
operating voltage max.
diameter insulation
1.80 mm
cross section diameter
AWG20 / 0.48 mm2
UL style
3398
Standard insulation
control type nc no code illustration drawing dimensions ( mm ) technical specification
shrink cap potted Attention: Ta max. 155 C
approvals
B12
A
B
U253
VDE, UL
B12
A
B
U186
cap of PPS potted
VDE, UL
Specific variations
control type nc no code illustration drawing dimensions ( mm ) technical specification approvals
B12
A
B
not insulated potted
VDE, UL, CSA
B12
A
B
U112
coated
VDE, UL
B12
A
B
U294
housing of PPS potted
VDE, UL
B12
A
B
A800
not insulated potted
VDE, UL
B12
E
G
G402
aluminium housing thread M4x6 potted Attention: Ta max. 150 C
VDE, UL
B12
E
G
G714
brass housing thread M4x5 potted Attention: Ta max. 150 C
VDE, UL
Heating by current
heating [K]
current [A] The diagram is measured with a thermal control without any insulation in an oil bath.
Attention:
The heating depends on the thermal conduction of the control to the equipment or part which should be protected.
Ordering and marking example
Ordering example
B12 A 120 05 L310 100 U253
Marking
B12A type (B12 nc) 12005 response temperature (120C), tolerance ( 5K)
shrinkcap insulation length 100 mm lead wire white, AWG20 tolerance temperature normally closed type
026D
date of manufacture (Feb.2006), country (D=Germany)
Deviations from standard controls on request.
Representation office:
CANTHERM
8415 Mountain Sights Avenue * Montreal (Quebec), H4P 2B8, Canada Tel: (514) 739-3274 * 1-800-561-7207 * Fax: (514) 739-290 E-mail : sales@cantherm.com * Website: www.cantherm.com
09.2006 Subject to change without notice


▲Up To Search▲   

 
Price & Availability of B12A12005L310100U253

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X