Part Number Hot Search : 
80C31N SEL6810A FEP16JT AN5332N FX641 SKB20440 AN5332N PC40EIXX
Product Description
Full Text Search
 

To Download AT88SC0808CA Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 1. Features
* One of a Family of Devices with User Memories from 1-Kbit to 8-Kbits * 8-Kbit (1-Kbyte) EEPROM User Memory
- Eight 1-Kbit (128-byte) Zones - Self-timed Write Cycle - Single Byte or 16-byte Page Write Mode - Programmable Access Rights for Each Zone 2-Kbit Configuration Zone - 37-byte OTP Area for User-defined Codes - 160-byte Area for User-defined Keys and Passwords High Security Features - 64-bit Mutual Authentication Protocol (Under License of ELVA) - Cryptographic Message Authentication Codes (MAC) - Stream Encryption - Four Key Sets for Authentication and Encryption - Eight Sets of Two 24-bit Passwords - Anti-Tearing Function - Voltage and Frequency Monitors Smart Card Features - ISO 7816 Class B (3V) Operation - ISO 7816-3 Asynchronous T=0 Protocol (Gemplus(R) Patent) - Multiple Zones, Key Sets and Passwords for Multi-application Use - Synchronous 2-wire Serial Interface for Faster Device Initialization - Programmable 8-byte Answer-To-Reset Register - ISO 7816-2 Compliant Modules Embedded Application Features - Low Voltage Operation: 2.7V - 3.6V - Secure Nonvolatile Storage for Sensitive System or User Information - 2-wire Serial Interface - 1.0 MHz Compatibility for Fast Operation - Standard 8-lead Plastic Packages - Same Pin Configuration as AT24CXXX Serial EEPROM in SOIC and PDIP Packages High Reliability - Endurance: 100,000 Cycles - Data Retention: 10 years - ESD Protection: 2,000V min
*
CryptoMemory AT88SC0808CA
*
*
Summary
*
*
Table 1-1.
Pad VCC GND SCL/CLK SDA/IO RST
Pads
Description Supply Voltage Ground Serial Clock Input Serial Data Input/Output Reset Input ISO Module C1 C5 C3 C7 C2 "SOIC, PDIP" 8 4 6 5 NC TSSOP 8 1 6 3 NC
5204AS-CRYPT-7/08
Smart Card Module
VCC=C1 RST=C2 SCL/CLK=C3 NC=C4 C5=GND C6=NC C7=SDA/IO C8=NC
8-lead SOIC, PDIP
NC NC NC GND
8-lead TSSOP
VCC NC SCL
1 2 3 4
8 7 6 5
NC NC SDA
1 2 3 4 8-Lead TSSOP
8 7 6 5
VCC NC SCL NC
SDA GND
2. Description
The AT88SC0808CA member of the CryptoMemory(R) family is a high-performance secure memory providing 8 Kbit of user memory with advanced security and cryptographic features built in. The user memory is divided into eight 128-byte zones, each of which may be individually set with different security access rights or effectively combined together to provide space for 1 to 8 data files. The AT88SC0808CA features an enhanced command set that allows direct communication with microcontroller hardware 2-Wire interface thereby allowing for faster firmware development with reduced code space requirements.
3. Smart Card Applications
The AT88SC0808CA provides high security, low cost, and ease of implementation without the need for a microprocessor operating system. The embedded cryptographic engine provides for dynamic, symmetric-mutual authentication between the device and host, as well as performing stream encryption for all data and passwords exchanged between the device and host. Up to four unique key sets may be used for these operations. The AT88SC0808CA offers the ability to communicate with virtually any smart card reader using the asynchronous T = 0 protocol (Gemplus Patent) defined in ISO 7816-3.
4. Embedded Applications
Through dynamic, symmetric-mutual authentication, data encryption, and the use of cryptographic Message Authentication Codes (MAC), the AT88SC0808CA provides a secure place for storage of sensitive information within a system. With its tamper detection circuits, this information remains safe even under attack. A 2-wire serial interface running at speeds up to 1.0 MHz provides fast and efficient communications with up to 15 individually addressable devices. The AT88SC0808CA is available in industry standard 8-lead packages with the same familiar pin configuration as AT24CXXX serial EEPROM devices.
Note: Does not apply to TSSOP Pinout.
2
AT88SC0808CA
5204AS-CRYPT-7/08
AT88SC0808CA
Figure 4-1. Block Diagram
VCC GND
Power Management
Authentication, Encryption and Certification Unit
Random Generator
Synchronous Interface SCL/CLK SDA/IO RST Asynchronous ISO Interface Reset Block
Data Transfer Password Verification Answer to Reset
EEPROM
5. Pin Descriptions
5.1 Supply Voltage (VCC)
The VCC input is a 2.7V to 3.6V positive voltage supplied by the host.
5.2
Clock (SCL/CLK)
When using the asynchronous T = 0 protocol, the CLK (SCL) input provides the device with a carrier frequency f. The nominal length of one bit emitted on I/O is defined as an "elementary time unit" (ETU) and is equal to 372/f.
When using the synchronous protocol, data clocking is done on the positive edge of the clock when writing to the device and on the negative edge of the clock when reading from the device.
5.3
Reset (RST)
The AT88SC0808CA provides an ISO 7816-3 compliant asynchronous Answer-To-Reset (ATR) sequence. Upon activation of the reset sequence, the device outputs bytes contained in the 64bit Answer-To-Reset register. An internal pull-up on the RST input pad allows the device to operate in synchronous mode without bonding RST. The AT88SC0808CA does not support an Answer-To-Reset sequence in the synchronous mode of operation.
5.4
Serial Data (SDA/IO)
The SDA/IO pin is bidirectional for serial data transfer. This pin is open-drain driven and may be wired with any number of other open-drain or open-collector devices. An external pull-up resistor should be connected between SDA/IO and VCC. The value of this resistor and the system capacitance loading the SDA/IO bus will determine the rise time of SDA/IO. This rise time will determine the maximum frequency during read operations. Low value pull-up resistors will allow higher frequency operations while drawing higher average power supply current. SDA/IO information applies to both asynchronous and synchronous protocols.
3
5204AS-CRYPT-7/08
6. Absolute Maximum Ratings
Stresses beyond those listed under "Absolute Maximum Ratings" may cause permanent damage to the device. This is a stress rating only and functional operation of the device at these or any other conditions beyond those indicated in the operational sections of this specification is not implied. Exposure to absolute maximum rating conditions for extended periods of time may affect device reliability. Absolute Maximum Ratings
Operating Temperature ..................................... -40C to +85C Storage Temperature ..........................................-65C to +150C Voltage on Any Pin with Respect to Ground .................................... -0.7 to Vcc +0.7V Maximum Operating Voltage............................................. 6.0V DC Output Current ........................................................ 5.0 mA Table 6-1. DC Characteristics
Applicable over recommended operating range from VCC = +2.7 to 3.6V, TAC = -40C to +85C (unless otherwise noted)
Symbol VCC ICC ICC ICC ICC ISB VIL VIL VIL VIH VIH VIH IIL IIL IIL IIH IIH IIH VOH VOL IOH IOL Parameter Supply Voltage Supply Current Supply Current Supply Current Supply Current Standby Current SDA/IO Input Low Voltage CLK Input Low Voltage RST Input Low Voltage SDA/IO Input High Voltage SCL/CLK Input High Voltage RST Input High Voltage SDA/IO Input Low Current SCL/CLK Input Low Current RST Input Low Current SDA/IO Input High Current SCL/CLK Input High Current RST Input High Current SDA/IO Output High Voltage SDA/IO Output Low Voltage SDA/IO Output High Current SDA/IO Output Low Current 0 < VIL < VCC x 0.15 0 < VIL < VCC x 0.15 0 < VIL < VCC x 0.15 VCC x 0.7 < VIH < VCC VCC x 0.7 < VIH < VCC VCC x 0.7 < VIH < VCC 20K ohm external pull-up IOL = 1mA VOH VOL VCC x 0.7 0 Async READ at 3.57MHz Async WRITE at 3.57MHz Synch READ at 1MHz Synch WRITE at 1MHz VIN = VCC or GND 0 0 0 VCC x 0.7 VCC x 0.7 VCC x 0.7 Test Condition Min 2.7 Typ Max 3.6 5 5 5 5 100 VCC x 0.2 VCC x 0.2 VCC x 0.2 VCC VCC VCC 15 15 50 20 100 150 VCC VCC x 0.15 20 10 Units V mA mA mA mA uA V V V V V V uA uA uA uA uA uA V V uA mA
4
AT88SC0808CA
5204AS-CRYPT-7/08
AT88SC0808CA
Table 6-2. AC Characteristics
Parameter fCLK fCLK Async Clock Frequency Synch Clock Frequency Clock Duty cycle tR tF tR tF tAA tHD.STA tSU.STA tHD.DAT tSU.DAT tSU.STO tDH tWR "Rise Time - SDA/IO, RST" "Fall Time - SDA/IO, RST" Rise Time - SCL/CLK Fall Time - SCL/CLK Clock Low to Data Out Valid Start Hold Time Start Set-up Time Data In Hold Time Data In Set-up Time Stop Set-up Time Data Out Hold Time Write Cycle Time 200 200 10 100 200 20 5 Min 1 0 40 Max 4 1 60 1 1 9% x period 9% x period 250 Units MHz MHz % uS uS uS uS nS nS nS nS nS nS nS mS Applicable over recommended operating range from VCC = +2.7 to 3.6V, TAC = -40C to +85C, CL = 30pF (unless otherwise noted)
7. Device Operations for Synchronous Protocols
7.1 Clock and Data Transitions
The SDA pin is normally pulled high with an external device. Data on the SDA pin may change only during SCL low time periods (see Figure 7-3 on page 6). Data changes during SCL high periods will indicate a start or stop condition as defined below. 7.1.1 Start Condition A high-to-low transition of SDA with SCL high defines a START condition which must precede all commands (see Figure 7-4 on page 7). Stop Condition A low-to-high transition of SDA with SCL high defines a STOP condition. After a read sequence, the STOP condition will place the EEPROM in a standby power mode (see Figure 7-4 on page 7). ACKNOWLEDGE All addresses and data words are serially transmitted to and from the EEPROM in 8-bit words. The EEPROM sends a zero to acknowledge that it has received each word. This happens during the ninth clock cycle (see Figure 7-5 on page 7).
7.1.2
7.1.3
5
5204AS-CRYPT-7/08
7.2
Memory Reset
After an interruption in communication due protocol errors, power loss or any reason, perform "Acknowledge Polling" to properly recover from the condition. Acknowledge polling consists of sending a start condition followed by a valid CryptoMemory command byte and determining if the device responded with an ACKNOWLEDGE.
Figure 7-1.
Bus Time for 2-Wire Serial Communications. SCL: Serial Clock, SDA: Serial Data I/O
Figure 7-2.
Write Cycle Timing. SCL: Serial Clock, SDA: Serial Data I/O
SCL
SDA
8th BIT WORDn
ACK
tWR STOP CONDITION
Note:
(1)
START CONDITION
The Write Cycle time twr is the time from a valid stop condition of a write sequence to the end of the internal clear/write cycle.
Figure 7-3.
Data Validity
DATA CHANGE ALLOWED
6
AT88SC0808CA
5204AS-CRYPT-7/08
AT88SC0808CA
Figure 7-4. START and STOP Definitions
Figure 7-5.
Output Acknowledge
7
5204AS-CRYPT-7/08
8. Device Architecture
8.1 User Zones
The EEPROM user memory is divided into 8 zones of 1 Kbits each. Multiple zones allow for storage of different types of data or files in different zones. Access to user zones is permitted only after meeting proper security requirements. These security requirements are user definable in the configuration memory during device personalization. If the same security requirements are selected for multiple zones, then these zones may effectively be accessed as one larger zone. Figure 8-1.
ZONE $00 User 0 $78 User 1 User 6 $78 $00 User 7 $78 128 Bytes $00 128 Bytes
User Zone
$0 $1 $2 $3 $4 $5 $6 $7
8
AT88SC0808CA
5204AS-CRYPT-7/08
AT88SC0808CA
9. Control Logic
Access to the user zones occur only through the control logic built into the device. This logic is configurable through access registers, key registers and keys programmed into the configuration memory during device personalization. Also implemented in the control logic is a cryptographic engine for performing the various higher-level security functions of the device.
10. Configuration Memory
The configuration memory consists of 2048 bits of EEPROM memory used for storage of passwords, keys, codes, and also used for definition of security access rights for the user zones. Access rights to the configuration memory are defined in the control logic and are not alterable by the user after completion of personalization. Figure 10-1. Configuration Memory
$0 $00 $08 $10 $18 $20 $28 $30 $38 $40 $48 $50 $58 $60 $68 $70 $78 $80 $88 $90 $98 $A0 $A8 $B0 $B8 $C0 $C8 $D0 $D8 $E0 $E8 $F0 $F8 $1 $2 MTZ $3 $4 Answer To Reset $5 $6 $7 Identification Read Only PR3 PR7 Access Control
Fab Code DCR AR0 AR4
Card Manufacturer Code Lot History Code Identification Number Nc PR1 AR2 PR2 AR3 PR5 AR6 PR6 AR7 Reserved Issuer Code
PR0 PR4
AR1 AR5
For Authentication and Encryption use
Cryptography
For Authentication and Encryption use
Secret
PAC PAC PAC PAC PAC PAC PAC PAC
Write 0 Write 1 Write 2 Write 3 Write 4 Write 5 Write 6 Write 7
PAC PAC PAC PAC PAC PAC PAC PAC Reserved
Read 0 Read 1 Read 2 Read 3 Read 4 Read 5 Read 6 Read 7
Password
Forbidden
9
5204AS-CRYPT-7/08
10.1
Security Fuses
There are three fuses on the device that must be blown during the device personalization process. Each fuse locks certain portions of the configuration zone as OTP (One-Time Programmable) memory. Fuses are designed for the module manufacturer, card manufacturer and card issuer and should be blown in sequence, although all programming of the device and blowing of the fuses may be performed at one final step.
11. Communication Security Modes
Communications between the device and host operate in three basic modes. Standard mode is the default mode for the device after power-up. Authentication mode is activated by a successful authentication sequence. Encryption mode is activated by a successful encryption activation following a successful authentication.
Table 11-1.
Mode Standard
Communication Security Modes(1)
Configuration Data Clear Clear Clear User Data Clear Clear Encrypted Passwords Clear Encrypted Encrypted Data Integrity Check MDC MAC MAC
Authentication Encryption Note:
1. Configuration data include viewable areas of the Configuration Zone except the passwords: MDC: Modification Detection Code. MAC: Message Authentication Code.
12. Security Options
12.1 Anti-Tearing
In the event of a power loss during a write cycle, the integrity of the device's stored data is recoverable. This function is optional: the host may choose to activate the anti-tearing function, depending on application requirements. When anti-tearing is active, write commands take longer to execute, since more write cycles are required to complete them, and data is limited to a maximum of eight bytes for each write request.
Data is written first into a buffer zone in EEPROM instead of the intended destination address, but with the same access conditions. The data is then written in the required location. If this second write cycle is interrupted due to a power loss, the device will automatically recover the data from the system buffer zone at the next power-up. Non-volatile buffering of the data is done automatically by the device.
During power-up in applications using Anti-Tearing, the host is required to perform ACK polling in the event that the device needs to carry out the data recovery process.
10
AT88SC0808CA
5204AS-CRYPT-7/08
AT88SC0808CA
12.2 Write Lock
If a user zone is configured in the write lock mode, the lowest address byte of an 8-byte page constitutes a write access byte for the bytes of that page. For example, the write lock byte at $080 controls the bytes from $081 to $087. Table 12-1.
Address $080
Write Lock Example
$0 11011001 $1 xxxx xxxx locked $2 xxxx xxxx locked $3 xxxx xxxx $4 xxxx xxxx $5 xxxx xxxx locked $6 xxxx xxxx $7 xxxx xxxx
The Write-Lock byte itself may be locked by writing its least significant (rightmost) bit to "0". Moreover, when write lock mode is activated, the write lock byte can only be programmed - that is, bits written to "0" cannot return to "1".
In the write lock configuration, write operations are limited to writing only one byte at a time. Attempts to write more than one byte will result in writing of just the first byte into the device.
12.3
Password Verification
Passwords may be used to protect READ and/or WRITE access of any user zone. When a valid password is presented, it is memorized and active until power is turned off, unless a new password is presented or RST becomes active. There are eight password sets that may be used to protect any user zone. Only one password is active at a time.
Presenting the correct WRITE password also grants READ access privileges.
12.4
Authentication Protocol
The access to a user zone may be protected by an authentication protocol. Any one of four keys may be selected to use with a user zone.
Authentication success is memorized and active as long as the chip is powered, unless a new authentication is initialized or RST becomes active. If the new authentication request is not validated, the card loses its previous authentication which must be presented again to gain access. Only the latest request is memorized.
11
5204AS-CRYPT-7/08
Figure 12-1. Password and Authentication Operations
VERIFY RPW DATA Checksum (CS)
VERIFY CS
VERIFY CS Write DATA
CS
Note:
Authentication and password verification may be attempted at any time and in any order. Exceeding corresponding authentication or password attempts trial limit renders subsequent authentication or password verification attempts futile.
12.5
Cryptographic Message Authentication Codes
AT88SC0808CA implements a data validity check function in the standard, authentication or encryption modes of operation.
In the standard mode, data validity check is done through a Modification Detection Code (MDC), in which the host may read an MDC from the device in order to verify that the data sent was received correctly.
In authentication and encryption modes, the data validity check becomes more powerful since it provides a bidirectional data integrity check and data origin authentication capability in the form of a Message Authentication Codes (MAC). Only the host/device that carried out a valid authentication is capable of computing a valid MAC. While operating in the authentication or encryption modes, the use of MAC is required. For an ingoing command, if the device calculates a MAC different from the MAC transmitted by the host, not only is the command abandoned but the security privilege is revoked. A new authentication and/or encryption activation will be required to reactivate the MAC.
12
AT88SC0808CA
5204AS-CRYPT-7/08
AT88SC0808CA
12.6 Encryption
The data exchanged between the device and the host during read, write and verify password commands may be encrypted to ensure data confidentiality.
The issuer may choose to require encryption for a user zone by settings made in the configuration memory. Any one of four keys may be selected for use with a user zone. In this case, activation of the encryption mode is required in order to read/write data in the zone and only encrypted data will be transmitted. Even if not required, the host may still elect to activate encryption provided the proper keys are known.
12.7
Supervisor Mode
Enabling this feature allows the holder of one specific password to gain full access to all eight password sets, including the ability to change passwords.
12.8
Modify Forbidden
No write access is allowed in a user zone protected with this feature at any time. The user zone must be written during device personalization prior to blowing the security fuses.
12.9
Program Only
For a user zones protected by this feature, data can only be programmed (bits change from a "1" to a "0"), but not erased (bits change from a "0" to a "1").
13. Protocol Selection
The AT88SC0808CA supports two different communication protocols. Smartcard Applications: Smartcard applications use ISO 7816-B protocol in asynchronous T = 0 mode for compatibility and interoperability with industry standard smartcard readers.
Embedded Applications: A 2-wire serial interface provides fast and efficient connectivity with other logic devices or microcontrollers.
The power-up sequence determines establishes the communication protocol for use within that power cycle. Protocol selection is allowed only during power-up.
13.1
Synchronous 2-Wire Serial Interface
The synchronous mode is the default mode after power up. This is due to the presence of an internal pull-up on RST. For embedded applications using CryptoMemory in standard plastic packages, this is the only available communication protocol. Power-up VCC, RST goes high also. After stable VCC, SCL(CLK) and SDA(I/O) may be driven.
13
5204AS-CRYPT-7/08
Once synchronous mode has been selected, it is not possible to switch to asynchronous mode without first powering off the device. Figure 13-1. Synchronous 2-Wire Protocol
Vcc I/O-SDA RST CLK-SCL
Note:
1
2
3
4
5
Five clock pulses must be sent before the first command is issued.
13.2
Asynchronous T = 0 Protocol
This power-up sequence complies to ISO 7816-3 for a cold reset in smart card applications. VCC goes high; RST, I/O (SDA) and CLK (SCL) are low. Set I/O (SDA) in receive mode. Provide a clock signal to CLK (SCL). RST goes high after 400 clock cycles. The device will respond with a 64-bit ATR code, including historical bytes to indicate the memory density within the CryptoMemory family. Once asynchronous mode has been selected, it is not possible to switch to synchronous mode without first powering off the device.
Figure 13-2. Asynchronous T = 0 Protocol (Gemplus Patent)
Vcc I/O-SDA RST CLK-SCL ATR
14. Initial Device Programming
Enabling the security features of CryptoMemory requires prior personalization. Personalization entails setting up of desired access rights by zones, passwords and key values, programming these values into the configuration memory with verification using simple WRITE and READ commands, and then blowing fuses to lock this information in place.
Gaining access to the configuration memory requires successful presentation of a secure (or transport) code. The initial signature of the secure (transport) code for the AT88SC0808CA
14
AT88SC0808CA
5204AS-CRYPT-7/08
AT88SC0808CA
device is $22 E8 3F. This is the same as the WRITE 7 password. The user may elect to change the signature of the secure code anytime after successful presentation. After writing and verifying data in the configuration memory, the security fuses MUST be blown to lock this information in the device. For additional information on personalizing CryptoMemory, please see the application notes Programming CryptoMemory for Embedded Applications and Initia lizing CryptoM emory for Smart Card Applications from th e product page at www.atmel.com/products/securemem.
15. Ordering Information
Ordering Code AT88SC0808CA-MJ AT88SC0808CA-MP AT88SC0808CA-PU AT88SC0808CA-SU AT88SC0808CA-TU AT88SC0808CA-WI Package M2 - J Module M2 - P Module 8P3 8S1 8A2 7 mil wafer Voltage Range 2.7V-3.6V Temperature Range Commercial (0C to 70C) Lead-free/Halogen-free/Industrial (-40C to 85C) Industrial (-40C to 85C)
2.7V-3.6V 2.7V-3.6V
Package Type(1) M2 - J Module M2 - P Module 8P3 8S1 8A2 Note:
Description M2 ISO 7816 Smart Card Module M2 ISO 7816 Smart Card Module with Atmel(R) Logo 8-lead, 0.300" Wide, Plastic Dual Inline Package (PDIP) 8-lead, 0.150" Wide, Plastic Gull Wing Small Outline Package (JEDEC SOIC) 8-lead, 4.4mm Body, Plastic Thin Shrink Small Outline Package (TSSOP)
Formal drawings may be obtained from an Atmel sales office.
15
5204AS-CRYPT-7/08
16. Packaging Information
Ordering Code: MJ
Module Size: M2 Dimension*: 12.6 x 11.4 [mm] Glob Top: Round - 8.5 [mm] Thickness: 0.58 [mm] Pitch: 14.25 mm
Ordering Code: MP
Module Size: M2 Dimension*: 12.6 x 11.4 [mm] Glob Top: Square - 8.8 x 8.8 [mm] Thickness: 0.58 [mm] Pitch: 14.25 mm
*Note: The module dimensions listed refer to the dimensions of the exposed metal contact area. The actual dimensions of the module after excise or punching from the carrier tape are generally 0.4 mm greater in both directions (i.e., a punched M2 module will yield 13.0 x 11.8 mm).
Note: The module dimensions listed refer to the dimensions of the exposed metal contact area. The actual dimensions of the module after excise or punching from the carrier tape are generally 0.4 mm greater in both directions (i.e., a punched M2 module will yield 13.0 x 11.8 mm).
16
AT88SC0808CA
5204AS-CRYPT-7/08
AT88SC0808CA
17. Ordering Code: SU
17.1 8-lead SOIC
C
1
E
E1
N
L
O
TOP VIEW END VIEW
e b A A1
SYMBOL A A1 b C COMMON DIMENSIONS (Unit of Measure = mm) MIN 1.35 0.10 0.31 0.17 4.80 3.81 5.79 NOM - - - - - - - 1.27 BSC 0.40 0 - - 1.27 8 MAX 1.75 0.25 0.51 0.25 5.05 3.99 6.20 NOTE
D
D E1
SIDE VIEW
E e L
Note: These drawings are for general information only. Refer to JEDEC Drawing MS-012, Variation AA for proper dimensions, tolerances, datums, etc.
3/17/05 1150 E. Cheyenne Mtn. Blvd. Colorado Springs, CO 80906 TITLE 8S1, 8-lead (0.150" Wide Body), Plastic Gull Wing Small Outline (JEDEC SOIC) DRAWING NO. 8S1 REV. C
R
17
5204AS-CRYPT-7/08
18. Ordering Code: PU
18.1 8-lead PDIP
E E1
1
N
Top View
c eA
End View
D e D1 A2 A
SYMBOL
COMMON DIMENSIONS (Unit of Measure = inches) MIN NOM MAX NOTE
A A2 b b2 b3 c D 0.115 0.014 0.045 0.030 0.008 0.355 0.005 0.300 0.240 0.310 0.250 0.100 BSC 0.300 BSC 0.115 0.130 0.130 0.018 0.060 0.039 0.010 0.365
0.210 0.195 0.022 0.070 0.045 0.014 0.400
2
5 6 6
3 3
b2 b3
4 PLCS
L
D1 E E1 e eA L
b
0.325 0.280
4 3
Side View
4 0.150 2
Notes:
1. This drawing is for general information only; refer to JEDEC Drawing MS-001, Variation BA for additional information. 2. Dimensions A and L are measured with the package seated in JEDEC seating plane Gauge GS-3. 3. D, D1 and E1 dimensions do not include mold Flash or protrusions. Mold Flash or protrusions shall not exceed 0.010 inch. 4. E and eA measured with the leads constrained to be perpendicular to datum. 5. Pointed or rounded lead tips are preferred to ease insertion. 6. b2 and b3 maximum dimensions do not include Dambar protrusions. Dambar protrusions shall not exceed 0.010 (0.25 mm).
01/09/02 2325 Orchard Parkway San Jose, CA 95131 TITLE 8P3, 8-lead, 0.300" Wide Body, Plastic Dual In-line Package (PDIP) DRAWING NO. 8P3 REV. B
R
18
AT88SC0808CA
5204AS-CRYPT-7/08
AT88SC0808CA
18.2 8-lead TSSOP
19
5204AS-CRYPT-7/08
Headquarters
Atmel Corporation 2325 Orchard Parkway San Jose, CA 95131 USA Tel: 1(408) 441-0311 Fax: 1(408) 487-2600
International
Atmel Asia Room 1219 Chinachem Golden Plaza 77 Mody Road Tsimshatsui East Kowloon Hong Kong Tel: (852) 2721-9778 Fax: (852) 2722-1369 Atmel Europe Le Krebs 8, Rue Jean-Pierre Timbaud BP 309 78054 Saint-Quentin-enYvelines Cedex France Tel: (33) 1-30-60-70-00 Fax: (33) 1-30-60-71-11 Atmel Japan 9F, Tonetsu Shinkawa Bldg. 1-24-8 Shinkawa Chuo-ku, Tokyo 104-0033 Japan Tel: (81) 3-3523-3551 Fax: (81) 3-3523-7581
Product Contact
Web Site Technical Support www.atmel.com/products/securemem cryptomemory@atmel.com Sales Contact www.atmel.com/contacts
Literature Requests www.atmel.com/literature
Disclaimer: The information in this document is provided in connection with Atmel products. No license, express or implied, by estoppel or otherwise, to any intellectual property right is granted by this document or in connection with the sale of Atmel products. EXCEPT AS SET FORTH IN ATMEL'S TERMS AND CONDITIONS OF SALE LOCATED ON ATMEL'S WEB SITE, ATMEL ASSUMES NO LIABILITY WHATSOEVER AND DISCLAIMS ANY EXPRESS, IMPLIED OR STATUTORY WARRANTY RELATING TO ITS PRODUCTS INCLUDING, BUT NOT LIMITED TO, THE IMPLIED WARRANTY OF MERCHANTABILITY, FITNESS FOR A PARTICULAR PURPOSE, OR NON-INFRINGEMENT. IN NO EVENT SHALL ATMEL BE LIABLE FOR ANY DIRECT, INDIRECT, CONSEQUENTIAL, PUNITIVE, SPECIAL OR INCIDENTAL DAMAGES (INCLUDING, WITHOUT LIMITATION, DAMAGES FOR LOSS OF PROFITS, BUSINESS INTERRUPTION, OR LOSS OF INFORMATION) ARISING OUT OF THE USE OR INABILITY TO USE THIS DOCUMENT, EVEN IF ATMEL HAS BEEN ADVISED OF THE POSSIBILITY OF SUCH DAMAGES. Atmel makes no representations or warranties with respect to the accuracy or completeness of the contents of this document and reserves the right to make changes to specifications and product descriptions at any time without notice. Atmel does not make any commitment to update the information contained herein. Unless specifically provided otherwise, Atmel products are not suitable for, and shall not be used in, automotive applications. Atmel's products are not intended, authorized, or warranted for use as components in applications intended to support or sustain life.
(c) 2008 Atmel Corporation. All rights reserved. Atmel(R), logo and combinations thereof, Cryptomemory (R) and others, are registered trademarks or trademarks of Atmel Corporation or its subsidiaries. Other terms and product names may be trademarks of others.
5204AS-CRYPT-7/08


▲Up To Search▲   

 
Price & Availability of AT88SC0808CA

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X