Part Number Hot Search : 
MC10153 TOP265EG TF70910Y 2SK3125 TF70910Y LC9801 PFS727EG C1200
Product Description
Full Text Search
 

To Download 2SK2159 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SMD Type
MOS Field Effect Transistor 2SK2159
SOT-89
4.50
+0.1 -0.1
MOSFET
Unit: mm 1.50
+0.1 -0.1
Features
Capable of drive gate with 1.5 V Small RDS(on) RDS(on) = 0.7 RDS(on) = 0.3 MAX. @VGS = 1.5 V, ID = 0.1 A MAX. @VGS = 4.0 V, ID = 1.0 A
+0.1 1.80-0.1
+0.1 2.50-0.1
1
+0.1 0.48-0.1
2
3
+0.1 0.80-0.1
+0.1 0.53-0.1 +0.1 0.44-0.1
+0.1 2.60-0.1
+0.1 4.00-0.1
+0.1 3.00-0.1
+0.1 0.40-0.1
1. Base 1. Source 2. Collector 2. Drain 3. Emiitter 3. Gate
1 Gate
2 Drain
3 Source
Absolute Maximum Ratings Ta = 25
Parameter Drain to source voltage Gate to source voltage Drain current Power dissipation Channel temperature Storage temperature * PW 10ms,Duty Cycle 50% Symbol VDSS VGSS ID Idp * PD Tch Tstg Rating 60 14 2.0 4.0 2.0 150 -55 to +150 Unit V V A A W
Electrical Characteristics Ta = 25
Parameter Drain cut-off current Gate leakage current Gate to source cutoff voltage Forward transfer admittance Symbol IDSS IGSS Testconditons VDS=60V,VGS=0 VGS= 14V,VDS=0 0.5 0.4 0.55 0.27 0.22 319 VDS=10V,VGS=0,f=1MHZ 109 22 38 ID=1.0A,VGS(on)=3V,RL=25 ,RG=10 ,VDD=25V 128 237 130 0.7 0.5 0.3 pF pF pF ns ns ns ns 0.9 Min Typ Max 1.0 10 1.1 Unit A A V S
VGS(off) VDS=10V,ID=1mA Yfs VDS=10V,ID=1.0A VGS=1.5V,ID=0.1A
Drain to source on-state resistance
RDS(on) VGS=2.5V,ID=1.0A VGS=4.0V,ID=1.0A
Input capacitance Output capacitance Reverse transfer capacitance Turn-on delay time Rise time Turn-off delay time Fall time
Ciss Coss Crss td(on) tr td(off) tf
Marking
Marking NW
www.kexin.com.cn
1


▲Up To Search▲   

 
Price & Availability of 2SK2159

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X