Part Number Hot Search : 
RFX10 P89C52X2 1N5938 AM79C930 3L02A SMA33 2T09BB DTA123EM
Product Description
Full Text Search
 

To Download 2SK2133 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SMD Type
MOS Field Effect Power Transistor 2SK2133
TO-263
+0.1 1.27 -0.1
IC MOSFET
Unit: mm
+0.1 1.27-0.1 +0.2 4.57-0.2
Features
Low on-resistance RDS(on)=0.21 MAX.@VGS=10V,ID=8.0A
+0.2 8.7 -0.2
High avalanche capabil
+0.1 1.27-0.1
0.1max
+0.1 0.81-0.1
+0.2 5.28 -0.2
2.54
+0.2 -0.2 +0.1 5.08-0.1
+0.2 2.54 -0.2
+0.2 15.25 -0.2
Low Ciss Ciss=1090 pF TYP.
2.54
+0.2 0.4-0.2
Absolute Maximum Ratings Ta = 25
Parameter Drain to source voltage Gate to source voltage Drain current Power dissipation TA=25 TC=25 Channel temperature Storage temperature * PW 10 s,Duty Cycle 1% Tch Tstg Symbol VDSS VGSS ID Idp * PD Rating 250 30 16 64 1.5 75 150 -55 to +150 Unit V V A A W W
Electrical Characteristics Ta = 25
Parameter Drain cut-off current Gate leakage current Gate to source cutoff voltage Forward transfer admittance Drain to source on-state resistance Input capacitance Output capacitance Reverse transfer capacitance Turn-on delay time Rise time Turn-off delay time Fall time Symbol IDSS IGSS Testconditons VDS=250V,VGS=0 VGS= 30V,VDS=0 2.0 4.0 0.2 1090 VDS=10V,VGS=0,f=1MHZ 420 80 20 ID=8.0A,VGS(on)=10V,RL=18.75 ,RG=10 ,VDD=150V 40 60 20 0.26 pF pF pF ns ns ns ns Min Typ Max 100 10 4.0 Unit A A V S
VGS(off) VDS=10V,ID=1mA Yfs VDS=10V,ID=8.0A
RDS(on) VGS=10V,ID=8.0A Ciss Coss Crss td(on) tr td(off) tf
5.60
1 Gate 2 Drain 3 Source
www.kexin.com.cn
1


▲Up To Search▲   

 
Price & Availability of 2SK2133

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X