Part Number Hot Search : 
0TRPBF DS1626 BA592 NTE21 CDRH6D38 NC7SP05 MAX3023 E1300
Product Description
Full Text Search
 

To Download 2SK1587 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SMD Type
MOS Field Effect Transistor 2SK1587
SOT-89
+0.1 4.50-0.1
MOSFET
Unit: mm
+0.1 1.50-0.1
Features
Directly driven by Ics having a 3V power supply. Has low on-state resistance RDS(on)=0.8 MAX.@VGS=2.5V,ID=0.5A RDS(on)=0.5 MAX.@VGS=4.0V,ID=1.0A
+0.1 1.80-0.1
+0.1 2.50-0.1
1
+0.1 0.48-0.1
2
3
+0.1 0.80-0.1
+0.1 0.53-0.1 +0.1 0.44-0.1
+0.1 2.60-0.1
+0.1 4.00-0.1
+0.1 3.00-0.1
+0.1 0.40-0.1
1. Base 1. Source 2. Collector 2. Drain 3. Emiitter 3. Gate
1 Gate
2 Drain
3 Source
Absolute Maximum Ratings Ta = 25
Parameter Drain to source voltage Gate to source voltage Drain current (DC) Drain current(pulse) * Power dissipation Channel temperature Storage temperature * PW 10ms, duty cycle 5% Symbol VDSS VGSS ID ID PD Tch Tstg Rating 16 16 2.0 4.0 2.0 150 -55 to +150 Unit V V A A W
Electrical Characteristics Ta = 25
Parameter Drain cut-off current Gate leakage current Gate to source cutoff voltage Forward transfer admittance Drain to source on-state resistance Input capacitance Output capacitance Reverse transfer capacitance Turn-on delay time Rise time Turn-off delay time Fall time Symbol IDSS IGSS Testconditons VDS=16V,VGS=0 VGS= 16V,VDS=0 0.8 0.4 0.5 0.3 180 VDS=5.0V,VGS=0,f=1MHZ 160 55 100 ID=1.0A,VGS(on)=3.0V,RL=10 ,VDD=10V,RG=10 700 150 200 0.8 0.5 pF pF pF ns ns ns ns 1.2 Min Typ Max 10 5.0 1.6 Unit A A V s
VGS(off) VDS=10V,ID=1mA Yfs RDS(on) Ciss Coss Crss td(on) tr td(off) tf VDS=5.0V,ID=1.0A VGS=2.5V,ID=0.5A VGS=4.0V,ID=1.0A
Marking
Marking NF
www.kexin.com.cn
1


▲Up To Search▲   

 
Price & Availability of 2SK1587

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X