Part Number Hot Search : 
HT46R4A BAS21W ATTINY HYB51 S1210 EM641FV8 74F298 324DNSP
Product Description
Full Text Search
 

To Download 2SK1151S Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SMD Type
Silicon N-Channel MOSFET 2SK1151S
TO-252
+0.15 1.50-0.15
IC MOSFET
Features
Low on-resistance High speed switching
+0.2 9.70-0.2
Unit: mm
+0.1 2.30-0.1 +0.8 0.50-0.7
+0.15 6.50-0.15 +0.2 5.30-0.2
No secondary breakdown Suitable for switching regulator and DC-DC converter
+0.1 0.80-0.1
+0.15 0.50-0.15
0.127 max
+0.28 1.50-0.1
+0.25 2.65-0.1
+0.15 5.55-0.15
Low drive current
1 Gate 2 Drain 3 Source
2.3
+0.15 4.60-0.15
+0.1 0.60-0.1
Absolute Maximum Ratings Ta = 25
Parameter Drain to source voltage Gate to source voltage Drain current (DC) Drain current(pulse) * Power dissipation Channel temperature Storage temperature * PW 10 s, duty cycle 1% Symbol VDSS VGSS ID ID PD Tch Tstg Rating 450 30 1.5 6 20 150 -55 to +150 Unit V V A A W
Electrical Characteristics Ta = 25
Parameter Drain to source breakdown voltage Gate to source breakdown voltage Drain cut-off current Gate leakage current Gate to source cutoff voltage Forward transfer admittance Drain to source on-state resistance Input capacitance Output capacitance Reverse transfer capacitance Turn-on delay time Rise time Turn-off delay time Fall time Symbol VDSS VGSS IDSS IGSS Testconditons ID=10mA,VGS=0 ID= 100 A,VDS=0 Min 450 30 100 10 2.0 0.6 1.1 3.5 160 VDS=10V,VGS=0,f=1MHZ 45 5 5 ID=1A,VGS(on)=0,RL=30 10 20 10 5.5 pF pF pF ns ns ns ns 3.0 Typ Max Unit V V A A V s
VDS=360V,VGS=0 VGS= 25V,VDS=0
VGS(off) VDS=10V,ID=1mA Yfs VDS=20V,ID=1A
RDS(on) VGS=10V,ID=1A Ciss Coss Crss td(on) tr td(off) tf
3.80
www.kexin.com.cn
1


▲Up To Search▲   

 
Price & Availability of 2SK1151S

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X