Part Number Hot Search : 
F538L NIPPON 0165R ACT138 0165R 2SC1030 ACT138 F3205
Product Description
Full Text Search
 

To Download 2SD1664 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SMD Type
Medium Power Transistor 2SD1664
Transistors
Features
Low VCE(sat) Compliments to 2SB1132
Absolute Maximum Ratings Ta = 25
Parameter Collector-Base Voltage Collector-Emitter Voltage Emitter-Base Voltage Collector Current (DC) PW=20ms, duty=1/2 Collector Power Dissipation Jumction temperature Storage temperature Range * mounted on a 40x40x0.7mm ceramic board. PC * Tj Tstg Symbol VCBO VCEO VEBO IC Rating 40 32 5 1 2 0.5 150 -55 to +150 Unit V V V A A W
Electrical Characteristics Ta = 25
Parameter Collector Cut-off Current Emitter Cut-off Current Collector-base Breakdown Voltage Collector-emitter Breakdown Voltage Emitter-Base Breakdown Voltage DC Current Gain Collector-emitter Saturation Voltage Transition Frequency Collector Output Capacitance Symbol ICBO IEBO Testconditons VCB = 20V , IE = 0 VEB = 4V , IC = 0 40 32 5 82 0.15 150 15 390 0.4 V MHz pF Min Typ Max 0.5 0.5 Unit iA iA V V
V(BR)CBO IC = 50uA , IE = 0 V(BR)CEO IC = 1mA , IB = 0 V(BR)EBO IE = 50uA hFE VCE = -3V , IC = -0.1A
VCE(sat) IC = 500mA , IB = 50mA fT Cob VCE = 5V , IE = -50mA , f = 100MHz VCB = 10V , IE = 0 , f = 1MHz
hFE Classification
Marking Rank hFE 82 P 180 120 DA Q 270 180 R 390
www.kexin.com.cn
1
SMD Type
2SD1664
Electrical Characteristics Curves
Transistors
2
www.kexin.com.cn
SMD Type
2SD1664
Transistors
www.kexin.com.cn
3


▲Up To Search▲   

 
Price & Availability of 2SD1664

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X