Part Number Hot Search : 
W2A47 4757A LPD200MX SRR1208 83C51 LBA127L BR10150 TDA5250
Product Description
Full Text Search
 

To Download 2SD1624 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SMD Type
Transistors
NPN Epitaxial Planar Silicon Transistor 2SD1624
Features
Low collector-to-emitter saturation voltage. Fast switching speed.
Absolute Maximum Ratings Ta = 25
Parameter Collector-base voltage Collector-emitter voltage Emitter-base voltage Collector current Collector current (pulse) Collector dissipation Junction temperature Storage temperature * Mounted on ceramic board(250mm2X0.8mm) Symbol VCBO VCEO VEBO IC ICP PC PC * Tj Tstg Rating 60 50 6 3 6 500 1.5 150 -55 to +150 Unit V V V A A mW W
www.kexin.com.cn
1
SMD Type
2SD1624
Electrical Characteristics Ta = 25
Parameter Collector cutoff current Emitter cutoff current DC current gain Gain bandwidth product Output capacitance Collector-emitter saturation voltage Base-emitter saturation voltage Collector-base breakdown voltage Collector-emitter breakdown voltage Emitter-base breakdown voltage Turn-on timie Storage time Turn-off time Symbol ICBO IEBO hFE fT Cob Testconditons VCB = 40 V, IE=0 VEB = 4 V, IC=0 VCE = 2 V , IC = 100 mA VCE = 10 V , IC = 50 mA VCB = 10 V , f = 1.0MHz
Transistors
Min
Typ
Max 1 1
Unit iA iA
100 150 25 0.19
560 MHz pF 0.5 1.2 V V V V V 70 650 35 ns ns ns
VCE(sat) IC = 2 A , IB = 100 mA VBE(sat) IC = 2 A , IB = 100 mA V(BR)CBO IC = 10iA , IE = 0 V(BR)CEO IC = 1mA , RBE = V(BR)EBO IE = 10iA , IC = 0 ton tstg tf 60 50 6
hFE Classification
Marking Rank hFE R 100 200 S 140 280 DG T 200 400 U 280 560
2
www.kexin.com.cn


▲Up To Search▲   

 
Price & Availability of 2SD1624

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X