Part Number Hot Search : 
P89C664 NJU87 CX1624 9853A AT54A BCM1125 ON1049 1KL3B
Product Description
Full Text Search
 

To Download 2SD1622 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SMD Type
Transistors
NPN Epitaxial Planar Silicon Transistor 2SD1622
Features
Adoption of FBET process.. Very small size making it easy to provide highdensity hybrid IC' s.
Absolute Maximum Ratings Ta = 25
Parameter Collector-base voltage Collector-emitter voltage Emitter-base voltage Collector current Collector current (pulse) Collector dissipation Junction temperature Storage temperature * Mounted on ceramic board(250mm2X0.8mm) Symbol VCBO VCEO VEBO IC ICP PC PC * Tj Tstg Rating 60 50 5 1 2 500 1.3 150 -55 to +150 Unit V V V A A mW W
www.kexin.com.cn
1
SMD Type
2SD1622
Electrical Characteristics Ta = 25
Parameter Collector cutoff current Emitter cutoff current DC current gain Gain bandwidth product Output capacitance Collector-emitter saturation voltage Base-emitter saturation voltage Collector-base breakdown voltage Collector-emitter breakdown voltage Emitter-base breakdown voltage Turn-on timie Symbol ICBO IEBO hFE fT Cob Testconditons VCB = 50 V, IE=0 VEB = 4 V, IC=0 VCE = 2 V , IC = 100 mA VCE = 10 V , IC = 50 mA VCB = 10 V , f = 1.0MHz 100 Min
Transistors
Typ
Max 100 100 560
Unit nA nA
150 8.5 120 0.9 60 50 5 40 300 1.2
MHz pF mV V V V V ns
VCE(sat) IC = 500 mA , IB = 50 mA VBE(sat) IC = 500 mA , IB = 50 mA V(BR)CBO IC = 10iA , IE = 0 V(BR)CEO IC = 1mA , RBE = V(BR)EBO IE = 10iA , IC = 0 ton
Storage time
tstg
350
ns
Turn-off time
tf
30
ns
hFE Classification
Marking Rank hFE R 100 200 S 140 280 DE T 200 400 U 280 560
2
www.kexin.com.cn


▲Up To Search▲   

 
Price & Availability of 2SD1622

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X