Part Number Hot Search : 
PMBFJ111 Z89135 92001 16000 BTA20 92001 NTE5454 M6585
Product Description
Full Text Search
 

To Download 2SD1553 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Inchange Semiconductor
Product Specification
Silicon NPN Power Transistors
2SD1553
DESCRIPTION With TO-3P(H)IS package Built-in damper diode High voltage ,high speed Low collector saturation voltage APPLICATIONS For color TV horizontal output applications
PINNING PIN 1 2 3 DESCRIPTION Base Collector Emitter Fig.1 simplified outline (TO-3P(H)IS) and symbol
Absolute maximum ratings (Ta=25ae )
SYMBOL VCBO VCEO VEBO IC IB PC Tj Tstg

PARAMETER
CHA IN
Collector current Base current
Collector-base voltage
Collector-emitter voltage Emitter-base voltage
E SEM NG
Open base
Open emitter
OND IC
CONDITIONS
TOR UC
VALUE 1500 600 5 2.5 1 40 150 -55~150
UNIT V V V A A W ae ae
Open collector
Collector power dissipation Junction temperature Storage temperature
Inchange Semiconductor
Product Specification
Silicon NPN Power Transistors
CHARACTERISTICS
Tj=25ae unless otherwise specified PARAMETER CONDITIONS MIN
2SD1553
SYMBOL
TYP.
MAX
UNIT
V(BR)EBO
Emitter-base breakdown voltage
IE=200mA , IC=0
5
V
VCEsat
Collector-emitter saturation voltage
IC=2A; IB=0.6A
5.0
8.0
V
VBEsat
Base-emitter saturation voltage
IC=2A; IB=0.6A
1.5
V
ICBO
Collector cut-off current
VCB=500V; IE=0
10
|I
A
hFE
DC current gain
IC=0.5A ; VCE=5V
8
fT
Transition frequency
IC=0.1A ; VCE=10V
3
MHz
COB
Collector output capacitance
VF
Fall time
Diode forward voltage

IE=0 ; VCB=10V;f=1MHz
tf
IN
ANG CH
MIC E SE
IF=2.5A ICP=2A ;IB1(end)=0.6A
DUC ON
95
TOR
2.0 1.0 |I
pF
1.6
V
0.5
s
2
Inchange Semiconductor
Product Specification
Silicon NPN Power Transistors
PACKAGE OUTLINE
2SD1553

CHA IN
E SEM NG
OND IC
TOR UC
Fig.2 Outline dimensions (unindicated tolerance:A
0.15 mm)
3


▲Up To Search▲   

 
Price & Availability of 2SD1553

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X