Part Number Hot Search : 
A3514 BC847UF CJ170A GRM216 645TS ACHIPS RKV502KK 13237EE
Product Description
Full Text Search
 

To Download 2SD1410 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 INCHANGE Semiconductor
isc Product Specification
isc Silicon NPN Darlington Power Transistor
2SD1410
DESCRIPTION *Collector-Emitter Sustaining Voltage: VCEO(SUS)= 250V(Min) *Collector-Emitter Saturation Voltage:V CE(sat)= 2.0V(Max) @IC= 4A *High DC Current Gain : hFE= 2000(Min) @ IC= 2A, VCE= 2V
APPLICATIONS *Igniter applications *High voltage switching applications
ABSOLUTE MAXIMUM RATINGS(Ta=25)
SYMBOL VCBO VCEO VEBO IC IB
B
PARAMETER Collector-Base Voltage Collector-Emitter Voltage Emitter-Base Voltage Collector Current-Continuous Base Current-Continuous Collector Power Dissipation @ Ta=25
VALUE 300 250 5 6 1 2.0
UNIT V V V A A
PC Collector Power Dissipation @ TC=25 TJ Tstg Junction Temperature Storage Temperature Range 30 150 -55~150
W

isc Websitewww.iscsemi.cn
INCHANGE Semiconductor
isc Product Specification
isc Silicon NPN Darlington Power Transistor
ELECTRICAL CHARACTERISTICS
TC=25 unless otherwise specified SYMBOL PARAMETER CONDITIONS MIN
2SD1410
TYP.
MAX
UNIT
VCEO(SUS)
Collector-Emitter Sustaining Voltage
IC= 0.5A ; L= 40mH
250
V
VCE(sat)
Collector-Emitter Saturation Voltage
IC= 4A; IB= 40mA
B
2.0
V
VBE(sat)
Base-Emitter Saturation Voltage
IC= 4A; IB= 40mA
B
2.5
V A
ICBO
Collector Cutoff Current
VCB= 300V; IE= 0
500
IEBO
Emitter Cutoff Current
VEB= 5V; IC=0
500
A
hFE -1
DC Current Gain
IC= 2A ; VCE= 2V
2000
hFE -2
DC Current Gain
IC= 4A ; VCE= 2V
200
COB
Output Capacitance
IE= 0 ; VCB= 10V; ftest=1MHz
35
pF
Switching times s
ton
Turn-on Time IC= 4A , IB1= -IB2= 40mA RL= 25; VCC= 100V
1.0
tstg
Storage Time
8.0
s
tf
Fall Time
5.0
s
isc Websitewww.iscsemi.cn
2
INCHANGE Semiconductor
isc Product Specification
isc Silicon NPN Darlington Power Transistor
2SD1410
isc Websitewww.iscsemi.cn


▲Up To Search▲   

 
Price & Availability of 2SD1410

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X