Part Number Hot Search : 
JRC0168 HT82V KSC1070 V585ME42 Z1175 ST62P10C BUF672 SRF04
Product Description
Full Text Search
 

To Download 2SD1270 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Inchange Semiconductor
Product Specification
Silicon NPN Power Transistors
2SD1270
DESCRIPTION With TO-220Fa package Low collector saturation voltage Large collector current IC Complement to type 2SB945 APPLICATIONS For power switching applications
PINNING PIN 1 2 3 DESCRIPTION Base Collector Fig.1 simplified outline (TO-220Fa) and symbol Emitter
ABSOLUTE MAXIMUM RATINGS AT Ta=25ae
SYMBOL VCBO VCEO VEBO IC ICM

PARAMETER
CHA IN
Collector-base voltage
Collector-emitter voltage
E SEM NG
Open emitter
OND IC
CONDITIONS
TOR UC
VALUE 130 80 7 5 10
UNIT V V V A A
Open base Open collector
Emitter-base voltage Collector current (DC)
Collector current-peak TC=25ae
40 W 2 150 -55~150 ae ae
PC
Collector power dissipation Ta=25ae
Tj Tstg
Junction temperature Storage temperature
Inchange Semiconductor
Product Specification
Silicon NPN Power Transistors
CHARACTERISTICS
Tj=25ae unless otherwise specified PARAMETER Collector-emitter breakdown voltage Collector-emitter saturation voltage Base-emitter saturation voltage Collector cut-off current Emitter cut-off current DC current gain DC current gain Transition frequency CONDITIONS IC=10mA , IB=0 IC=4A; IB=0.2A IC=4A ;IB=0.2A VCB=100V; IE=0 VEB=5V; IC=0 IC=0.1A ; VCE=2V IC=2A ; VCE=2V IC=0.5A;VCE=10V;f=10MHz 45 60 30 MIN 80
2SD1270
SYMBOL V(BR)CEO VCEsat VBEsat ICBO IEBO hFE-1 hFE-2 fT
TYP.
MAX
UNIT V
0.5 1.5 10 50 |I |I
V V A A
260 MHz
Switching times ton ts tf
Fall time
Turn-on time Storage time

hFE-2 Classifications R 60-120 Q 90-180 P 130-260
INC
E SEM ANG H
IC=2A ;IB1=0.2A ;IB2=-0.2A VCC=50V
OND IC
TOR UC
0.5 1.5 0.15
|I |I |I
s s s
2
Inchange Semiconductor
Product Specification
Silicon NPN Power Transistors
PACKAGE OUTLINE
2SD1270

CHA IN
E SEM NG
OND IC
TOR UC
Fig.2 Outline dimensions (unindicated tolerance:A
0.15 mm)
3
Inchange Semiconductor
Product Specification
Silicon NPN Power Transistors
2SD1270

CHA IN
E SEM NG
OND IC
TOR UC
4


▲Up To Search▲   

 
Price & Availability of 2SD1270

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X