Part Number Hot Search : 
0605D ISL9440A 72012 230D6 600BW SF166CT EK7304 1N541508
Product Description
Full Text Search
 

To Download 2SD1254 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SMD Type
Silicon NPN epitaxial planar type 2SD1254
TO-252
Transistors
Unit: mm 2.30
+0.8 0.50-0.7 +0.1 -0.1
Features
Low collector-emitter saturation voltage VCE(sat). Satisfactory linearity of forward current transfer ratio hFE.
+0.2 9.70 -0.2
+0.15 1.50 -0.15
6.50 +0.2 5.30-0.2
+0.15 -0.15
Large collector current IC.
+0.1 0.80-0.1
+0.15 0.50 -0.15
0.127 max
2.3
+0.15 4.60-0.15
+0.1 0.60-0.1
+0.28 1.50 -0.1
+0.25 2.65 -0.1
+0.15 5.55 -0.15
1 Base 2 Collector 3 Emitter
Absolute Maximum Ratings Ta = 25
Parameter Collector-base voltage Collector-emitter voltage Emitter-base voltage Collector current Peak collector current Collector power dissipation Ta = 25 Junction temperature Storage temperature Tj Tstg Symbol VCBO VCEO VEBO IC ICP PC Rating 130 80 7 3 6 30 1.3 150 -55 to +150 Unit V V V A A W W
Electrical Characteristics Ta = 25
Parameter Collector-emitter voltage Collector-base cutoff current Emitter-base cutoff current Forward current transfer ratio Forward current transfer ratio Collector-emitter saturation voltage Base-emitter saturation voltage Transition frequency Turn-on time Storage time Fall time Symbol VCEO ICBO IEBO hFE Testconditons IC = 10 mA, IB = 0 VCB = 100 V, IE = 0 VEB = 5 V, IC = 0 VCE = 2 V, IC = 0.5 A VCE = 2 V, IC = 0.1 A VCE(sat) IC = 2 A, IB = 0.1 A VBE(sat) IC = 2 A, IB = 0.1 A fT ton tstg tf VCE = 10 V, IC = 0.5 A, f = 10 MHz IC=0.5A IB1=-IB2=50 mA VCC=50V 30 0.5 2.5 0.15 60 45 0.5 1.5 V V MHz is is is Min 80 10 50 260 Typ Max Unit V iA iA
hFE Classification
Rank hFE R 60 120 Q 90 180 P 130 260
3.80
www.kexin.com.cn
1


▲Up To Search▲   

 
Price & Availability of 2SD1254

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X