Part Number Hot Search : 
LTV814M TDA737 PTB200 10A03 2SB815 10A03 ML4335 ML4335
Product Description
Full Text Search
 

To Download 2SD1252 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SMD Type
Transistors
Silicon NPN Triple Diffusion Junction Type 2SD1252,2SD1252A
TO-252
Unit: mm 2.30
+0.8 0.50-0.7 +0.1 -0.1
Features
Power transistors.
+0.15 1.50 -0.15
6.50 +0.2 5.30-0.2
+0.15 -0.15
+0.2 9.70 -0.2
+0.1 0.80-0.1
+0.15 0.50 -0.15
0.127 max
2.3
+0.15 4.60-0.15
+0.1 0.60-0.1
+0.28 1.50 -0.1
+0.25 2.65 -0.1
+0.15 5.55 -0.15
1 Base 2 Collector 3 Emitter
Absolute Maximum Ratings Ta = 25
Parameter Collector-base voltage 2SD1252 2SD1252A Collector-emitter voltage 2SD1252 2SD1252A Emitter-base voltage Collector current Peak collector current Collector power dissipation Ta = 25 Tc = 25 Junction temperature Storage temperature Tj Tstg VEBO IC ICP PC VCEO Symbol VCBO Rating 60 80 60 80 6 3 5 1.3 35 150 -55 to +150 Unit V V V V V A A W W
3.80
www.kexin.com.cn
1
SMD Type
2SD1252,2SD1252A
Electrical Characteristics Ta = 25
Parameter Collector-emitter voltage 2SD1252 2SD1252A Base-emitter voltage Collector-emitter cutoff current 2SD1252 2SD1252A Collector-emitter cutoff current 2SD1252 2SD1252A Emitter-base cutoff current Forward current transfer ratio Forward current transfer ratio Collector-emitter saturation voltage Transition frequency 2SD1252 2SD1252A Turn-on time Storage time Fall time ton tstg tf IC=1A IB1=-IB2=0.1 A VCC=50V IEBO hFE ICEO VBE ICES VCE = 4 V, IC = 3 A VCE = 60 V, VBE = 0 VCE = 80 V, VBE = 0 VCE = 30 V, IB = 0 VCE = 40 V, IB = 0 VEB = 6 V, IC = 0 VCE = 4 V, IC = 1 A VCE = 4 V, IC = 3 A VCE(sat) IC = 3 A, IB = 0.375 A fT VCE = 5 V, IC = 0.5 A, f = 10 MHz Symbol VCEO Testconditons IC = 30 mA, IB = 0
Transistors
Min 60 80
Typ
Max
Unit V V
1.8 200 200 300 300 1 40 10 1.2 30 25 0.5 2.5 0.4 250
V iA iA iA iA mA
V MHz MHz is is is
hFE Classification
Rank hFE R 40 90 Q 70 150 P 120 250
2
www.kexin.com.cn


▲Up To Search▲   

 
Price & Availability of 2SD1252

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X