Part Number Hot Search : 
20153 R2010 FDMC8200 TC322 UNR2218 HY1418 VBS20 SD205
Product Description
Full Text Search
 

To Download 2SD1251 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SMD Type
Transistors
Silicon NPN Triple Diffusion Junction Type 2SD1251,2SD1251A
TO-252
+0.15 1.50 -0.15
Unit: mm 2.30
+0.8 0.50-0.7 +0.1 -0.1
Features
Wide area of safe operation.
6.50 +0.2 5.30-0.2
+0.15 -0.15
+0.2 9.70 -0.2
+0.1 0.80-0.1
+0.15 0.50 -0.15
0.127 max
2.3
+0.15 4.60-0.15
+0.1 0.60-0.1
+0.28 1.50 -0.1
+0.25 2.65 -0.1
+0.15 5.55 -0.15
1 Base 2 Collector 3 Emitter
Absolute Maximum Ratings Ta = 25
Parameter Collector-base voltage 2SD1251 2SD1251A Collector-emitter voltage 2SD1251 2SD1251A Emitter-base voltage Collector current Peak collector current Base current Collector power dissipation Ta = 25 Tc = 25 Junction temperature Storage temperature Tj Tstg VEBO IC ICP IB PC VCEO Symbol VCBO Rating 60 80 60 80 8 4 6 1 1.3 30 150 -55 to +150 Unit V V V V V A A A W W
3.80
www.kexin.com.cn
1
SMD Type
2SD1251,2SD1251A
Electrical Characteristics Ta = 25
Parameter Collector-base cutoff current Emitter-base cutoff current Collector to emitter voltage 2SD1251 2SD1251A Forward current transfer ratio Forward current transfer ratio Base-emitter voltage Collector-emitter saturation voltage Transition frequency VBE hFE VCE = 3 V, IC = 1 A VCE = 3 V, IC = 0.1 A VCE = 3 V, IC = 1 A Symbol ICBO IEBO Testconditons VCB = 20 V, IE = 0 VEB = 8 V, IC = 0
Transistors
Min
Typ
Max 30 1
Unit iA mA
VCEO(sus) IC = 0.25 A, L = 25 mH
60 80 30 40 1.2 1 1 V V MHz 160
VCE(sat) IC = 2 A, IB = 0.4 A fT VCE = 10 V, IC = 0.2 A, f = 0.5 MHz
hFE Classification
Rank hFE Q 30 60 P 50 100 O 80 160
2
www.kexin.com.cn


▲Up To Search▲   

 
Price & Availability of 2SD1251

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X