Part Number Hot Search : 
LM2BB20W M393B MMDF2P0 WTD40N03 ON0666 SR1060 68HC08 4AUP1G
Product Description
Full Text Search
 

To Download 2SC4536 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 INCHANGE Semiconductor
isc RF Product Specification
isc Silicon NPN RF Transistor
2SC4536
DESCRIPTION *Low Noise NF = 1.5 dB TYP. @VCE = 10 V, IC = 10 mA, f = 1 GHz *Low Distortion IM2 = 57.5 dB TYP. @VCE = 10 V, IC = 50 mA IM3 = 82 dB TYP. @VCE = 10 V, IC = 50 mA
APPLICATIONS *Designed for use in middle power , low distortion low noise figure RF amplifier.
ABSOLUTE MAXIMUM RATINGS(Ta=25)
SYMBOL PARAMETER VALUE UNIT
VCBO
Collector-Base Voltage
30
V
VCEO
Collector-Emitter Voltage
15
V
VEBO
Emitter-Base Voltage
3.0
V
IC
Collector Current-Continuous Collector Power Dissipation @TC=25 Junction Temperature
0.25
A
PC
2
W
TJ
150
Tstg
Storage Temperature Range
-65~150
isc Websitewww.iscsemi.cn
INCHANGE Semiconductor
isc RF Product Specification
isc Silicon NPN RF Transistor
ELECTRICAL CHARACTERISTICS
TC=25 unless otherwise specified SYMBOL PARAMETER CONDITIONS MIN
2SC4536
TYP.
MAX
UNIT
ICBO
Collector Cutoff Current
VCB= 20V; IE= 0
5.0
A
IEBO
Emitter Cutoff Current
VEB= 2V; IC= 0
5.0
A
hFE
DC Current Gain
IC= 50mA ; VCE= 10V
40
200
S21e2
Insertion Power Gain
IC= 50mA ; VCE= 10V;f= 1.0GHz
5.5
7.3
dB
NF
Noise Figure
IC= 50mA ; VCE= 10V;f= 500MHz
1.5
dB
NF
Noise Figure
IC= 50mA ; VCE= 10V;f= 1.0GHz VCE = 10 V, IC = 50 mA, RS = RL = 75 Pin = 105 dBV/75 , f1 = 190 MHz f2 = 90 MHz, f = f1 f2 VCE = 10 V, IC = 50 mA, RS = RL = 75 Pin = 105 dBV/75 , f1 = 190 MHz f2 = 200 MHz, f = 2 x f1 f2
2.0
dB
IM2
2nd Intermodulation Distortion
59
dB
IM3
3rd Intermodulation Distortion
82
dB
hFE Classification Class Marking hFE QQ QQ 40-80 QR QR 60-120 QS QS 100-200
isc Websitewww.iscsemi.cn
2
INCHANGE Semiconductor
isc RF Product Specification
isc Silicon NPN RF Transistor
2SC4536
isc Websitewww.iscsemi.cn
INCHANGE Semiconductor
isc RF Product Specification
isc Silicon NPN RF Transistor
2SC4536
isc Websitewww.iscsemi.cn
4
INCHANGE Semiconductor
isc RF Product Specification
isc Silicon NPN RF Transistor
S-PARAMETER
VCE = 10 V, IC = 50 mA Freque. (MHz) 100 200 300 400 500 600 700 800 900 1000 1100 1200 1300 1400 1500 1600 1700 1800 1900 2000 MAG 0.455 0.425 0.419 0.422 0.431 0.425 0.445 0.435 0.470 0.442 0.468 0.451 0.477 0.478 0.492 0.490 0.503 0.505 0.512 0.522
2SC4536
S11
ANG -139.5 -164.6 -177.2 175.9 167.7 162.2 155.2 151.7 146.4 142.1 138.1 132.3 129.4 124.2 122.1 116.9 115.8 111.9 109.3 105.4 MAG 19.845 10.155 7.482 5.341 4.356 3.612 3.271 2.843 2.497 2.292 2.163 1.982 1.816 1.712 1.701 1.538 1.489 1.399 1.445 1.291
S21
ANG 103.5 93.1 86.4 78.5 75.3 71.2 68.1 61.6 58.6 56.5 51.9 48.1 44.4 43.7 38.6 35.7 32.6 32.0 28.2 24.3 MAG 0.033 0.057 0.085 0.100 0.125 0.148 0.179 0.194 0.210 0.237 0.270 0.285 0.296 0.315 0.349 0.355 0.375 0.382 0.424 0.414
S12
ANG 59.9 65.8 65.7 63.8 67.5 65.7 64.1 60.6 61.2 60.6 57.8 54.6 53.3 53.8 49.7 47.3 44.5 44.9 42.2 39.4 MAG 0.359 0.211 0.184 0.173 0.174 0.175 0.176 0.179 0.191 0.186 0.196 0.203 0.220 0.221 0.237 0.230 0.255 0.260 0.276 0.269
S22
ANG -92.5 -113.9 -126.8 -138.5 -140.9 -146.8 -150.6 -152.4 -157.3 -157.7 -160.9 -162.5 -165.7 -168.8 -170.9 -172.1 -174.8 -177.1 -178.7 175.9
isc Websitewww.iscsemi.cn
INCHANGE Semiconductor
isc RF Product Specification
isc Silicon NPN RF Transistor
2SC4536
VCE = 10 V, IC = 100 mA Freque. (MHz) 100 200 300 400 500 600 700 800 900 1000 1100 1200 1300 1400 1500 1600 1700 1800 1900 2000 MAG 0.458 0.423 0.417 0.422 0.431 0.422 0.445 0.432 0.466 0.440 0.465 0.450 0.472 0.473 0.490 0.485 0.500 0.500 0.509 0.516
S11
ANG -145.3 -169.1 179.5 173.6 165.5 160.6 153.7 150.5 145.2 140.9 137.1 131.3 128.6 123.5 121.5 116.5 115.0 111.2 108.5 104.9 MAG 20.257 10.259 7.545 5.390 4.387 3.633 3.290 2.864 2.514 2.306 2.177 1.994 1.830 1.723 1.713 1.549 1.498 1.411 1.455 1.302
S21
ANG 101.0 91.6 85.5 78.0 74.8 70.9 67.8 61.6 58.6 56.5 52.0 48.2 44.6 44.0 38.9 35.9 32.8 32.3 28.4 24.4 MAG 0.035 0.059 0.084 0.103 0.126 0.149 0.183 0.197 0.215 0.242 0.274 0.289 0.300 0.321 0.357 0.359 0.379 0.387 0.431 0.418
S12
ANG 53.6 71.2 67.2 65.6 68.1 67.1 65.1 60.4 62.6 60.5 57.9 54.6 52.8 53.2 49.2 46.6 44.1 44.6 41.8 38.4 MAG 0.333 0.207 0.181 0.179 0.180 0.185 0.185 0.188 0.199 0.195 0.203 0.210 0.228 0.228 0.246 0.234 0.259 0.264 0.279 0.273
S22
ANG -100.7 -123.1 -136.8 -147.4 -148.8 -154.0 -157.9 -159.2 -163.7 -163.9 -167.3 -168.5 -170.8 -173.3 -176.1 -178.0 -179.9 178.3 176.2 171.0
isc Websitewww.iscsemi.cn
6


▲Up To Search▲   

 
Price & Availability of 2SC4536

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X