Part Number Hot Search : 
A3260 MQ2219Q MICROS ENN8179 S21MT1 MIC21 A3260 A3260
Product Description
Full Text Search
 

To Download 2SC4497 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SMD Type
Silicon NPN Triple Diffused Type 2SC4497
SOT-23
+0.1 2.9-0.1 +0.1 0.4-0.1
Transistors
Unit: mm
Features
+0.1 2.4-0.1
Low saturation voltage. Small collector output capacitance.
+0.1 1.3-0.1
High voltage.
1
+0.1 0.95-0.1 +0.1 1.9-0.1
2
0.55
0.4
3
+0.05 0.1-0.01
+0.1 0.97-0.1
1.Base 2.Emitter 3.collector
Absolute Maximum Ratings Ta = 25
Parameter Collector-base voltage Collector-emitter voltage Emitter-base voltage Collector current Base current Collector power dissipation Junction temperature Storage temperature Symbol VCBO VCEO VEBO IC IB PC Tj Tstg Rating 300 300 6 100 20 200 150 -55 to +150 Unit V V V mA mA mW
Electrical Characteristics Ta = 25
Parameter Collector cut-off current Emitter cut-off current Collector-base breakdown voltage Collector-emitter breakdown voltage DC current gain Collector-emitter saturation voltage Base-emitter saturation voltage Transition frequency Collector output capacitance Symbol ICBO IEBO Testconditons VCB = 300 V, IE = 0 VEB = 6 V, IC = 0 300 300 30 20 0.5 1.2 70 3 4 V V MHz pF 150 Min Typ Max 0.1 0.1 Unit iA iA V V
V(BR)CBO IC = 0.1 mA, IE = 0 V(BR)CEO IC = 1 mA, IB = 0 hFE VCE = 10 V, IC = 20 mA VCE = 10 V, IC = 1mA VCE (sat) IC = 20 mA, IB = 2 mA VBE (sat) IC = 20 mA, IB = 2 mA fT Cob VCE = 10 V, IC = 10 mA VCB = 20 V, IE = 0, f = 1 MHz
hFE Classification
Marking Rank hFE 3R R 30 90 3O O 50 150
+0.1 0.38-0.1
0-0.1
www.kexin.com.cn
1


▲Up To Search▲   

 
Price & Availability of 2SC4497

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X