Part Number Hot Search : 
P31430 74AUP S08A90 7C126 MAX20 F060250 26000 E1525A
Product Description
Full Text Search
 

To Download 2SC3117 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Inchange Semiconductor
Product Specification
Silicon NPN Power Transistors
DESCRIPTION With TO-126 package Complement to type 2SA1249 High breakdown voltage Large current capacity APPLICATIONS Color TV sound output;converters; Inverters' applications 160V/1.5A switching applications
PINNING PIN 1 2 3 Emitter Collector;connected to mounting base Base DESCRIPTION
2SC3117
Absolute maximum ratings(Ta=25ae )
SYMBOL VCBO VCEO VEBO IC ICM PARAMETER

INC
Collector-base voltage
Collector-emitter voltage
E SEM ANG H
OND IC
CONDITIONS
TOR UC
VALUE 180 160 6 1.5 2.5 UNIT V V V A A
Open emitter
Open base Open collector
Emitter-base voltage
Collector current Collector current-peak Ta=25ae
1.0 W 10 150 -55~150 ae ae
PC
Collector power dissipation TC=25ae
Tj Tstg
Junction temperature Storage temperature
Inchange Semiconductor
Product Specification
Silicon NPN Power Transistors
CHARACTERISTICS
Tj=25ae unless otherwise specified PARAMETER Collector-emitter breakdown voltage Collector-base breakdown voltage Emitter-base breakdown voltage Collector-emitter saturation voltage Base-emitter saturation voltage Collector cut-off current Emitter cut-off current DC current gain DC current gain CONDITIONS IC=1mA; RBE= IC=10|I IE=10|I A; IE=0 A ; IC=0 MIN
2SC3117
SYMBOL V(BR)CEO V(BR)CBO V(BR)EBO VCEsat VBEsat ICBO IEBO hFE-1 hFE-2 fT Cob
TYP. 160 180 6 0.13 0.85
MAX
UNIT V V V
IC=500mA; IB=50mA IC=500mA; IB=50mA VCB=120V; IE=0 VEB=4V; IC=0 IC=100mA ; VCE=5V IC=10mA ; VCE=5V 100 90
0.45 1.2 1.0 1.0 |I |I
V V A A
S
Transition frequency

hFE-1 Classifications R 100-200
CHA IN
Output capacitance
E SEM NG
IC=50mA ; VCE=10V
OND IC
TOR UC
400 120 22 MHz pF
IE=0 ; VCB=10V;f=1MHz
T 200-400
140-280
2
Inchange Semiconductor
Product Specification
Silicon NPN Power Transistors
PACKAGE OUTLINE
2SC3117

CHA IN
E SEM NG
OND IC
TOR UC
Fig.2 Outline dimensions
3
Inchange Semiconductor
Product Specification
Silicon NPN Power Transistors
2SC3117

CHA IN
E SEM NG
OND IC
TOR UC
4


▲Up To Search▲   

 
Price & Availability of 2SC3117

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X