Part Number Hot Search : 
0A120 1C102 MA46504 MA2C167 SP334ET 154741 5663B MAX3229
Product Description
Full Text Search
 

To Download 2SC3074 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SMD Type
Silicon NPN Epitaxial 2SC3074
TO-252
Transistors
Unit: mm 2.30
+0.8 0.50-0.7 +0.1 -0.1
Features
Low collector saturation voltage. High speed switching time.
+0.2 9.70 -0.2
+0.15 1.50 -0.15
6.50 +0.2 5.30-0.2
+0.15 -0.15
+0.1 0.80-0.1
+0.15 0.50 -0.15
0.127 max
2.3
+0.15 4.60-0.15
+0.1 0.60-0.1
+0.28 1.50 -0.1
+0.25 2.65 -0.1
+0.15 5.55 -0.15
1 Base 2 Collector 3 Emitter
Absolute Maximum Ratings Ta = 25
Parameter Collector-base voltage Collector-emitter voltage Emitter-base voltage Collector current Base current Collector power dissipation Ta = 25 Tc = 25 Junction temperature Storage temperature Tj Tstg Symbol VCBO VCEO VEBO IC IB PC Rating 60 50 5 5 1 1.0 20 150 -55 to +150 Unit V V V A A W W
3.80
www.kexin.com.cn
1
SMD Type
2SC3074
Electrical Characteristics Ta = 25
Parameter Collector cut-off current Emitter cut-off current Collector-emitter breakdown voltage DC current gain Collector-emitter saturation voltage Base-emitter saturation voltage Transition frequency Collector output capacitance Turn-on time Symbol ICBO IEBO V(BR)CEO hFE VCE (sat) VBE (sat) fT Cob ton Testconditons VCB = 50 V, IE = 0 VEB = 5 V, IC = 0 IC = 10 mA, IB = 0 VCE = 1 V, IC = 1 A VCE = 1 V, IC = 3 A IC = 3 A, IB = 0.15 A IC = 3 A, IB = 0.15 A VCE = 4 V, IC = 1 A VCB = 10 V, IE = 0, f = 1 MHz 50 70 30 Min
Transistors
Typ
Max 1 1
Unit iA iA V
240
0.2 0.9 120 80 0.1
0.4 1.2
V V MHz pF is
Storage time
tstg
1
is
Fall time
tf
0.1
is
hFE Classification
Marking Rank hFE O 70 140 C3074 Y 120 240
2
www.kexin.com.cn


▲Up To Search▲   

 
Price & Availability of 2SC3074

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X