Part Number Hot Search : 
FSDM0365 EVAL2 82562G FSDM0365 APM4052D M41ST MUR16 M41ST
Product Description
Full Text Search
 

To Download 2SC2880 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SMD Type
High Voltage Switching Applications 2SC2880
Transistors
Features
High Voltage : VCEO = 150V High Transition Frequency : fT = 120MHz(typ.) Small Flat Package Complementary to 2SA1200
Absolute Maximum Ratings Ta = 25
Parameter Collector-Emitter Voltage Collector-Base Voltage Emitter-Base Voltage Collector Current Base Current Collector Power Dissipation Jumction temperature Storage temperature * Mounted on a ceramic substrate (250 mm2 x 0.8 t) Symbol VCEO VCBO VEBO IC IB PC PC * Tj Tstg Rating 150 200 5 50 10 500 800 150 -55 to +150 Unit V V V mA mA mW
Electrical Characteristics Ta = 25
Parameter Emitter Cut-off Current Collector Cut-off Current DC Current Gain Collector-Emitter Saturation Voltage Base-Emitter Voltage Transtion Frequency Collector Output Capacitance Symbol IEBO ICBO hFE Testconditons VEB = 5V , IC = 0 VCB = 200V , IE = 0 VCE = 5V , IC = 10mA 70 Min Typ Max 0.1 0.1 240 0.5 1 120 3.5 5.0 V V MHz pF Unit A A
VCE(sat) IC = 10mA , IB = 1mA VBE fT Cob VCE = 5V , IC = 30mA VCE = 30V , IC = 10mA VCB = 10V , IE = 0 , f = 1MHz
hFE Classification
Marking Rank hFE O 70 140 A Y 120 240
www.kexin.com.cn
1
SMD Type
2SC2880
Electrical Characteristics Curves
Transistors
2
www.kexin.com.cn
SMD Type
2SC2880
Transistors
www.kexin.com.cn
3


▲Up To Search▲   

 
Price & Availability of 2SC2880

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X