Part Number Hot Search : 
BS62L LTC35 SWFC4140 VWO60 2SA1125 IRFBC20 A1011 2SD220
Product Description
Full Text Search
 

To Download 2SC2688 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Inchange Semiconductor
Product Specification
Silicon NPN Power Transistors
2SC2688
DESCRIPTION With TO-126 package High breakdown voltage High transition frequency APPLICATIONS Designed for use in Color TV chroma output circuits.
PINNING PIN 1 2 3 DESCRIPTION Emitter Collector;connected to mounting base Base
Absolute maximum ratings(Ta=25ae )
SYMBOL VCBO VCEO VEBO IC

PARAMETER
CHA IN
Collector current
Collector-base voltage
Collector-emitter voltage
E SEM NG
Open emitter
OND IC
CONDITIONS
TOR UC
VALUE 300 300 5 0.2
UNIT V V V A
Open base Open collector
Emitter-base voltage
Ta=25ae PC Collector power dissipation TC=25ae Tj Tstg Junction temperature Storage temperature
1.25 W 10 150 -55~150 ae ae
Inchange Semiconductor
Product Specification
Silicon NPN Power Transistors
CHARACTERISTICS
Tj=25ae unless otherwise specified PARAMETER CONDITIONS MIN
2SC2688
SYMBOL
TYP.
MAX
UNIT
VCEsat
Collector-emitter saturation voltage
IC=50mA; IB=5mA
1.5
V
V(BR)CEO ICBO
Collector-emitter breakdown voltage
IC=1mA; IB=0 VCB=200V; IE=0
300
V
Collector cut-off current
0.1
|I
A
IEBO
Emitter cut-off current
VEB=5V; IC=0
0.1
|I
A
hFE
DC current gain
IC=10mA ; VCE=10V
40
250
fT
Transition frequency
IC=10mA ; VCE=30V
40
MHz
Cre
Feedback capacitance
IE=0 ; VCB=10V;f=1MHz
hFE Classifications N
M

L 100-200
40-80
CHA IN
60-120
E SEM NG
K 160-250
OND IC
TOR UC
3.0
pF
2
Inchange Semiconductor
Product Specification
Silicon NPN Power Transistors
PACKAGE OUTLINE
2SC2688

CHA IN
E SEM NG
OND IC
TOR UC
Fig.2 Outline dimensions
3


▲Up To Search▲   

 
Price & Availability of 2SC2688

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X