Part Number Hot Search : 
090A0 UN211T SK033 NJM2153 20001 MBR20100 BL55024 SS3P3L
Product Description
Full Text Search
 

To Download 2SC2344 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Inchange Semiconductor
Product Specification
Silicon NPN Power Transistors
2SC2344
DESCRIPTION With TO-220 package Complement to type 2SA1011 APPLICATIONS High voltage switching Audio frequency power amplifier; 100W output predriver applications
PINNING PIN 1 2 3 Base Collector;connected to mounting base Emitter Fig.1 simplified outline (TO-220) and symbol DESCRIPTION
Absolute maximum ratings(Ta=25ae )
SYMBOL VCBO VCEO VEBO IC ICM PT Tj Tstg

PARAMETER
CHA IN
Collector current
Collector-base voltage
Collector-emitter voltage
E SEM NG
Open emitter
OND IC
CONDITIONS
TOR UC
VALUE 180 160 6 1.5 3.0
UNIT V V V A A W ae ae
Open base Open collector
Emitter-base voltage
Collector current-Peak Total power dissipation Junction temperature Storage temperature TC=25ae
25 150 -55~150
Inchange Semiconductor
Product Specification
Silicon NPN Power Transistors
CHARACTERISTICS
Tj=25ae unless otherwise specified PARAMETER Base-emitter breakdown voltage Collector-base breakdown voltage Emitter-base breakdown voltage Collector-emitter saturation voltage Base-emitter voltage Collector cut-off current Emitter cut-off current DC current gain Transition frequency CONDITIONS IC=10mA ,RBE= IC=1mA; IE=0 IE=1mA; IC=0 IC=0.5A; IB=50mA IC=10mA ; VCE=5V VCB=120V; IE=0 VEB=4V; IC=0 IC=0.3A ; VCE=5V IC=50mA ; VCE=10V f=1MHz ; VCB=10V 60 MIN 160 180 6 0.3 1.5 TYP.
2SC2344
SYMBOL V(BR)CEO V(BR)CBO V(BR)EBO VCEsat VBE ICBO IEBO hFE fT Cob
MAX
UNIT V V V V V
10 10 200
|I |I
A A
Switching times resistive load ton ts tf Turn-on time Storage time
Output capacitance

CHA IN
Fall time
E SEM NG
OND IC
TOR UC
100 23 0.15 0.81 0.48
MHz pF
|I |I |I
s s s
IC=0.5A IB1=- IB2=50mA
hFE Classifications D 60-120 E 100-200
2
Inchange Semiconductor
Product Specification
Silicon NPN Power Transistors
PACKAGE OUTLINE
2SC2344

CHA IN
E SEM NG
OND IC
TOR UC
Fig.2 Outline dimensions(unindicated tolerance:A
0.10 mm)
3
Inchange Semiconductor
Product Specification
Silicon NPN Power Transistors
2SC2344

CHA IN
E SEM NG
OND IC
TOR UC
4
Inchange Semiconductor
Product Specification
Silicon NPN Power Transistors
2SC2344

CHA IN
E SEM NG
OND IC
TOR UC
5


▲Up To Search▲   

 
Price & Availability of 2SC2344

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X