Part Number Hot Search : 
RS203 UPC1823A SI4435DY 12AD5 10773A 80486 MC332980 1N4460
Product Description
Full Text Search
 

To Download 2SC1942 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Inchange Semiconductor
Product Specification
Silicon NPN Power Transistors
2SC1942
DESCRIPTION With TO-3 package High breakdown voltage High speed switching APPLICATIONS For TV horizontal output applications
PINNING (See Fig.2) PIN 1 2 3 Base Emitter Collector Fig.1 simplified outline (TO-3) and symbol DESCRIPTION
Absolute maximum ratings(Ta=25ae )
SYMBOL VCBO VCEO VEBO IC PT Tj Tstg
Collector-base voltage

PARAMETER
CONDITIONS Open emitter
Collector-emitter voltage
IN
Emitter-base voltage
Collector current
ANG CH
SEM E
Open base Open collector TC=25ae
OND IC
TOR UC
VALUE 1500 800 6 3 50 150 -65~150 ae ae
UNIT V V V A W
Total power dissipation Junction temperature Storage temperature
THERMAL CHARACTERISTICS
SYMBOL Rth j-C PARAMETER Thermal resistance from junction to case VALUE 2.5 UNIT ae /W
Inchange Semiconductor
Product Specification
Silicon NPN Power Transistors
CHARACTERISTICS
Tj=25ae unless otherwise specified PARAMETER CONDITIONS MIN TYP.
2SC1942
SYMBOL
MAX
UNIT
VCEO(SUS)
Collector-emitter sustaining voltage
IC=0.1A ; IB=0
800
V
V(BR)EBO
Emitter-base breakdown voltage
IE=1mA ; IC=0
6
V
VCEsat
Collector-emitter saturation voltage
IC=2.5A; IB=0.8A
5.0
V
VBEsat
Base-emitter saturation voltage
IC=2.5A; IB=0.8A
1.5
V
ICBO
Collector cut-off current
VCB=600V; IE=0
10
|I
A
IEBO
Emitter cut-off current
VEB=5V; IC=0
10
|I
A
hFE
DC current gain

IC=1 A ; VCE=5V
8
40
HAN INC
SEM GE
OND IC
TOR UC
2
Inchange Semiconductor
Product Specification
Silicon NPN Power Transistors
PACKAGE OUTLINE
2SC1942
SEM GE
HAN INC
OND IC
TOR UC
Fig.2 Outline dimensions
3


▲Up To Search▲   

 
Price & Availability of 2SC1942

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X