Part Number Hot Search : 
2SB1420 1FM44 LT1033CP 128K8 LC96P STD83 PEB20954 MCDK21
Product Description
Full Text Search
 

To Download 2SC1623 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SMD Type
NPN Silicon Transistor 2SC1623
SOT-23
+0.1 2.9-0.1 +0.1 0.4-0.1
Transistors
Unit: mm
+0.1 2.4-0.1
High DC Current Gain: hFE = 200 TYP. VCE = 6.0 V, IC = 1.0 mA High Voltage: VCE O = 50 V
+0.1 1.3-0.1
Features
1
+0.1 0.95-0.1 +0.1 1.9-0.1
2
0.55
0.4
3
+0.05 0.1-0.01
+0.1 0.97-0.1
1.Base 2.Emitter 3.collector
Absolute Maximum Ratings Ta = 25
Parameter Collector to base voltage Collector to emitter voltage Emitter to base voltage Collector current (DC) Collector power dissipation Junction temperature Storage temperature range Symbol VCBO VCEO VEBO IC PC Tj Tstg Rating 60 50 5 100 200 150 -55 to +150 Unit V V V mA mW
Electrical Characteristics Ta = 25
Parameter Collector cutoff current Emitter cutoff current DC current gain * Collector-emitter saturation voltage * Base-emitter saturation voltage * Base-emitter voltage * Output capacitance Transiton Frequency *. PW 350is,duty cycle 2% Symbol ICBO IEBO hFE Testconditons VCB = 60V, IE=0 VEB = 5V, IC=0 VCE = 6V , IC = 1mA 90 200 0.15 0.86 0.55 0.62 3.0 250 Min Typ Max 0.1 0.1 600 0.3 1 0.65 V V V pF MHz Unit A A
VCE(sat) IC = 100mA , IB = 10mA VBE(sat) IC = 100mA , IB = 10mA VBE Cob fT VCE = 6V , IC = 1mA VCB = 6V , IE = 0 , f = 1.0MHz VCE = 6V , IE = -10mA
hFE Classification
Marking hFE L4 90 to 180 L5 135 to 270 L6 200 to 400 L7 300 to 600
+0.1 0.38-0.1
0-0.1
www.kexin.com.cn www.kesenes.com
1
SMD Type
2SC1623
Typical Characteristics
Transistors Diodes
Fig.1 Total power dissipation vs. ambient temperature
Fig.2 Normalized collector cutoff current vs. ambient temperature
Fig.3 Collector current vs.collector to emitter voltage
Fig.4 Collector current vs. collector to emitter voltage
Fig.5 DC current gain vs. collector current
Fig.6 DC current gain vs.Collector current
2
www.kexin.com.cn
SMD Type
2SC1623
Transistors Diodes
Fig. 7 Collector current vs.base to emitter voltage
Fig. 8 Collector and base saturation voltage vs.collector current
Fig. 9 Gain bandwidth product vs. emitter current
Fig. 10 Input and output capacitance vs. reverse voltage
Fig. 11 Small signal current gain vs. DC current gain
Fig.12 Input impedance voltage feedback ratio and output admittance vs.small signal current gain
www.kexin.com.cn
3
SMD Type
2SC1623
Transistors Diodes
Fig.13 Normalzed h-parameter vs.collector current
Fig.14 Normalzed h-parameter vs.collector to emitter voltage
4
www.kexin.com.cn


▲Up To Search▲   

 
Price & Availability of 2SC1623

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X