Part Number Hot Search : 
BF494 IZ0065 TPV693 C7001 ER50004 WB91SL K3109 BAS116
Product Description
Full Text Search
 

To Download 2SB794 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Inchange Semiconductor
Product Specification
Silicon PNP Power Transistors
DESCRIPTION With TO-126 package DARLINGTON High DC current gain Low collector saturation voltage Complement to type 2SD985 2SD986 APPLICATIONS For use in operating from IC without predriver ,such as hammer driver
PINNING(See Fig.2) PIN 1 2 3 DESCRIPTION Emitter Collector;connected to mounting base Base
2SB794 2SB795
Absolute maximum ratings(Ta=25ae )
SYMBOL PARAMETER

VCBO
VCEO
HAN INC
Collector-base voltage Collector-emitter voltage Emitter-base voltage Collector current (DC) Collector current-peak
SEM GE
2SB794 2SB795 2SB794 Open base 2SB795
CONDITIONS
OND IC
TOR UC
VALUE -60 -80 -60
UNIT
Open emitter
V
V -80
VEBO IC ICM
Open collector
-8 -1.5 -3.0
V A A
Ta=25ae PD Total power dissipation TC=25ae Tj Tstg Junction temperature Storage temperature
1.0 W 10 150 -55~150 ae ae
Inchange Semiconductor
Product Specification
Silicon PNP Power Transistors
CHARACTERISTICS
Tj=25ae unless otherwise specified PARAMETER 2SB794 V(BR)CEO Collector-emitter breakdown voltage 2SB795 VCEsat VBEsat Collector-emitter saturation voltage Base-emitter saturation voltage 2SB794 ICBO Collector cut-off current 2SB795 IEBO hFE-1 hFE-2 Emitter cut-off current DC current gain DC current gain VCB=-80V; IE=0 VEB=-5V; IC=0 IC=-0.5A ; VCE=-2V IC=-1A ; VCE=-2V 1000 IC=-1A ;IB=-1mA IC=-1A ;IB=-1mA VCB=-60V; IE=0 IC=-10mA ;IB=0 -80 CONDITIONS MIN -60
2SB794 2SB795
SYMBOL
TYP.
MAX
UNIT
V
-1.5 -2.0
V V
-1.0
|I
A
-2.0
mA
IN

Switching times ton tstg tf
Turn-on time Storage time Fall time
ANG CH
EMIC ES
OND
2000
TOR UC
30000 0.5 1.0 1.0 |I |I |I s s s
IC=-1.0A ; IB1=-IB2=-1.0mA VCC=-50V;RL=50|
hFE-2 Classifications M 2000-5000 L 4000-10000 K 8000-30000
2
Inchange Semiconductor
Product Specification
Silicon PNP Power Transistors
PACKAGE OUTLINE
2SB794 2SB795
SEM GE
HAN INC
OND IC
TOR UC
Fig.2 Outline dimensions
3


▲Up To Search▲   

 
Price & Availability of 2SB794

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X