Part Number Hot Search : 
A1193 P6KE350A 476M0 S3503 S541A A51BD P6KE350A BL758L
Product Description
Full Text Search
 

To Download 2SB566 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Inchange Semiconductor
Product Specification
Silicon PNP Power Transistors
2SB566 2SB566A
DESCRIPTION With TO-220C package Complement to type 2SD476/476A APPLICATIONS For low frequency power amplifier power switching applications
PINNING PIN 1 2 3 DESCRIPTION Emitter Collector;connected to mounting base Base Fig.1 simplified outline (TO-220) and symbol
Absolute maximum ratings(Tc=25ae )
SYMBOL VCBO

PARAMETER
Collector-base voltage
VCEO
VEBO IC ICM PC Tj Tstg
HAN INC
Collector-emitter voltage Emitter-base voltage Collector current Collector current-peak
SEM GE
2SB566 2SB566A
Open emitter
OND IC
CONDITIONS
TOR UC
VALUE -70 -50 -60 -5 -4 -8
UNIT V
Open base
V
Open collector
V A A W ae ae
Collectorl power dissipation Junction temperature Storage temperature
TC=25ae
40 150 -55~150
Inchange Semiconductor
Product Specification
Silicon PNP Power Transistors
CHARACTERISTICS
Tj=25ae unless otherwise specified PARAMETER Collector-base breakdown voltage 2SB566 IC=-50mA; RBE= 2SB566A IE=-10|I A; IC=0 IC=-10|I CONDITIONS A ; IE=0
2SB566 2SB566A
SYMBOL V(BR)CBO
MIN -70 -50
TYP.
MAX
UNIT V
V(BR)CEO
Collector-emitter breakdown voltage
V -60 -5 -1.0 -1.2 -1 35 60 200 |I V V V A
V(BR)EBO VCEsat VBEsat ICBO hFE-1 hFE-2 fT
Emitter-base breakdown votage Collector-emitter saturation voltage Base-emitter saturation voltage Collector cut-off current DC current gain DC current gain
IC=-2 A;IB=-0.2 A IC=-2 A;IB=-0.2 A VCB=-50V; IE=0 IC=-0.1A ; VCE=-4V IC=-1A ; VCE=-4V IC=-0.5A ; VCE=-4V
Switching times ton toff tstg
Transition frequency

Turn-on time Turn-off time Storage time
ANG INCH
C 100-200
EMIC ES
IC=-0.5A ; VCC=-10.5V IB1=-IB2=-0.05 A
DUC ON
15 0.3 3.0 2.5
TOR
MHz
|I |I |I
s s s
hFE-2 classifications B 60-120
2
Inchange Semiconductor
Product Specification
Silicon PNP Power Transistors
PACKAGE OUTLINE
2SB566 2SB566A
SEM GE
HAN INC
OND IC
TOR UC
Fig.2 Outline dimensions (unindicated tolerance:A
0.10 mm)
3
Inchange Semiconductor
Product Specification
Silicon PNP Power Transistors
2SB566 2SB566A
SEM GE
HAN INC
OND IC
TOR UC
4


▲Up To Search▲   

 
Price & Availability of 2SB566

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X