Part Number Hot Search : 
FR301 IP00BW HF33F F3142 2N5088 5821A BFXXXX RF840
Product Description
Full Text Search
 

To Download 2SA743A Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 INCHANGE Semiconductor
isc Product Specification
isc Silicon PNP Power Transistor
2SA743A
DESCRIPTION *Good Linearity of hFE *High Collector-Emitter Breakdown VoltageV(BR)CEO= -80V (Min) *Complement to Type 2SC1212A
APPLICATIONS *Designed for use in low frequency power amplifier applications.
ABSOLUTE MAXIMUM RATINGS(Ta=25)
SYMBOL PARAMETER VALUE UNIT
VCBO
Collector-Base Voltage
-80
V
VCEO
Collector-Emitter Voltage
-80
V
VEBO
Emitter-Base Voltage
-4
V
IC
Collector Current-Continuous Collector Power Dissipation @ Ta=25
-1
A
0.75 W
PC Total Power Dissipation @ TC=25 TJ Junction Temperature 8
150
Tstg
Storage Temperature Range
-55~150
isc Websitewww.iscsemi.cn
INCHANGE Semiconductor
isc Product Specification
isc Silicon PNP Power Transistor
ELECTRICAL CHARACTERISTICS
TC=25 unless otherwise specified SYMBOL PARAMETER CONDITIONS MIN
2SA743A
TYP.
MAX
UNIT
V(BR)CBO
Collector-Base Breakdown Voltage
IC= -1mA; IE= 0
-80
V
V(BR)CEO
Collector-Emitter Breakdown Voltage
IC= -10mA; RBE=
-80
V
V(BR)EBO
Emitter-Base Breakdown Voltage
IE= -1mA; IC= 0
-4
V
VCE(sat)
Collector-Emitter Saturation Voltage
IC= -1A; IB= -0.1A
B
-1.5
V
VBE(on)
Base-Emitter On Voltage
IC= -50mA ; VCE= -4V
-1.0
V
ICER
Collector Cutoff Current
VCE= -80V; RBE= 1k
-20
A
hFE-1
DC Current Gain
IC= -50mA ; VCE= -4V
60
200
hFE-2
DC Current Gain
IC= -1A ; VCE= -4V
20
fT
Current-Gain--Bandwidth Product
IC= -30mA ; VCE= -4V
120
MHz
hFE-1 Classifications B 60-120 C 100-200
isc Websitewww.iscsemi.cn
2


▲Up To Search▲   

 
Price & Availability of 2SA743A

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X