Part Number Hot Search : 
FSS104 00111 P6KE200C HZK11A A1603 SMTHDT80 CEFB202 5KP45
Product Description
Full Text Search
 

To Download 2SA1941 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 INCHANGE Semiconductor
isc Product Specification
isc Silicon PNP Power Transistor
2SA1941
DESCRIPTION *Low Collector Saturation Voltage: VCE(sat)=- 2.0V(Min) @IC=- 7A *Good Linearity of hFE *Complement to Type 2SC5198 APPLICATIONS *Power amplifier applications *Recommend for 70W high fidelity audio frequency amplifier output stage applications
ABSOLUTE MAXIMUM RATINGS(Ta=25)
SYMBOL PARAMETER VALUE UNIT
VCBO
Collector-Base Voltage
-140
V
VCEO
Collector-Emitter Voltage
-140
V
VEBO
Emitter-Base Voltage
-5
V
IC
Collector Current-Continuous
-10
A
IB
B
Base Current-Continuous Collector Power Dissipation @ TC=25 Junction Temperature
-1
A
PC
100
W
TJ
150
Tstg
Storage Temperature Range
-55~150
isc Websitewww.iscsemi.cn
INCHANGE Semiconductor
isc Product Specification
isc Silicon PNP Power Transistor
ELECTRICAL CHARACTERISTICS
TC=25 unless otherwise specified SYMBOL PARAMETER CONDITIONS MIN
2SA1941
TYP.
MAX
UNIT
V(BR)CEO
Collector-Emitter Breakdown Voltage
IC= -50mA ; IB= 0
-140
V
VCE(sat)
Collector-Emitter Saturation Voltage
IC= -7.0A; IB= -0.7A
B
-2.0
V
VBE(on)
Base-Emitter On Voltage
IC= -5A ; VCE= -5V
-1.5
V
ICBO
Collector Cutoff Current
VCB= -140V ; IE=0
-5
A
IEBO
Emitter Cutoff Current
VEB= -5V; IC=0
-5
A
hFE-1
DC Current Gain
IC= -1A ; VCE= -5V
55
160
hFE-2
DC Current Gain
IC= -5A ; VCE= -5V
35
COB
Output Capacitance
IE=0 ; VCB= -10V;ftest= 1.0MHz
320
pF
fT
Current-Gain--Bandwidth Product
IC=-1A ; VCE= -5V
30
MHz
hFE-1 Classifications R 55-110 O 80-160
isc Websitewww.iscsemi.cn
2
INCHANGE Semiconductor
isc Product Specification
isc Silicon PNP Power Transistor
2SA1941
isc Websitewww.iscsemi.cn


▲Up To Search▲   

 
Price & Availability of 2SA1941

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X