Part Number Hot Search : 
X9279UBI Y2832 MX565AJD 5NF06 AVC16 8168B HD6417 FMM5057X
Product Description
Full Text Search
 

To Download 2SA1329 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Inchange Semiconductor
Product Specification
Silicon PNP Power Transistors
2SA1329
DESCRIPTION *With TO-220 package *Complement to type 2SC3346 *Low collector saturation voltage *High speed switching time APPLICATIONS *High current switching applications
PINNING PIN 1 2 3 DESCRIPTION Emitter Collector;connected to mounting base Base Fig.1 simplified outline (TO-220) and symbol
Absolute maximum ratings(Ta=25)
SYMBOL VCBO VCEO VEBO IC IB
B
PARAMETER Collector-base voltage Collector-emitter voltage Emitter-base voltage Collector current Base current Collector power dissipation Junction temperature Storage temperature TC=25
CONDITIONS Open emitter Open base Open collector
VALUE -80 -80 -6 -12 -2 40 150 -55~150
UNIT V V V A A W
PC Tj Tstg
Inchange Semiconductor
Product Specification
Silicon PNP Power Transistors
CHARACTERISTICS
Tj=25 unless otherwise specified SYMBOL V(BR)CEO VCEsat VBEsat ICBO IEBO hFE-1 hFE-2 Cob fT PARAMETER Collector-emitter breakdown voltage Collector-emitter saturation voltage Base-emitter saturation voltage Collector cut-off current Emitter cut-off current DC current gain DC current gain Output capacitance Transition frequency CONDITIONS IC=-50mA ,IB=0 IC=-6A; IB=-0.3A IC=-6A; IB=-0.3A VCB=-80V; IE=0 VEB=-6V; IC=0 IC=-1A ; VCE=-1V IC=-6A ; VCE=-1V IE=0 ; VCB=-10V;f=1MHz IC=-1A ; VCE=-5V 70 40 400 50 MIN -80
2SA1329
TYP.
MAX
UNIT V
-0.2 -0.9
-0.4 -1.2 -10 -10 240
V V A A
pF MHz
Switching times ton ts tf Turn-on time Storage time Fall time IB1=- IB2=-0.3A RL=5;VCC=-30V 0.3 1.0 0.5 s s s
hFE-1 Classifications O 70-140 Y 120-240
2
Inchange Semiconductor
Product Specification
Silicon PNP Power Transistors
PACKAGE OUTLINE
2SA1329
Fig.2 Outline dimensions(unindicated tolerance:0.10 mm)
3
Inchange Semiconductor
Product Specification
Silicon PNP Power Transistors
2SA1329
4


▲Up To Search▲   

 
Price & Availability of 2SA1329

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X